Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6647 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX6647
Description  145°C Precision SMBus-Compatible Remote/ Local Sensors with Overtemperature Alarms
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6647 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX6647 Datasheet HTML 6Page - Maxim Integrated Products MAX6647 Datasheet HTML 7Page - Maxim Integrated Products MAX6647 Datasheet HTML 8Page - Maxim Integrated Products MAX6647 Datasheet HTML 9Page - Maxim Integrated Products MAX6647 Datasheet HTML 10Page - Maxim Integrated Products MAX6647 Datasheet HTML 11Page - Maxim Integrated Products MAX6647 Datasheet HTML 12Page - Maxim Integrated Products MAX6647 Datasheet HTML 13Page - Maxim Integrated Products MAX6647 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
+145°C Precision SMBus-Compatible Remote/
Local Sensors with Overtemperature Alarms
10
Conversion Rate Byte
The conversion rate register (Table 8) programs the time
interval between conversions in free-running autonomous
mode (RUN = 0). This variable rate control can be used
to reduce the supply current in portable-equipment appli-
cations. The conversion rate byte’s POR state is 07h or
4Hz. The MAX6646/MAX6647/MAX6649 look only at the 3
LSBs of this register, so the upper 5 bits are “don’t care”
bits, which should be set to zero. The conversion rate tol-
erance is ±25% at any rate setting.
Valid A/D conversion results for both channels are avail-
able two total conversion times (250ms nominal, 312ms
maximum) after initiating a conversion, whether conver-
sion is initiated through the RUN bit, one-shot com-
mand, or initial power-up. Changing the conversion rate
can also affect the delay until new results are available.
REGISTER
ADDRESS
POR STATE
FUNCTION
RLTS
00h
0000 0000
0°C
Read local (internal) temperature
RRTE
01h
0000 0000
0°C
Read remote (external) temperature
RSL
02h
N/A
Read status byte
RCL
03h
0000 0000
Read configuration byte
RCRA
04h
0000 0111
Read conversion rate byte
RLHN
05h
0101 0101
+85°C
Read local (internal) ALERT high limit
RLLI
06h
0000 0000
0°C
Read local (internal) ALERT low limit
0101 1111
+95°C
Read remote (external) ALERT high limit (MAX6646/MAX6647)
RRHI
07h
0101 0101
+85°C
Read remote (external) ALERT high limit (MAX6649)
RRLS
08h
0000 0000
0°C
Read remote (external) ALERT low limit
WCA
09h
N/A
Write configuration byte
WCRW
0Ah
N/A
Write conversion rate byte
WLHO
0Bh
N/A
Write local (internal) ALERT high limit
WLLM
0Ch
N/A
Write local (internal) ALERT low limit
WRHA
0Dh
N/A
Write remote (external) ALERT high limit
WRLN
0Eh
N/A
Write remote (external) ALERT low limit
OSHT
0Fh
N/A
One-shot
REET
10h
0000 0000
0°C
Read remote (external) extended temperature
RIET
11h
0000 0000
0°C
Read local (internal) extended temperature
0111 1101
+125°C
Read/write remote (external) OVERT limit (MAX6646/MAX6647)
RWOE
19h
0101 0101
+85°C
Read/write remote (external) OVERT limit (MAX6649)
RWOI
20h
0101 0101
+85°C
Read/write local (internal) OVERT limit
HYS
21h
0000 1010
10°C
Overtemperature hysteresis
QUEUE
22h
1000 0110
Fault queue
FEh
0100 1101
Read manufacture ID
FFh
0101 1001
Read revision ID
Table 5. Command-Byte Bit Assignments
BIT
NAME
POR STATE
FUNCTION
7 (MSB)
MASK
0
Masks ALERT interrupts when set to 1.
6
RUN
0
Standby mode control bit; if set to 1, standby mode is initiated.
5 to 0
RFU
0
Reserved.
Table 6. Configuration-Byte Bit Assignments (03h)


Similar Part No. - MAX6647

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6647 MAXIM-MAX6647 Datasheet
227Kb / 16P
   145째C Precision SMBus-Compatible Remote/ Local Sensors with Overtemperature Alarms
Rev 1; 7/03
MAX6647MUA MAXIM-MAX6647MUA Datasheet
227Kb / 16P
   145째C Precision SMBus-Compatible Remote/ Local Sensors with Overtemperature Alarms
Rev 1; 7/03
MAX6647MUA MAXIM-MAX6647MUA Datasheet
178Kb / 16P
   145°C Precision SMBus-Compatible Remote/ Local Sensors with Overtemperature Alarms
Rev 3; 5/07
More results

Similar Description - MAX6647

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6646 MAXIM-MAX6646_07 Datasheet
178Kb / 16P
   145°C Precision SMBus-Compatible Remote/ Local Sensors with Overtemperature Alarms
Rev 3; 5/07
MAX6646 MAXIM-MAX6646 Datasheet
227Kb / 16P
   145째C Precision SMBus-Compatible Remote/ Local Sensors with Overtemperature Alarms
Rev 1; 7/03
MAX6648 MAXIM-MAX6648_08 Datasheet
200Kb / 16P
   Precision SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 4; 6/08
MAX6648 MAXIM-MAX6648 Datasheet
280Kb / 17P
   Precision SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 1; 10/02
MAX6657 MAXIM-MAX6657_10 Datasheet
170Kb / 16P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 5; 10/10
MAX6657 MAXIM-MAX6657 Datasheet
275Kb / 17P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 2; 1/02
MAX6642 MAXIM-MAX6642_09 Datasheet
218Kb / 14P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 2; 7/09
MAX6642 MAXIM-MAX6642_08 Datasheet
154Kb / 14P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 1; 10/08
MAX6642_0910 MAXIM-MAX6642_0910 Datasheet
160Kb / 14P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 3; 10/09
MAX6642ATT98 MAXIM-MAX6642ATT98 Datasheet
160Kb / 14P
   SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 3; 10/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com