Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6497 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6497
Description  72V, Overvoltage-Protection Switches/ Limiter Controllers with an External MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6497 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6497 Datasheet HTML 1Page - Maxim Integrated Products MAX6497 Datasheet HTML 2Page - Maxim Integrated Products MAX6497 Datasheet HTML 3Page - Maxim Integrated Products MAX6497 Datasheet HTML 4Page - Maxim Integrated Products MAX6497 Datasheet HTML 5Page - Maxim Integrated Products MAX6497 Datasheet HTML 6Page - Maxim Integrated Products MAX6497 Datasheet HTML 7Page - Maxim Integrated Products MAX6497 Datasheet HTML 8Page - Maxim Integrated Products MAX6497 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
72V, Overvoltage-Protection Switches/
Limiter Controllers with an External MOSFET
3
Note 1: Specifications to TA = -40°C are guaranteed by design and not production tested.
Note 2: The MAX6495–MAX6499 power up with the external MOSFET in off mode (VGATE = GND). The external MOSFET turns on
tSTART after all input conditions are valid.
Note 3: For accurate overtemperature-shutdown performance, place the device in close thermal contact with the external MOSFET.
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 14V, CGATE = 6nF, TA = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
OVSET to GATE Propagation
Delay
tOV
SET rising from VTH - 100mV to VTH + 100mV
0.6
µs
UVSET to GATE, POKSET to
POK Propagation Delay
POKSET, UVSET falling from VTH + 100mV to
VTH - 100mV
20
µs
VOUTFB = VIN = 5.5V, RGATE to IN = 1M
VIN + 3.4 VIN + 3.8 VIN + 4.2
GATE Output High Voltage
VOH
VOUTFB = VIN, VIN
≥ 14V, RGATE to IN = 1MΩ
VIN + 8
VIN + 10
VIN + 11
V
GATE sinking 15mA, OUTFB = GND
1
GATE Output Low Voltage
VOL
VIN = 5.5V, GATE sinking 1mA, OUTFB = GND
0.9
V
GATE Charge-Pump Current
IGATE
GATE = GND
100
µA
GATE to OUTFB Clamp
Voltage
VCLMP
12
18
V
IN to GATEP Output Low
Voltage
IGATEP_SINK = 75µA, IGATEP_SOURCE = 1µA
7.5
11.7
V
IN to GATEP Clamp Voltage
VIN = 24V, IGATEP_SOURCE = 10µA
12
18
V
SHDN, CLEAR Logic-High
Input Voltage
VIH
1.4
SHDN, CLEAR Logic-Low
Input Voltage
VIL
0.4
V
SHDN Input Pulse Width
7µs
CLEAR Input Pulse Width
0.5
µs
SHDN, CLEAR Input
Pulldown Current
SHDN is Internally pulled down to GND
0.6
1.0
1.4
µA
Thermal Shutdown
(Note 3)
+160
°C
Thermal-Shutdown
Hysteresis
20
°C
POKSET to POK Delay
(MAX6497/MAX6498)
35
µs
VIN
≥ 14V, POKSET = GND, ISINK = 3.2mA
0.4
POK Output Low Voltage
(MAX6497/MAX6498)
VOL
VIN
≥ 2.8V, POKSET = GND, ISINK = 100µA
0.4
V
POK Leakage Current
(MAX6497/MAX6498)
VPOKSET = 14V
100
nA


Similar Part No. - MAX6497

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6497 MAXIM-MAX6497 Datasheet
359Kb / 16P
   72V, Overvoltage-Protection Switches/Limiter Controllers with an External MOSFET
Rev 0; 7/05
MAX6497 MAXIM-MAX6497 Datasheet
215Kb / 16P
   72V, Overvoltage-Protection Switches/Limiter Controllers with an External MOSFET
Rev 7; 8/09
MAX6497ATA+T MAXIM-MAX6497ATA+T Datasheet
359Kb / 16P
   72V, Overvoltage-Protection Switches/Limiter Controllers with an External MOSFET
Rev 0; 7/05
MAX6497ATA+T MAXIM-MAX6497ATA+T Datasheet
215Kb / 16P
   72V, Overvoltage-Protection Switches/Limiter Controllers with an External MOSFET
Rev 7; 8/09
More results

Similar Description - MAX6497

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6495 MAXIM-MAX6495_11 Datasheet
231Kb / 16P
   72V, Overvoltage-Protection Switches/Limiter Controllers with an External MOSFET
Rev 8; 1/11
MAX6495 MAXIM-MAX6495_12 Datasheet
216Kb / 16P
   72V, Overvoltage-Protection Switches/ Limiter Controllers with an External MOSFET
Rev 9; 2/12
MAX6495 MAXIM-MAX6495 Datasheet
359Kb / 16P
   72V, Overvoltage-Protection Switches/Limiter Controllers with an External MOSFET
Rev 0; 7/05
MAX6495 MAXIM-MAX6495_09 Datasheet
215Kb / 16P
   72V, Overvoltage-Protection Switches/Limiter Controllers with an External MOSFET
Rev 7; 8/09
MAX6397 MAXIM-MAX6397_09 Datasheet
305Kb / 18P
   Overvoltage Protection Switch/Limiter Controllers Operate Up to 72V
Rev 5; 1/09
MAX6397 MAXIM-MAX6397 Datasheet
689Kb / 17P
   Overvoltage Protection Switch/Limiter Controllers Operate Up to 72V
Rev 3; 1/07
MAX6397 MAXIM-MAX6397_V01 Datasheet
1Mb / 18P
   Overvoltage Protection Switch/Limiter Controllers Operate Up to 72V
2014
MAX16914 MAXIM-MAX16914 Datasheet
1Mb / 9P
   Ideal Diode, Reverse-Battery, and Overvoltage Protection Switch/Limiter Controllers with External MOSFETs
0; 9/09
MAX16914 MAXIM-MAX16914_V01 Datasheet
747Kb / 10P
   Ideal Diode, Reverse-Battery, and Overvoltage Protection Switch/Limiter Controllers with External MOSFETs
2015
MAX4864L MAXIM-MAX4864L_10 Datasheet
197Kb / 11P
   Overvoltage Protection Controllers with Reverse Polarity Protection
Rev 2; 5/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com