Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8863REUK+T Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX8863REUK+T
Description  Low-Dropout, 120mA Linear Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8863REUK+T Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX8863REUK+T Datasheet HTML 2Page - Maxim Integrated Products MAX8863REUK+T Datasheet HTML 3Page - Maxim Integrated Products MAX8863REUK+T Datasheet HTML 4Page - Maxim Integrated Products MAX8863REUK+T Datasheet HTML 5Page - Maxim Integrated Products MAX8863REUK+T Datasheet HTML 6Page - Maxim Integrated Products MAX8863REUK+T Datasheet HTML 7Page - Maxim Integrated Products MAX8863REUK+T Datasheet HTML 8Page - Maxim Integrated Products MAX8863REUK+T Datasheet HTML 9Page - Maxim Integrated Products MAX8863REUK+T Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Low-Dropout, 120mA Linear Regulators
8
Operating Region and Power Dissipation
Maximum power dissipation of the MAX8863/MAX8864
depends on the thermal resistance of the case and cir-
cuit board, the temperature difference between the die
junction and ambient air, and the rate of air flow. The
power dissipation across the device is P = IOUT (VIN -
VOUT). The resulting maximum power dissipation is:
PMAX = (TJ - TA) /
θJA
where (TJ - TA) is the temperature difference between
the MAX8863/MAX8864 die junction and the surround-
ing air, and
θJA is the thermal resistance of the chosen
package to the surrounding air.
The GND pin of the MAX8863/MAX8864 performs the
dual function of providing an electrical connection to
ground and channeling heat away. Connect the GND
pin to ground using a large pad or ground plane.
Reverse Battery Protection
The MAX8863/MAX8864 have a unique protection
scheme that limits the reverse supply current to less
than 1mA when either VIN or VSHDN falls below ground.
The circuitry monitors the polarity of these two pins, dis-
connecting the internal circuitry and parasitic diodes
when the battery is reversed. This feature prevents the
device from overheating and damaging the battery.
VIN > 5.5V Minimum Load Current
When operating the MAX8863/MAX8864 with an input
voltage above 5.5V, a minimum load current of 20µA is
required to maintain regulation in preset voltage mode.
When setting the output with external resistors, the min-
imum current through the external feedback resistors
and load must be 30µA.
__________Applications Information
Capacitor Selection and
Regulator Stability
Normally, use a 1µF capacitor on the input and a 1µF
capacitor on the output of the MAX8863/MAX8864.
Larger input capacitor values and lower ESR provide
better supply-noise rejection and transient response. A
higher-value input capacitor (10µF) may be necessary
if large, fast transients are anticipated and the device is
located several inches from the power source. Improve
load-transient response, stability, and power-supply
rejection by using large output capacitors. For stable
operation over the full temperature range, with load cur-
rents up to 120mA, a minimum of 1µF is recommended.
Noise
The MAX8863/MAX8864 exhibit 350µVRMS noise during
normal operation. When using the MAX8863/MAX8864
in applications that include analog-to-digital converters
of greater than 12 bits, consider the ADC’s power-sup-
ply rejection specifications (see the Output Noise DC to
1MHz photo in the
Typical Operating Characteristics).
Power-Supply Rejection and Operation
from Sources Other than Batteries
The MAX8863/MAX8864 are designed to deliver low
dropout voltages and low quiescent currents in battery-
powered systems. Power-supply rejection is 62dB at
low frequencies and rolls off above 300Hz. As the fre-
quency increases above 20kHz, the output capacitor is
the major contributor to the rejection of power-supply
noise (see the Power-Supply Rejection Ratio vs.
Ripple Frequency graph in the
Typical Operating
Characteristics).
When operating from sources other than batteries,
improve supply-noise rejection and transient response
by increasing the values of the input and output capac-
itors, and using passive filtering techniques (see the
supply and load-transient responses in the
Typical
Operating Characteristics).
Load Transient Considerations
The MAX8863/MAX8864 load-transient response
graphs (see
Typical Operating Characteristics) show
two components of the output response: a DC shift of
the output voltage due to the different load currents,
and the transient response. Typical overshoot for step
changes in the load current from 0mA to 50mA is
12mV. Increasing the output capacitor’s value and
decreasing its ESR attenuates transient spikes.


Similar Part No. - MAX8863REUK+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8863REUK MAXIM-MAX8863REUK Datasheet
473Kb / 10P
   Low-Dropout, 120mA Linear Regulators Miniature External Components
Rev 3; 5/11
MAX8863REUK-T MAXIM-MAX8863REUK-T Datasheet
126Kb / 8P
   Low-Dropout, 120mA Linear Regulators
logo
ON Semiconductor
MAX8863REUK-T ONSEMI-MAX8863REUK-T Datasheet
75Kb / 12P
   Pin-Compatible, Low-Dropout, 120 mA Linear Regulator
February, 2001 ??Rev. 1
logo
Maxim Integrated Produc...
MAX8863REUKT MAXIM-MAX8863REUKT Datasheet
473Kb / 10P
   Low-Dropout, 120mA Linear Regulators Miniature External Components
Rev 3; 5/11
More results

Similar Description - MAX8863REUK+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8873R MAXIM-MAX8873R Datasheet
259Kb / 10P
   Low-Dropout, 120mA Linear Regulators
19-1257; Rev 2; 3/13
MAX8863T MAXIM-MAX8863T Datasheet
126Kb / 8P
   Low-Dropout, 120mA Linear Regulators
MAX8873T MAXIM-MAX8873T Datasheet
115Kb / 8P
   Low-Dropout, 120mA Linear Regulators
MAX8863T MAXIM-MAX8863T_11 Datasheet
473Kb / 10P
   Low-Dropout, 120mA Linear Regulators Miniature External Components
Rev 3; 5/11
MAX8510 MAXIM-MAX8510_06 Datasheet
403Kb / 11P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulators
Rev 3; 5/06
MAX8510EXK18-T MAXIM-MAX8510EXK18-T Datasheet
449Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulators
Rev 4; 8/11
MAX9789AEVKIT MAXIM-MAX9789AEVKIT Datasheet
289Kb / 8P
   Integrated 120mA Low-Dropout Linear Regulator
Rev 1; 11/06
MAX8510 MAXIM-MAX8510 Datasheet
377Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout,120mA Linear Regulators in SC70
Rev 1; 6/04
logo
Monolithic Power System...
MP2009 MPS-MP2009 Datasheet
415Kb / 14P
   Ultra-Low-Noise Low-Dropout, 120mA Linear Regulator
EV2009EE-00A MPS-EV2009EE-00A Datasheet
113Kb / 4P
   Ultra Low Noise, Low Dropout 120mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com