Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAPS-010165-001SMB Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAPS-010165-001SMB
Description  Digital Phase Shifter 6-Bit, 3.5 - 6.0 GHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAPS-010165-001SMB Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAPS-010165-001SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAPS-010165-001SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAPS-010165-001SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAPS-010165-001SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAPS-010165-001SMB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAPS-010165-001SMB Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAPS-010165-001SMB Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Digital Phase Shifter
6-Bit, 3.5 - 6.0 GHz
Rev. V2
MAPS-010165
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Absolute Maximum Ratings 5,6
Parameter
Absolute Maximum
Input Power
3.5 - 6.0 GHz
+27 dBm
VCC
-0.5V ≤ VCC ≤ +7.0V
VEE
-7.0V ≤ VEE ≤ +0.5V
D1-D6, P/S, LE, CLK or
SER IN
-0.5V ≤ VIN ≤ VCC + 0.5V
SER OUT
-0.5V ≤ VOUT ≤ VCC + 0.5V
Operating Temperature
-40ºC to +85ºC
Storage Temperature
-65ºC to +150ºC
5. Exceeding any one or combination of these limits may cause
permanent damage to this device.
6. M/A-COM Technology Solutions does not recommend
sustained operation near these survivability limits.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide and Silicon Integrated Circuits
are sensitive to electrostatic discharge (ESD) and
can be damaged by static electricity. Proper ESD
control techniques should be used when handling
these devices.
Sample Board Header Pin Labels


Similar Part No. - MAPS-010165-001SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPS-010165 MA-COM-MAPS-010165 Datasheet
676Kb / 7P
   Digital Phase Shifter
MAPS-010165 MA-COM-MAPS-010165_15 Datasheet
676Kb / 7P
   Digital Phase Shifter
More results

Similar Description - MAPS-010165-001SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPS-010145 MA-COM-MAPS-010145 Datasheet
672Kb / 6P
   Digital Phase Shifter 4-Bit, 3.5 - 6.0 GHz
logo
Tyco Electronics
MAPCGM0002 MACOM-MAPCGM0002 Datasheet
339Kb / 5P
   Phase Shifter 3.5-6.0 GHz
MAPCGM0002-DIE MACOM-MAPCGM0002-DIE Datasheet
301Kb / 7P
   3.5-6.0 GHz Phase Shifter
MAPCGM0004-DIE MACOM-MAPCGM0004-DIE Datasheet
462Kb / 7P
   5-Bit Digital Phase Shifter 6.0-18.0 GHz
logo
M/A-COM Technology Solu...
MAPS-011008 MA-COM-MAPS-011008 Datasheet
641Kb / 7P
   Digital Phase Shifter 6-Bit, 5 - 6 GHz
logo
Qorvo, Inc
TGP2105 QORVO-TGP2105 Datasheet
638Kb / 10P
   6-18 GHz 6-Bit Digital Phase Shifter (Vc)
logo
M/A-COM Technology Solu...
MAPS-010163 MA-COM-MAPS-010163 Datasheet
667Kb / 7P
   Digital Phase Shifter 6-Bit, 1.4 - 2.4 GHz
logo
Tyco Electronics
MAPCGM0005-DIE MACOM-MAPCGM0005-DIE Datasheet
309Kb / 7P
   6-Bit Digital Phase Shifter 7.0-12.0 GHz
logo
TriQuint Semiconductor
TGP2105-SM TRIQUINT-TGP2105-SM Datasheet
971Kb / 11P
   6-18 GHz 6-Bit Digital Phase Shifter (Vc)
TGP2615-SM TRIQUINT-TGP2615-SM Datasheet
640Kb / 11P
   15-19 GHz 6-Bit Digital Phase Shifter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com