Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRV05-4M Datasheet(PDF) 2 Page - Protek Devices

Part # SRV05-4M
Description  ultra low capacitance steering diode/tvs arr ay
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SRV05-4M Datasheet(HTML) 2 Page - Protek Devices

  SRV05-4M Datasheet HTML 1Page - Protek Devices SRV05-4M Datasheet HTML 2Page - Protek Devices SRV05-4M Datasheet HTML 3Page - Protek Devices SRV05-4M Datasheet HTML 4Page - Protek Devices SRV05-4M Datasheet HTML 5Page - Protek Devices SRV05-4M Datasheet HTML 6Page - Protek Devices SRV05-4M Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05374.R0 5/12
Page 2
SRV05-4M
tyPical deVice chaRacteRiSticS
MaXiMuM RatingS @ 25°c unless otherwise Specified
PaRaMeteR
SyMBol
Value
unitS
Peak Pulse Power (tp = 8/20µs) - See Figure 1
P
PP
400
Watts
Operating Temperature
T
L
-55 to 125
°C
Storage Temperature
T
STG
-55 to 150
°C
Forward Surge Rating (5ms @ 25°C, I
F = 10mA)
V
F
0.5 Min. - 1.2 Max.
Volts
Peak Pulse Current (tp = 8/20µs) - Note 1
I
PP
20
Amps
noteS
1. Across TVS only - pin 2 to pin 5.
electRical chaRacteRiSticS PeR line @ 25°c unless otherwise Specified
PaRt
nuMBeR
deVice
MaRking
Rated
Stand-oFF
Voltage
(note 1)
V
wM
VoltS
MiniMuM
BReakdown
Voltage
(note 1)
@ 1ma
V
(BR)
VoltS
MaXiMuM
claMPing
Voltage
(Fig. 2)
(note 1)
@ i
P = 1a
V
c
VoltS
MaXiMuM
claMPing
Voltage
(Fig. 2)
(note 1)
@ i
P = 5a
V
c
VoltS
MaXiMuM
leakage
cuRRent
(note 1)
@V
wM
i
d
µa
tyPical
caPacitance
(i/o - gnd)
@0V, 1Mhz
c
pF
tyPical
caPacitance
(i/o - i/o)
@0V, 1Mhz
c
pF
SRV05-4M
4M
5.0
6.0
11.0
14.0
5
4.5
2.5
noteS
1. Measured from I/O pin to ground.
FiguRe 1
Peak PulSe PoweR VS PulSe tiMe
t
d - Pulse duration - µs
400W, 8/20µs Waveform
0.1
1
10
100
1,000
10,000
10
100
1,000
10,000


Similar Part No. - SRV05-4M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SRV05-4MR6 ONSEMI-SRV05-4MR6 Datasheet
183Kb / 9P
   Transient Voltage Suppressors ESD Protection Diodes with Low Clamping Voltage
November, 2009 ??Rev. 0
SRV05-4MR6T1G ONSEMI-SRV05-4MR6T1G Datasheet
183Kb / 9P
   Transient Voltage Suppressors ESD Protection Diodes with Low Clamping Voltage
November, 2009 ??Rev. 0
SRV05-4MR6T1G ONSEMI-SRV05-4MR6T1G Datasheet
147Kb / 9P
   ESD Protection Diodes
November, 2011 ??Rev. 1
SRV05-4MR6T1G ONSEMI-SRV05-4MR6T1G Datasheet
114Kb / 9P
   Transient Voltage Suppressors
August, 2016 ??Rev. 2
More results

Similar Description - SRV05-4M

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PLR3304 PROTEC-PLR3304_12 Datasheet
819Kb / 7P
   ultra low capacitance steering diode/tvs arr ay
PLR0508 PROTEC-PLR0508_12 Datasheet
916Kb / 7P
   ultra low capacitance steering diode/tvs arr ay
SRV2.8-4 PROTEC-SRV2.8-4 Datasheet
555Kb / 7P
   ultra low capacitance steering diode/tvs arr ay
PLR0524P PROTEC-PLR0524P Datasheet
778Kb / 6P
   ultra low capacitance steering diode/tvs arr ay
LC0408FC3.3C PROTEC-LC0408FC3.3C_12 Datasheet
623Kb / 9P
   200w low capacitance fl ip chip tvs arr ay
SRV05-4 PROTEC-SRV05-4_11 Datasheet
630Kb / 8P
   ultra low capacitance steering diode/tvs array
SRV05-4LC PROTEC-SRV05-4LC Datasheet
548Kb / 7P
   ultra low capacitance steering diode/tvs array
PLR0504F PROTEC-PLR0504F_12 Datasheet
524Kb / 6P
   ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PAM05SC700504F PROTEC-PAM05SC700504F Datasheet
525Kb / 6P
   ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PSR3.3 PROTEC-PSR3.3 Datasheet
478Kb / 6P
   ultra low capacitance steering diode/tvs array
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com