Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9093 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9093
Description  General-Purpose, Low-Voltage, Dual/Quad, Tiny Pack Comparators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9093 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9093 Datasheet HTML 1Page - Maxim Integrated Products MAX9093 Datasheet HTML 2Page - Maxim Integrated Products MAX9093 Datasheet HTML 3Page - Maxim Integrated Products MAX9093 Datasheet HTML 4Page - Maxim Integrated Products MAX9093 Datasheet HTML 5Page - Maxim Integrated Products MAX9093 Datasheet HTML 6Page - Maxim Integrated Products MAX9093 Datasheet HTML 7Page - Maxim Integrated Products MAX9093 Datasheet HTML 8Page - Maxim Integrated Products MAX9093 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MAX9092/MAX9093/MAX9094/MAX9095
General-Purpose, Low-Voltage,
Dual/Quad, Tiny Pack Comparators
4
DC ELECTRICAL CHARACTERISTICS—1.8V OPERATION
(VDD = 1.8V, VSS = 0V, VCM = 0V, RL = 5.1kI connected to VDD, typical values are at TA = +25NC, unless otherwise noted. Boldface
limits apply at the defined temperature extremes.) (Note 2)
AC ELECTRICAL CHARACTERISTICS—1.8V OPERATION
(VDD = 1.8V, VSS = 0V, VCM = 0V, RL = 5.1kI connected to VDD, typical values are at TA = +25NC, unless otherwise noted. Boldface
limits apply at the defined temperature extremes.) (Note 2)
Note 2: All devices are production tested at TA = +25NC, unless otherwise noted. All temperature limits are guaranteed by design.
Note 3: Input overdrive is the overdrive voltage beyond the offset and hysteresis-determined trip points.
Note 4: Guaranteed by design.
Note 5: Supply current when output is high.
AC ELECTRICAL CHARACTERISTICS–5.0V OPERATION
(VDD = 5V, VSS = 0V, VCM = 0V, RL = 5.1kI connected to VDD, typical values are at TA = +25NC, unless otherwise noted. Boldface
limits apply at the defined temperature extremes.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Offset Voltage
VOS
0.4
5
mV
Input Voltage Hysteresis
MAX9093/MAX9095
2
mV
Input Offset Voltage Average
Temperature Drift
TCVOS
1.5
F
V/NC
Input Bias Current
IB
0.0016
nA
Input Offset Current
IOS
0.0003
nA
Input Voltage Range
VCM
-0.1
V
1
Output Saturation Voltage
VSAT
ISINK P 1mA
56
mV
Power-Supply Rejection Ratio
PSRR
VDD = 1.8V to 5.5V
60
90
dB
Output Sink Current
IOUT
VOUT P 1.5V
6.4
mA
Supply Current (Note 5)
IS
MAX9092/MAX9093 (both comparators)
120
170
F
A
MAX9094/MAX9095 (all four comparators)
210
340
Output Leakage Current
0.001
F
A
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Propagation Delay Output
High to Low (Note 3)
tPHL
Input overdrive = 10mV
70
ns
Input overdrive = 100mV
60
Propagation Delay Output
Low to High (Note 3)
tPLH
Input overdrive = 10mV
120
ns
Input overdrive = 100mV
110
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Propagation Delay Output
High to Low (Note 3)
tPHL
Input overdrive = 10mV
70
ns
Input overdrive = 100mV
50
Propagation Delay Output
Low to High (Note 3)
tPLH
Input overdrive = 10mV
110
ns
Input overdrive = 100mV
100


Similar Part No. - MAX9093

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX909 MAXIM-MAX909 Datasheet
139Kb / 12P
   Single/Dual/Quad High-Speed, Ultra Low-Power, Single-Supply TTL Comparators
Rev. 3; 7/94
MAX9092EVKIT# MAXIM-MAX9092EVKIT# Datasheet
526Kb / 8P
   proven design to evaluate the MAX9092 dual comparator
Rev 0; 5/13
MAX9092 MAXIM-MAX9092_13 Datasheet
526Kb / 8P
   proven design to evaluate the MAX9092 dual comparator
Rev 0; 5/13
MAX909C/D MAXIM-MAX909C/D Datasheet
139Kb / 12P
   Single/Dual/Quad High-Speed, Ultra Low-Power, Single-Supply TTL Comparators
Rev. 3; 7/94
MAX909CPA MAXIM-MAX909CPA Datasheet
139Kb / 12P
   Single/Dual/Quad High-Speed, Ultra Low-Power, Single-Supply TTL Comparators
Rev. 3; 7/94
More results

Similar Description - MAX9093

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV331 TI1-LMV331 Datasheet
483Kb / 22P
[Old version datasheet]   Quad General Purpose, Low Voltage, Tiny Pack Comparators
logo
Maxim Integrated Produc...
LMX331 MAXIM-LMX331 Datasheet
387Kb / 12P
   General-Purpose, Low-Voltage, Single/Dual/Quad, Tiny-Pack Comparators
Rev 2; 1/02
LMX331 MAXIM-LMX331_11 Datasheet
190Kb / 9P
   General-Purpose, Low-Voltage, Single/Dual/Quad, Tiny-Pack Comparators
Rev 4; 5/11
MAX9647 MAXIM-MAX9647_12 Datasheet
2Mb / 11P
   General-Purpose, Low-Voltage, Tiny Pack Comparators
Rev 1; 1/12
logo
Texas Instruments
LMV331-N TI1-LMV331-N_15 Datasheet
1Mb / 38P
[Old version datasheet]   General-Purpose, Low-Voltage, Tiny Pack Comparators
logo
National Semiconductor ...
LMV331 NSC-LMV331_07 Datasheet
504Kb / 20P
   General Purpose, Low Voltage, Tiny Pack Comparators
logo
Maxim Integrated Produc...
MAX9647 MAXIM-MAX9647 Datasheet
2Mb / 11P
   General-Purpose, Low-Voltage, Tiny Pack Comparators
Rev 0; 10/11
logo
Texas Instruments
LMV393M TI-LMV393M Datasheet
1Mb / 32P
[Old version datasheet]   LMV331-N Single / LMV393-N Dual / LMV339-N Quad General Purpose, Low Voltage, Tiny Pack Comparators
logo
ON Semiconductor
LMV331 ONSEMI-LMV331_14 Datasheet
842Kb / 19P
   Single, Dual, Quad General Purpose, Low Voltage Comparators
November, 2014 ??Rev. 7
LMV331 ONSEMI-LMV331_17 Datasheet
845Kb / 20P
   Single, Dual, Quad General Purpose, Low Voltage Comparators
June, 2017 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com