Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9094 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9094
Description  General-Purpose, Low-Voltage, Dual/Quad, Tiny Pack Comparators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9094 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9094 Datasheet HTML 1Page - Maxim Integrated Products MAX9094 Datasheet HTML 2Page - Maxim Integrated Products MAX9094 Datasheet HTML 3Page - Maxim Integrated Products MAX9094 Datasheet HTML 4Page - Maxim Integrated Products MAX9094 Datasheet HTML 5Page - Maxim Integrated Products MAX9094 Datasheet HTML 6Page - Maxim Integrated Products MAX9094 Datasheet HTML 7Page - Maxim Integrated Products MAX9094 Datasheet HTML 8Page - Maxim Integrated Products MAX9094 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
MAX9092/MAX9093/MAX9094/MAX9095
General-Purpose, Low-Voltage,
Dual/Quad, Tiny Pack Comparators
Typical Operating Characteristics
(VDD = 5V, VSS = 0V, VCM = 0V, RL = 5.1kI, CL = 10pF, overdrive = 100mV, TA = +25NC, unless otherwise noted.)
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.5
5.0
1.5 2.0 2.5
3.5 4.0
3.0
4.5
10
20
30
40
50
60
70
80
0
1.0
6.0
TA = -40°C
TA = +25°C
TA = +125°C
TA = +85°C
VOUT = HIGH
SUPPLY CURRENT vs. FREQUENCY
(VOVERDRIVE = 10mV)
INPUT FREQUENCY (Hz)
100k
10k
1k
100
10
20
40
60
80
100
120
140
0
11M
VDD = 5V
VDD = 2.7V
VDD = 1.8V
INPUT BIAS CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
100
75
50
25
0
-25
10
0.00001
-50
125
VDD = 2.7V
VDD = 1.8V
0.0001
0.001
0.01
0.1
1
VDD = 5V
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.5
5.0
1.5 2.0 2.5
3.5 4.0
3.0
4.5
10
20
30
40
50
60
70
80
0
1.0
6.0
TA = -40°C
TA = +25°C
TA = +125°C
TA = +85°C
VOUT = LOW
INPUT OFFSET VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
100
75
50
25
0
-25
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0
-50
125
VDD = 5V
VDD = 2.7V
VDD = 1.8V
OUTPUT VOLTAGE LOW
vs. PULLUP RESISTANCE
PULLUP RESISTANCE (kI)
110
100
50
300
250
200
150
0
0.1
100
VOL - VEE


Similar Part No. - MAX9094

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX909 MAXIM-MAX909 Datasheet
139Kb / 12P
   Single/Dual/Quad High-Speed, Ultra Low-Power, Single-Supply TTL Comparators
Rev. 3; 7/94
MAX9092EVKIT# MAXIM-MAX9092EVKIT# Datasheet
526Kb / 8P
   proven design to evaluate the MAX9092 dual comparator
Rev 0; 5/13
MAX9092 MAXIM-MAX9092_13 Datasheet
526Kb / 8P
   proven design to evaluate the MAX9092 dual comparator
Rev 0; 5/13
MAX909C/D MAXIM-MAX909C/D Datasheet
139Kb / 12P
   Single/Dual/Quad High-Speed, Ultra Low-Power, Single-Supply TTL Comparators
Rev. 3; 7/94
MAX909CPA MAXIM-MAX909CPA Datasheet
139Kb / 12P
   Single/Dual/Quad High-Speed, Ultra Low-Power, Single-Supply TTL Comparators
Rev. 3; 7/94
More results

Similar Description - MAX9094

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV331 TI1-LMV331 Datasheet
483Kb / 22P
[Old version datasheet]   Quad General Purpose, Low Voltage, Tiny Pack Comparators
logo
Maxim Integrated Produc...
LMX331 MAXIM-LMX331 Datasheet
387Kb / 12P
   General-Purpose, Low-Voltage, Single/Dual/Quad, Tiny-Pack Comparators
Rev 2; 1/02
LMX331 MAXIM-LMX331_11 Datasheet
190Kb / 9P
   General-Purpose, Low-Voltage, Single/Dual/Quad, Tiny-Pack Comparators
Rev 4; 5/11
MAX9647 MAXIM-MAX9647_12 Datasheet
2Mb / 11P
   General-Purpose, Low-Voltage, Tiny Pack Comparators
Rev 1; 1/12
logo
Texas Instruments
LMV331-N TI1-LMV331-N_15 Datasheet
1Mb / 38P
[Old version datasheet]   General-Purpose, Low-Voltage, Tiny Pack Comparators
logo
National Semiconductor ...
LMV331 NSC-LMV331_07 Datasheet
504Kb / 20P
   General Purpose, Low Voltage, Tiny Pack Comparators
logo
Maxim Integrated Produc...
MAX9647 MAXIM-MAX9647 Datasheet
2Mb / 11P
   General-Purpose, Low-Voltage, Tiny Pack Comparators
Rev 0; 10/11
logo
Texas Instruments
LMV393M TI-LMV393M Datasheet
1Mb / 32P
[Old version datasheet]   LMV331-N Single / LMV393-N Dual / LMV339-N Quad General Purpose, Low Voltage, Tiny Pack Comparators
logo
ON Semiconductor
LMV331 ONSEMI-LMV331_14 Datasheet
842Kb / 19P
   Single, Dual, Quad General Purpose, Low Voltage Comparators
November, 2014 ??Rev. 7
LMV331 ONSEMI-LMV331_17 Datasheet
845Kb / 20P
   Single, Dual, Quad General Purpose, Low Voltage Comparators
June, 2017 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com