Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC32AQDREP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC32AQDREP
Description  QUADRUPLE 2-INPUT POSITIVE-OR GATE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC32AQDREP Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVC32AQDREP Datasheet HTML 1Page - Texas Instruments SN74LVC32AQDREP Datasheet HTML 2Page - Texas Instruments SN74LVC32AQDREP Datasheet HTML 3Page - Texas Instruments SN74LVC32AQDREP Datasheet HTML 4Page - Texas Instruments SN74LVC32AQDREP Datasheet HTML 5Page - Texas Instruments SN74LVC32AQDREP Datasheet HTML 6Page - Texas Instruments SN74LVC32AQDREP Datasheet HTML 7Page - Texas Instruments SN74LVC32AQDREP Datasheet HTML 8Page - Texas Instruments SN74LVC32AQDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
SN74LVC32AMDREP
ACTIVE
SOIC
D
14
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74LVC32AMPWREP
ACTIVE
TSSOP
PW
14
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74LVC32AMPWREPG4
ACTIVE
TSSOP
PW
14
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74LVC32AQDREP
ACTIVE
SOIC
D
14
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74LVC32AQPWREP
ACTIVE
TSSOP
PW
14
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
V62/04661-01XE
ACTIVE
SOIC
D
14
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
V62/04661-01YE
ACTIVE
TSSOP
PW
14
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
V62/04661-02XE
ACTIVE
SOIC
D
14
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
V62/04661-02YE
ACTIVE
TSSOP
PW
14
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
OTHER QUALIFIED VERSIONS OF SN74LVC32A-EP :
Catalog: SN74LVC32A
PACKAGE OPTION ADDENDUM
www.ti.com
22-Sep-2008
Addendum-Page 1


Similar Part No. - SN74LVC32AQDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC32AQDRG4Q1 TI1-SN74LVC32AQDRG4Q1 Datasheet
231Kb / 10P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74LVC32AQDRQ1 TI1-SN74LVC32AQDRQ1 Datasheet
231Kb / 10P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
More results

Similar Description - SN74LVC32AQDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AC32-EP TI1-SN74AC32-EP Datasheet
274Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74LV32A-EP TI1-SN74LV32A-EP Datasheet
519Kb / 12P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74AUC32 TI-SN74AUC32 Datasheet
403Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74ALVC32 TI-SN74ALVC32 Datasheet
248Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
74AC11032 TI-74AC11032 Datasheet
76Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
REVISED APRIL 1996
SN74AHC32-EP TI1-SN74AHC32-EP Datasheet
433Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74AHCT32-Q1 TI1-SN74AHCT32-Q1 Datasheet
262Kb / 10P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
CD74ACT32-Q1 TI1-CD74ACT32-Q1 Datasheet
200Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74LV32A-Q1 TI1-SN74LV32A-Q1 Datasheet
202Kb / 10P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74ALVC32 TI-SN74ALVC32_07 Datasheet
404Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com