Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

06163337 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 06163337
Description  tyco electronics contents
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

06163337 Datasheet(HTML) 4 Page - Tyco Electronics

  06163337 Datasheet HTML 1Page - Tyco Electronics 06163337 Datasheet HTML 2Page - Tyco Electronics 06163337 Datasheet HTML 3Page - Tyco Electronics 06163337 Datasheet HTML 4Page - Tyco Electronics 06163337 Datasheet HTML 5Page - Tyco Electronics 06163337 Datasheet HTML 6Page - Tyco Electronics 06163337 Datasheet HTML 7Page - Tyco Electronics 06163337 Datasheet HTML 8Page - Tyco Electronics 06163337 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 85 page
background image
TMS-SCE Military grade heat shrinkable wire identification sleeves
4
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Heat-Shrink/Cable Markers
TMS-SCE marker sleeves are designed to meet the wire and cable
marking needs of manufacturers with high performance
requirements. Made from durable, flame retardant, radiation-
crosslinked heat-shrinkable polyolefin, TMS-SCE marker sleeves
can be used in a wide variety of applications. All TMS-SCE meet the
performance requirements of SAE-ASM-DTL-23053/5 class 1.
TMS-SCE-2X meets all of the requirements of SAE-AMS-DTL-
23053/5 classes 1 and 3. The marks are permanent immediately
after printing and remain legible even when exposed to abrasion,
aggressive cleaning solvents, and military fuels and oils. The
sleeves meet the mark permanence requirements of SAE
AS81531 4.6.2 and MIL-STD-202 both before and after
shrinking.
Both 2:1 and 3:1 shrink ratios are available. The 2:1 products
provide a thick, rugged sleeve wall and are particularly easy to
handle. The lightweight 3:1 products provide extremely fast
shrinking and cover a wider range of wire diameters, thus
simplifying inventory.
The marker sleeves are designed to be printed by computer-driven
dot matrix or thermal transfer printers, providing several
advantages in terms of reduced errors, cycle time and cost.
Supplied in a thin, flat “ladder” format, the sleeves are held
horizontally between two hole-punched polyester strips. This
configuration feeds directly from the storage box into a Tyco
Electronics recommended printer. Tyco Electronics recommended
ribbons should always be used. The ladder format provides
automatic kitting of the marker sleeves in the desired sequence. A
standard heat gun with reflector is used to shrink the sleeves onto
the wire or cable.
Features and benefits
I Permanent identification sleeves
I Computer-printable
I Lightweight for aerospace applications
I Military specification material and print performance
I 2:1 and 3:1 shrink ratio
I CSA Certified
I UL Recognized, VW all flame tubing test rated
I Quick recovery for heat sensitive areas
TMS-SCE - 2X -1K-
1/8- 2.0-S1-9
Part numbering system
Color (white or yellow)
Scoring (optional)
Sleeve length
(2.0
" nominal) (omit for 2X)
Inside diameter, as
supplied ( inches)
Standard Pack
(1,000 pieces)
2X is optional (2:1 shrink
ratio: if left out, product
will be 3:1)
Product family
Temperature rating
Operating temperature range
–55°C to +135°C
–67°F to +275°F
Minimum recovery temperature
+85°C
+185°F
Maximum storage temperature
+40°C
+104°F
Specifications/approvals
Tyco Electronics
RW 2511
TTDS-023
Military
SAE-AMS-DTL-23053/5 class1 and 3 (TMS-SCE-2X)
SAE-AMS-DTL-23053/5 class 1 (TMS-SCE)
SAE AS81531 4.6.2, MIL-STD-202 Method 215J
Industry
UL Recognized – Standard 224, file E35586
(TMS-SCE-2X is UL224-VW1 rated. TMS-SCE is UL224-
all tube flame test rated)
CSA Certified – File 31929
Printer information
Tyco Electronics printer
AM6310 (dot matrix)
T200 Series (thermal transfer, low volume)
T312M (thermal transfer)
Tyco Electronics ribbon
1892BK04-RIBBON (dot matrix)
TMS-101-RIBBON-4RPSCE (thermal transfer for T208M)
TMS-RJS-RIBBON-4RPSCE (thermal transfer for T312M))


Similar Part No. - 06163337

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
06163337 TEC-06163337 Datasheet
454Kb / 3P
   Self-extinguishing.
More results

Similar Description - 06163337

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PT22AT30B MACOM-PT22AT30B Datasheet
178Kb / 1P
   Tyco Electronics Corporation ShenZhen, China
ASTMD3652 MACOM-ASTMD3652 Datasheet
308Kb / 12P
   Tyco Electronics Solar Identification Labels
PT52A730B MACOM-PT52A730B Datasheet
526Kb / 1P
   Tyco Electronics Corporation Shen Zhen, Ching
logo
List of Unclassifed Man...
DW5937 ETC-DW5937 Datasheet
5Mb / 24P
   CONTENTS
FCA-125 ETC2-FCA-125 Datasheet
112Kb / 4P
   Tyco Electronics Mid-Range Military/Aerospace Relays
logo
Freescale Semiconductor...
MC908AP16CFAE FREESCALE-MC908AP16CFAE Datasheet
1Mb / 324P
   Table of Contents
logo
Renesas Technology Corp
TSI721 RENESAS-TSI721 Datasheet
633Kb / 67P
   Table of Contents
April 4, 2016
logo
AVX Corporation
9159 AVX-9159 Datasheet
2Mb / 63P
   Table of Contents
logo
Analog Devices
ADP1761-EVALZ AD-ADP1761-EVALZ Datasheet
486Kb / 9P
   TABLE OF CONTENTS
logo
Tyco Electronics
3-641214-8 MACOM-3-641214-8 Datasheet
2Mb / 84P
   Table of Contents
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com