Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H410RCZB Datasheet(PDF) 2 Page - Tyco Electronics

Part # H410RCZB
Description  Axial Leaded Precision Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

H410RCZB Datasheet(HTML) 2 Page - Tyco Electronics

  H410RCZB Datasheet HTML 1Page - Tyco Electronics H410RCZB Datasheet HTML 2Page - Tyco Electronics H410RCZB Datasheet HTML 3Page - Tyco Electronics H410RCZB Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Characteristics - Electrical
Typical Data
Reference
Voltage Coefficient of
Less Than
n/a
Resistance (Between 10%
5ppm/Volt Applied
and Full Rated Voltage)
Insulation Resistance at
Greater Than 1012 Ohms
n/a
500 Volts
Resistance to Soldering
Less Than 0.05%
BS CECC 40101 004
Heat (260°C for 10 Secs.)
Para 4.15.2
Short Term Overload
Less Than 0.06%
BS CECC 40101 004
(6.25 Times Rated BS CECC
Para 4.11
Wattage for 5 Seconds)
Ambient Temperature
-55°C to +155°C
BS CECC 40101 004,
Range
BS CECC 40101 030 & Commercial
Rapid Change of
Less Than 0.04%
BS CECC 40101 004
Temperature
Para 4.16
(-55°C to +155°C, 5 cycles)
Shelf Life
Less Than 0.05% Per Annum
n/a
(at Normal Room Temp.)
Vibration
Less Than 0.04%
BS CECC 40101 004
(10-500 HZ,Amplitude
Para 4.19
0.75mm, or Acceleration
98m/s2 which is less severe,
sweep duration 6 hours)
Vibration
Less Than 0.04%
MIL STD 202
(55-2000 Hz Simple
METHOD 204-C
Harmonic Motion,
Max.Acceleration 98m/s2,
Duration 35±5 Minutes)
Bump (390m/s2,
Less Than 0.03%
BS 2011 Part 2.1 Eb 1977 (1984)
4000 Bumps)
Load Stability
See Graphs
n/a
Damp Heat Steady State
See Graph
BS CECC 40101 004
Para 4.21
Axial Leaded Precision Resistors
Type HOLCO Series
1773230 CIS BI 06/2011
Dimensions are in millimeters
Dimensions are shown for
For email, phone or live chat, go to: te.com/help
and inches unless otherwise
reference purposes only.
specified. Values in brackets
Specifications subject
are standard equivalents.
to change.
Temperature Coefficient / Tolerance Ranges
TCR
H4P
H4
H8
ppm/°C
0.05%
0.1%-0.25% 0.5%-1.0%
0.05%
0.1%-0.25% 0.5%-1.0%
0.05%
0.1%-0.25% 0.5%-1.0%
5
10R-500K 10R-500K 10R-500K 10R-500K 10R-500K 10R-500K 10R-500K 10R-500K 10R-500K
10
10R-1M0
10R-1M0
10R-1M0
10R-1M0
10R-1M0
10R-1M0
10R-1M0
10R-1M0
10R-1M0
15
10R-1M0
10R-1M0
10R-1M0
10R-1M0
10R-1M0
10R-1M0
10R-1M0
10R-1M0
10R-1M0
25
10R-1M0
10R-2M0
10R-2M0
10R-1M0
10R-2M0
10R-2M0
10R-1M0
10R-2M0
10R-2M0
50
10R-1M0
10R-2M0
10R-4M0
10R-1M0
10R-2M0
10R-4M0
10R-1M0
10R-2M0
10R-4M0
100
10R-1M0
1R0-2M0
1R0-4M0
10R-1M0
1R0-2M0
1R0-4M0
10R-1M0
1R0-2M0
1R0-4M0
Approved Value Ranges
40101-004, 40101-030
Type
Style
Style
Z
C
D
Y
004
030
100ppm
50ppm
25ppm
15ppm
H4
K
J
10R-1M0
49R9-1M0
49R9-1M0
49R9-1M0
H8
HJ
H
10R-1M0
49R9-1M0
49R9-1M0
49R9-1M0
Tolerances 0.1%, 0.25%, 0.5%, 1%
40101-804
Type
Style
CD
T
50ppm
25ppm
15ppm
H4
B
49R9-1M0
49R9-1M0
49R9-1M0
H8
A
49R9-1M0
49R9-1M0
49R9-1M0
Tolerances 0.1%, 0.25%, 0.5%, 1%


Similar Part No. - H410RCZB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
H410RAAA MACOM-H410RAAA Datasheet
196Kb / 4P
   Type HOLCO Series
H410RAAB MACOM-H410RAAB Datasheet
196Kb / 4P
   Type HOLCO Series
H410RAAD MACOM-H410RAAD Datasheet
196Kb / 4P
   Type HOLCO Series
H410RABA MACOM-H410RABA Datasheet
196Kb / 4P
   Type HOLCO Series
H410RABB MACOM-H410RABB Datasheet
196Kb / 4P
   Type HOLCO Series
More results

Similar Description - H410RCZB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
H8221RBYA MACOM-H8221RBYA Datasheet
196Kb / 4P
   Axial Leaded Precision Resistors
H8536RBYA MACOM-H8536RBYA Datasheet
209Kb / 3P
   Axial Leaded Precision Resistors
1773230 MACOM-1773230 Datasheet
196Kb / 4P
   Axial Leaded Precision Resistors
1879635 MACOM-1879635 Datasheet
63Kb / 1P
   AXIAL LEADED PRECISION RESISTORS SERIES HOLCO H4
1879620 MACOM-1879620 Datasheet
64Kb / 1P
   AXIAL LEADED PRECISION RESISTORS SERIES HOLCO H8
1879631 MACOM-1879631 Datasheet
64Kb / 1P
   AXIAL LEADED PRECISION RESISTORS SERIES HOLCO H8
1879622 MACOM-1879622 Datasheet
63Kb / 1P
   AXIAL LEADED PRECISION RESISTORS SERIES HOLCO H4P
logo
Vishay Siliconix
MPR24 VISHAY-MPR24 Datasheet
72Kb / 6P
   Ultra Precision Leaded Resistors
Revision: 08-Mar-04
UXA0204 VISHAY-UXA0204 Datasheet
154Kb / 9P
   High Precision Leaded Resistors
Revision: 21-Aug-07
G200 VISHAY-G200 Datasheet
133Kb / 7P
   Axial Vitreous Leaded Wirewound Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com