Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC1543QDWREP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLC1543QDWREP
Description  10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11ANALOG INPUTS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC1543QDWREP Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLC1543QDWREP Datasheet HTML 7Page - Texas Instruments TLC1543QDWREP Datasheet HTML 8Page - Texas Instruments TLC1543QDWREP Datasheet HTML 9Page - Texas Instruments TLC1543QDWREP Datasheet HTML 10Page - Texas Instruments TLC1543QDWREP Datasheet HTML 11Page - Texas Instruments TLC1543QDWREP Datasheet HTML 12Page - Texas Instruments TLC1543QDWREP Datasheet HTML 13Page - Texas Instruments TLC1543QDWREP Datasheet HTML 14Page - Texas Instruments TLC1543QDWREP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
TLC1542EP, TLC1543EP
10BIT ANALOGTODIGITAL CONVERTERS WITH
SERIAL CONTROL AND 11 ANALOG INPUTS
SGLS152A − JANUARY 2004 − REVISED FEBRUARY 2006
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
EOC
CL = 50 pF
12 k
DATA OUT
Test Point
VCC
RL = 2.18 kΩ
CL = 100 pF
12 k
Test Point
VCC
RL = 2.18 kΩ
Figure 2. Load Circuits
CS
DATA
OUT
2.4 V
0.4 V
90%
10%
tPZH, tPZL
tPHZ, tPLZ
0.8 V
2 V
Figure 3. DATA OUT Enable and Disable
Voltage Waveforms
ADDRESS
th(A)
0.8 V
2 V
I/O CLOCK
Address
Valid
tsu(A)
0.8 V
Figure 4. ADDRESS Setup and Hold Time
Voltage Waveforms
Last
Clock
CS
0.8 V
2 V
0.8 V
tsu(CS)
0.8 V
I/O CLOCK
th(CS)
First
Clock
Figure 5. I/O CLOCK Setup and Hold Time Voltage Waveforms
0.4 V
2.4 V
0.4 V
2.4 V
2 V
0.8 V
I/O CLOCK
DATA OUT
tt(I/O)
0.8 V
2 V
tr(DATA), tf(DATA)
td(I/O-DATA)
tv
tt(I/O)
0.8 V
I/O CLOCK Period
Figure 6. I/O CLOCK and DATA OUT Voltage Waveforms


Similar Part No. - TLC1543QDWREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC1543QDWR TI1-TLC1543QDWR Datasheet
1Mb / 33P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC1543QDWR TI1-TLC1543QDWR Datasheet
1Mb / 34P
[Old version datasheet]    10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC1543QDWRG4 TI1-TLC1543QDWRG4 Datasheet
1Mb / 33P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC1543QDWRG4 TI1-TLC1543QDWRG4 Datasheet
1Mb / 34P
[Old version datasheet]    10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com