Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2201-SP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2201-SP
Description  CLASS V, ADVANCED LinCMOS??LOW NOISE PRECISION OPERATIONAL AMPLIFIER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2201-SP Datasheet(HTML) 4 Page - Texas Instruments

  TLC2201-SP Datasheet HTML 1Page - Texas Instruments TLC2201-SP Datasheet HTML 2Page - Texas Instruments TLC2201-SP Datasheet HTML 3Page - Texas Instruments TLC2201-SP Datasheet HTML 4Page - Texas Instruments TLC2201-SP Datasheet HTML 5Page - Texas Instruments TLC2201-SP Datasheet HTML 6Page - Texas Instruments TLC2201-SP Datasheet HTML 7Page - Texas Instruments TLC2201-SP Datasheet HTML 8Page - Texas Instruments TLC2201-SP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
TLC2201-SP
SLOS710
– FEBRUARY 2011
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range (unless otherwise noted).
VALUE
UNIT
VDD
Supply voltage(2), VDD- to VDD+
-8 to 8
V
VID
Differential input voltage(3)
±16
V
VI
Input voltage (any input)
±8
V
II
Input current (each input)
±5
mA
IO
Output current (each output)
±50
mA
Duration of short-circuit current at (or below) 25
°C(4)
Unlimited
Continuous total power dissipation
See Dissipation Ratings Table
TC
Operating case temperature
–55 to 125
°C
Tstg
Storage temperature
–65 to 150
°C
Case temperature for 60 seconds
260
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values except differential voltages are with respect to the midpoint between VDD+ and VDD−.
(3)
Differential voltages are at IN+ with respect to IN
−.
(4)
The output may be shorted to either supply. Temperature and/or supply voltages must be limited to ensure that the maximum dissipation
rating in not exceeded.
THERMAL RESISTANCE FOR FK PACKAGE
(1) (2)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RθJC
Junction-to-case thermal resistance
MIL-STD-883 test method 1012
16
°C/W
(1)
Maximum power dissipation is a function of TJ (max), θJC and TC. The maximum allowable power dissipation at any allowable case
temperature is PD = (TJ (max) - TC)/θJC. Operating at the absolute maximum TJ of 150°C can affect reliability.
(2)
The package thermal impedance is calculated in accordance with MIL-STD-883.
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
VDD±
Supply voltage
±2.3
±8
V
VIC
Common-mode input voltage
VDD-
VDD+-2.3
V
TC
Operating case temperature
–55
125
°C
4
Submit Documentation Feedback
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TLC2201-SP


Similar Part No. - TLC2201-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2201-SP TI1-TLC2201-SP Datasheet
1Mb / 70P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC2201-SP TI1-TLC2201-SP Datasheet
1Mb / 70P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC2201-SP TI-TLC2201-SP Datasheet
1Mb / 71P
[Old version datasheet]   Advanced linCMOS LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
More results

Similar Description - TLC2201-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC220X TI-TLC220X_V01 Datasheet
1Mb / 71P
[Old version datasheet]   Advanced linCMOS LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC2654 TI1-TLC2654_16 Datasheet
1Mb / 36P
[Old version datasheet]   Advanced LinCMOS LOW-NOISE CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
TLC2652AC-8DR TI-TLC2652AC-8DR Datasheet
869Kb / 39P
[Old version datasheet]   Advanced LinCMOS PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
logo
Analog Devices
OP27CH AD-OP27CH Datasheet
429Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
logo
Intersil Corporation
ISL76627 INTERSIL-ISL76627 Datasheet
1Mb / 18P
   Precision Low Noise Operational Amplifier
logo
Analog Devices
OP27 AD-OP27_06 Datasheet
428Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
OP-27 AD-OP-27 Datasheet
703Kb / 12P
   LOW NOISE, PRECISION OPERATIONAL AMPLIFIER
OP27 AD-OP27 Datasheet
370Kb / 16P
   Low-Noise, Precision Operational Amplifier
REV. A
OP27GJ8 AD-OP27GJ8 Datasheet
429Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
OP27 AD-OP27_15 Datasheet
449Kb / 20P
   Low Noise, Precision Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com