Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC34058-80FN Datasheet(PDF) 1 Page - Texas Instruments

Part # TLC34058-80FN
Description  256 횞 24 COLOR PALETTE
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC34058-80FN Datasheet(HTML) 1 Page - Texas Instruments

  TLC34058-80FN Datasheet HTML 1Page - Texas Instruments TLC34058-80FN Datasheet HTML 2Page - Texas Instruments TLC34058-80FN Datasheet HTML 3Page - Texas Instruments TLC34058-80FN Datasheet HTML 4Page - Texas Instruments TLC34058-80FN Datasheet HTML 5Page - Texas Instruments TLC34058-80FN Datasheet HTML 6Page - Texas Instruments TLC34058-80FN Datasheet HTML 7Page - Texas Instruments TLC34058-80FN Datasheet HTML 8Page - Texas Instruments TLC34058-80FN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
TLC34058
256
× 24 COLOR PALETTE
SLAS050 – D3961, NOVEMBER 1991
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Copyright
© 1991, Texas Instruments Incorporated
1
LinEPIC™ 1-µm CMOS Process
125-MHz Pipelined Architecture
Available Clock Rates... 80, 110, 125,
135 MHz
Dual-Port Color RAM
256 Words x 24 Bits
Bit Plane Read and Blink Masks
EIA RS-343-A Compatible Outputs
Functionally Interchangeable With
Brooktree
® Bt458
Direct Interface to TMS340XX Graphics
Processors
Standard Microprocessor Unit (MPU)
Palette Interface
Multiplexed TTL Pixel Ports
Triple Digital-to-Analog Converters (DACs)
Dual-Port Overlay Registers...4 × 24 Bits
5-V Power Supply
description
The TLC34058 color-palette integrated circuit is specifically developed for high-resolution color graphics in such
applications as CAE/CAD/CAM, image processing, and video reconstruction.
The architecture provides for the display of 1280
× 1024 bit-mapped color graphics (up to 8 bits per pixel
resolution) with 2 bits of overlay information. The TLC34058 has a 256-word
× 24-bit RAM used as a lookup
table with three 8-bit video D/A converters.
On-chip features such as high-speed pixel clock logic minimize costly ECL interface. Multiple pixel ports and
internal multiplexing provide TTL-compatible interface (up to 32 MHz) to the frame buffer while maintaining
sophisticated color graphic data rates (up to 135 MHz). Programmable blink rates, bit plane masking and
blinking, color overlay capability, and a dual-port palette RAM are other key features. The TLC34058 generates
red, green, and blue signals compatible with EIA RS-343-A and can drive, without external buffering, 75-
coaxial cables terminated at each end.
AVAILABLE OPTIONS
TA
SPEED
DAC
PACKAGE
TA
SPEED
RESOLUTION
Ceramic Grid Array (GA)
Plastic Chip Carrier (FN)
80 MHz
8 Bits
TLC34058-80GA
TLC34058-80FN
0
°C
To
110 MHz
8 Bits
TLC34058-110GA
TLC34058-110FN
To
70
°C
125 MHz
8 Bits
TLC34058-125GA
TLC34058-125FN
70 C
135 MHz
8 Bits
TLC34058-135GA
TLC34058-135FN
LinEPIC is a trademark of Texas Instruments Incorporated.
Brooktree
® is a registered trademark of Brooktree Corporation.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TLC34058-80FN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC34058-110M TI-TLC34058-110M Datasheet
438Kb / 21P
[Old version datasheet]   256 x 24 COLOR PALETTE
TLC34058-110MGA TI-TLC34058-110MGA Datasheet
438Kb / 21P
[Old version datasheet]   256 x 24 COLOR PALETTE
TLC34058-110MHFG TI-TLC34058-110MHFG Datasheet
438Kb / 21P
[Old version datasheet]   256 x 24 COLOR PALETTE
More results

Similar Description - TLC34058-80FN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC34058-110M TI-TLC34058-110M Datasheet
438Kb / 21P
[Old version datasheet]   256 x 24 COLOR PALETTE
logo
Analog Devices
ADV453 AD-ADV453 Datasheet
247Kb / 6P
   CMOS 40 MHz Monolithic 256 x 24 Color Palette RAM-DAC
REV. B
logo
List of Unclassifed Man...
BT481 ETC-BT481 Datasheet
2Mb / 35P
   256-Word Color Palette 15-, 16-, and 24-bit True Color Power-Down RAMDACs“
Rev. C
logo
Analog Devices
ADV478 AD-ADV478 Datasheet
531Kb / 12P
   CMOS 80 MHz Monolithic 256 x 24(18) Color Palette RAM-DACs
REV. B
ADV478 AD-ADV478_15 Datasheet
208Kb / 12P
   CMOS 80 MHz Monolithic 256 3 24(18) Color Palette RAM-DACs
REV. B
logo
List of Unclassifed Man...
BT481A ETC-BT481A Datasheet
327Kb / 52P
   110 MHz 256-Word Color Palette 15-, 16-, and 24-Bit True Color Power-Down RAMDAC
TR9C1710 ETC1-TR9C1710 Datasheet
169Kb / 2P
   GRAPHICS COLOR PALETTE
SC11485 ETC1-SC11485 Datasheet
1Mb / 16P
   HiCOLOR-16 Color Palette
logo
Analog Devices
ADV453 AD-ADV453_15 Datasheet
684Kb / 12P
   CMOS 66 MHz Monolithic 2563 24 Color Palette RAM-DAC
Rev. B
ADV476 AD-ADV476 Datasheet
175Kb / 12P
   CMOS Monolithic 256x18 Color Palette RAM-DAC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com