Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2027-EP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2027-EP
Description  Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLE2027-EP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLE2027-EP Datasheet HTML 6Page - Texas Instruments TLE2027-EP Datasheet HTML 7Page - Texas Instruments TLE2027-EP Datasheet HTML 8Page - Texas Instruments TLE2027-EP Datasheet HTML 9Page - Texas Instruments TLE2027-EP Datasheet HTML 10Page - Texas Instruments TLE2027-EP Datasheet HTML 11Page - Texas Instruments TLE2027-EP Datasheet HTML 12Page - Texas Instruments TLE2027-EP Datasheet HTML 13Page - Texas Instruments TLE2027-EP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
TLE2027-EP
Excalibur™ LOW-NOISE HIGH-SPEED
PRECISION OPERATIONAL AMPLIFIER
SLOS511 – JUNE 2007
Table of Graphs
FIGURE
VIO
Input offset voltage
Distribution
6,
ΔVIO
Input offset voltage change
vs
Time after power on
7, 8
IIO
Input offset current
vs
Free-air temperature
9
vs
Free-air temperature
10
IIB
Input bias current
vs
Common-mode input voltage
11
II
Input current
vs
Differential input voltage
12
VO(PP)
Maximum peak-to-peak output voltage
vs
Frequency
13, 14
vs
Load resistance
15, 16
VOM
Maximum (positive/negative) peak output voltage
vs
Free-air temperature
17, 18
vs
Supply voltage
19
vs
Load resistance
20
AVD
Large-signal differential voltage amplification
vs
Frequency
21, 22
vs
Free-air temperature
23
zo
Output impedance
vs
Frequency
24
CMRR
Common-mode rejection ratio
vs
Frequency
25
kSVR
Supply-voltage rejection ratio
vs
Frequency
26
vs
Supply voltage
27, 28
IOS
Short-circuit output current
vs
Elapsed time
29, 30
vs
Free-air temperature
31, 32
vs
Supply voltage
33
ICC
Supply current
vs
Free-air temperature
34
Small signal
35
Voltage-follower pulse response
Large signal
36
Vn
Equivalent input noise voltage
vs
Frequency
37
Noise voltage (referred to input)
Over 10-s interval
38
vs
Supply voltage
39
B1
Unity-gain bandwidth
vs
Load capacitance
40
SR
Slew rate
vs
Free-air temperature
41
vs
Supply voltage
42
φm
Phase margin
vs
Loadcapacitance
43
vs
Free-air temperature
44
10
Submit Documentation Feedback


Similar Part No. - TLE2027-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLE2027-EP TI1-TLE2027-EP Datasheet
968Kb / 45P
[Old version datasheet]   EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
More results

Similar Description - TLE2027-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLE2144-EP TI-TLE2144-EP_15 Datasheet
737Kb / 33P
[Old version datasheet]   Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
TLE2141-EP TI-TLE2141-EP Datasheet
1Mb / 22P
[Old version datasheet]   Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
TLE2141-EP TI1-TLE2141-EP_12 Datasheet
821Kb / 33P
[Old version datasheet]   Excalibur LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
TLE2142-Q1 TI1-TLE2142-Q1 Datasheet
473Kb / 23P
[Old version datasheet]   Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
TLE2142-Q1 TI-TLE2142-Q1_15 Datasheet
465Kb / 25P
[Old version datasheet]   Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
TLE2027 TI1-TLE2027_17 Datasheet
968Kb / 45P
[Old version datasheet]   EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2142X TI-TLE2142X Datasheet
1Mb / 72P
[Old version datasheet]   EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE214X TI-TLE214X_08 Datasheet
1Mb / 72P
[Old version datasheet]   EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2037IDR TI1-TLE2037IDR Datasheet
994Kb / 46P
[Old version datasheet]   EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2027IDRG4 TI1-TLE2027IDRG4 Datasheet
1,022Kb / 46P
[Old version datasheet]   EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com