Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK2711AIRCPRG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # TLK2711AIRCPRG4
Description  1.6 TO 2.7 GBPS TRANSCEIVER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK2711AIRCPRG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLK2711AIRCPRG4 Datasheet HTML 5Page - Texas Instruments TLK2711AIRCPRG4 Datasheet HTML 6Page - Texas Instruments TLK2711AIRCPRG4 Datasheet HTML 7Page - Texas Instruments TLK2711AIRCPRG4 Datasheet HTML 8Page - Texas Instruments TLK2711AIRCPRG4 Datasheet HTML 9Page - Texas Instruments TLK2711AIRCPRG4 Datasheet HTML 10Page - Texas Instruments TLK2711AIRCPRG4 Datasheet HTML 11Page - Texas Instruments TLK2711AIRCPRG4 Datasheet HTML 12Page - Texas Instruments TLK2711AIRCPRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
TLK2711A
www.ti.com.................................................................................................................................................. SLLS908A – JULY 2008 – REVISED SEPTEMBER 2009
High-Speed Data Output
The high-speed data output driver consists of a voltage mode logic (VML) differential pair optimized for a 50-
impedance environment. The magnitude of the differential pair signal swing is compatible with pseudo emitter
coupled logic (PECL) levels when ac-coupled. The line can be directly-coupled or ac-coupled. Refer to Figure 11
and Figure 12 for termination details. The outputs also provide preemphasis to compensate for ac loss when
driving a cable or PCB backplane trace over a long distance (see Figure 4). The level of pre-emphasis is
controlled by PRE as shown in Table 2.
Table 2. Programmable Pre-emphasis
PRE
PRE-EMPHASIS LEVEL(%)
VOD(P), VOD(D)
(1)
0
5%
1
20%
(1)
VOD(p): Voltage swing when there is a transition in the data
stream.
Figure 4. Output Voltage Under Pre-emphasis
VOD(d): Voltage swing when there is no transition in the data
(|VTXP–VTXN|)
stream.
Receive Interface
The receiver portion of the TLK2711A accepts 8-bit/10-bit encoded differential serial data. The interpolator and
clock recovery circuit locks to the data stream and extract the bit rate clock. This recovered clock is used to
retime the input data stream. The serial data is then aligned to two separate 10-bit word boundaries, 8-bit/10-bit
decoded and output on a 16-bit wide parallel bus synchronized to the extracted receive clock. The data is
received LSB (RXD0) first.
Receive Data Bus
The receive bus interface drives 16-bit wide single-ended TTL parallel data at the RXD[0:15] terminals. Data is
valid on the rising edge of the RXCLK. The RXCLK is used as the recovered word clock. The data, RKLSB,
RKMSB, and clock signals are aligned as shown in Figure 5. Detailed timing information can be found in the
switching characteristics table.
Figure 5. Receive Timing Waveform
Data Reception Latency
The serial-to-parallel data receive latency is the time from when the first bit arrives at the receiver until it is output
in the aligned parallel word. The receive latency is fixed once the link is established. However, due to silicon
process variations and implementation variables such as supply voltage and temperature, the exact delay varies
slightly. The minimum receive latency td(Rx latency) is 76 bit times; the maximum is 107 bit times. Figure 6 illustrates
the timing relationship between the serial receive terminals, the recovered word clock (RXCLK), and the receive
data bus.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s) :TLK2711A


Similar Part No. - TLK2711AIRCPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK2711 TI-TLK2711 Datasheet
309Kb / 22P
[Old version datasheet]   1.6 TO 2.7 GBPS TRANSCEIVER
TLK2711-SP TI-TLK2711-SP Datasheet
310Kb / 21P
[Old version datasheet]   1.6-Gbps to 2.5-Gbps Class V Transceiver
TLK2711-SP TI1-TLK2711-SP Datasheet
414Kb / 29P
[Old version datasheet]   TLK2711-SP 1.6-Gbps to 2.5-Gbps Class V Transceiver
TLK2711-SP TI1-TLK2711-SP_15 Datasheet
414Kb / 29P
[Old version datasheet]   1.6-Gbps to 2.5-Gbps Class V Transceiver
TLK2711-SP TI1-TLK2711-SP_16 Datasheet
414Kb / 29P
[Old version datasheet]   TLK2711-SP 1.6-Gbps to 2.5-Gbps Class V Transceiver
More results

Similar Description - TLK2711AIRCPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK2711JRZQE TI1-TLK2711JRZQE Datasheet
619Kb / 27P
[Old version datasheet]   1.6 TO 2.7 GBPS TRANSCEIVER
TLK2711IRCP TI-TLK2711IRCP Datasheet
634Kb / 27P
[Old version datasheet]   1.6 TO 2.7 GBPS TRANSCEIVER
TLK2701 TI-TLK2701 Datasheet
291Kb / 21P
[Old version datasheet]   1.6 TO 2.7 GBPS TRANSCEIVER
TLK2711 TI-TLK2711 Datasheet
309Kb / 22P
[Old version datasheet]   1.6 TO 2.7 GBPS TRANSCEIVER
TLK2701 TI1-TLK2701_16 Datasheet
858Kb / 27P
[Old version datasheet]   1.6 TO 2.7 GBPS TRANSCEIVER
TLK2500 TI1-TLK2500 Datasheet
297Kb / 10P
[Old version datasheet]   1.6 Gbps to 2.5 Gbps TRANSCEIVER
TLK2500IRCP TI-TLK2500IRCP Datasheet
268Kb / 20P
[Old version datasheet]   1.6 Gbps to 2.5 Gbps TRANSCEIVER
TLK2711-SP TI1-TLK2711-SP_15 Datasheet
414Kb / 29P
[Old version datasheet]   1.6-Gbps to 2.5-Gbps Class V Transceiver
TLK2711-SP TI-TLK2711-SP Datasheet
310Kb / 21P
[Old version datasheet]   1.6-Gbps to 2.5-Gbps Class V Transceiver
TLK2711-SP TI1-TLK2711-SP_16 Datasheet
414Kb / 29P
[Old version datasheet]   TLK2711-SP 1.6-Gbps to 2.5-Gbps Class V Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com