Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC3104-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC3104-Q1
Description  LOW-POWER STEREO AUDIO CODEC
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC3104-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV320AIC3104-Q1 Datasheet HTML 5Page - Texas Instruments TLV320AIC3104-Q1 Datasheet HTML 6Page - Texas Instruments TLV320AIC3104-Q1 Datasheet HTML 7Page - Texas Instruments TLV320AIC3104-Q1 Datasheet HTML 8Page - Texas Instruments TLV320AIC3104-Q1 Datasheet HTML 9Page - Texas Instruments TLV320AIC3104-Q1 Datasheet HTML 10Page - Texas Instruments TLV320AIC3104-Q1 Datasheet HTML 11Page - Texas Instruments TLV320AIC3104-Q1 Datasheet HTML 12Page - Texas Instruments TLV320AIC3104-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 91 page
background image
TLV320AIC3104-Q1
www.ti.com
SLAS715 – JUNE 2010
ELECTRICAL CHARACTERISTICS (continued)
At 25°C, AVDD_DAC = DRVDD = IOVDD = 3.3 V, DVDD = 1.8 V, fS = 48 kHz, 16-bit audio data (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DAC DIGITAL INTERPOLATION – FILTER fS = 48 kHz
Pass band
0
0.45 fS
Hz
Pass-band ripple
±0.06
dB
Transition band
0.45 fS
0.55 fS
Hz
Stop band
0.55 fS
7.5 fS
Hz
Stop-band attenuation
65
dB
Group delay
21/fS
s
STEREO HEADPHONE DRIVER – AC-COUPLED OUTPUT CONFIGURATION (3)
0-dB gain to high-power outputs. Output common-mode voltage
0-dB full-scale output voltage
0.707
VRMS
setting = 1.35 V
First option
1.35
Programmable output
Second option
1.5
common-mode voltage
V
(applicable to line outputs
Third option
1.65
also)
Fourth option
1.8
Maximum programmable
9
dB
output level control gain
Programmable output level
1
dB
control gain step size
RL = 32 Ω
15
PO
Maximum output power
mW
RL = 16 Ω
30
Signal-to-noise ratio(4)
A-weighted
94
dB
–77
1-kHz output, PO = 5 mW, RL = 32 Ω
0.014
–76
1-kHz output, PO = 10 mW, RL = 32 Ω
0.016
Total harmonic distortion
dB%
–73
1-kHz output, PO = 10 mW, RL = 16 Ω
0.022
–71
1-kHz output, PO = 20 mW, RL = 16 Ω
0.028
Channel separation
1-kHz, 0-dB input
90
dB
Power supply rejection ratio
217 Hz, 100 mVpp on AVDD, DRVDD1/2
48
dB
Mute attenuation
1-kHz output
107
dB
DIGITAL I/O
0.3
VIL
Input low level
–0.3
V
IOVDD
0.7
IOVDD > 1.6 V
IOVDD
VIH
Input high level (5)
V
IOVDD
≤ 1.6 V
1.1
0.1
VOL
Output low level
V
IOVDD
0.8
VOH
Output high level
V
IOVDD
CURRENT CONSUMPTION – DRVDD = AVDD_DAC = IOVDD = 3.3 V, DVDD = 1.8 V
(4)
Ratio of output level with a 1-kHz full-scale input, to the output level playing an all-zero signal, measured A-weighted over a 20-Hz to
20-kHz bandwidth.
(5)
When IOVDD < 1.6 V, minimum VIH is 1.1 V.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TLV320AIC3104-Q1


Similar Part No. - TLV320AIC3104-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3104-Q1 TI1-TLV320AIC3104-Q1 Datasheet
1Mb / 97P
[Old version datasheet]   Low-Power Stereo Audio Codec for Portable Audio and Telephony
TLV320AIC3104-Q1 TI1-TLV320AIC3104-Q1 Datasheet
2Mb / 102P
[Old version datasheet]   TLV320AIC3104-Q1 Automotive, Low-Power Stereo Audio Codec for Infotainment and Cluster
REVISED JANUARY 2023
TLV320AIC3104-Q1 TI-TLV320AIC3104-Q1_15 Datasheet
1Mb / 92P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC
TLV320AIC3104-Q1 TI1-TLV320AIC3104-Q1_16 Datasheet
2Mb / 95P
[Old version datasheet]   Low-Power Stereo Audio Codec for Infotainment and Cluster
TLV320AIC3104-Q1 TI1-TLV320AIC3104-Q1_V01 Datasheet
2Mb / 102P
[Old version datasheet]   TLV320AIC3104-Q1 Automotive, Low-Power Stereo Audio Codec for Infotainment and Cluster
REVISED JANUARY 2023
More results

Similar Description - TLV320AIC3104-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3105 TI1-TLV320AIC3105 Datasheet
2Mb / 103P
[Old version datasheet]   Low-Power Stereo Audio Codec
TLV320AIC3104 TI1-TLV320AIC3104_14 Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power Stereo Audio Codec
TLV320AIC3106 TI1-TLV320AIC3106 Datasheet
2Mb / 105P
[Old version datasheet]   Low-Power Stereo Audio CODEC
logo
Suzhou Everest Semicond...
ES8396 EVEREST-ES8396 Datasheet
633Kb / 13P
   Low Power Stereo Audio CODEC
logo
Texas Instruments
TLV320AIC3104-Q1 TI-TLV320AIC3104-Q1_15 Datasheet
1Mb / 92P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC
TLV320AIC3268 TI1-TLV320AIC3268 Datasheet
4Mb / 263P
[Old version datasheet]   Low Power Stereo Audio Codec
PCM3793A TI1-PCM3793A_16 Datasheet
1Mb / 70P
[Old version datasheet]   Low-Power Stereo Audio CODEC
PCM3793 TI1-PCM3793_16 Datasheet
1Mb / 68P
[Old version datasheet]   Low-Power Stereo Audio CODEC
logo
Maxim Integrated Produc...
MAX98091 MAXIM-MAX98091 Datasheet
7Mb / 174P
   Ultra-Low Power Stereo Audio Codec
Rev 0; 5/13
logo
Texas Instruments
TLV320AIC3206 TI1-TLV320AIC3206_17 Datasheet
1Mb / 51P
[Old version datasheet]   Ultra Low-Power Stereo Audio Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com