Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV809I50DBZR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV809I50DBZR
Description  3-Pin Supply Voltage Supervisors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV809I50DBZR Datasheet(HTML) 3 Page - Texas Instruments

  TLV809I50DBZR Datasheet HTML 1Page - Texas Instruments TLV809I50DBZR Datasheet HTML 2Page - Texas Instruments TLV809I50DBZR Datasheet HTML 3Page - Texas Instruments TLV809I50DBZR Datasheet HTML 4Page - Texas Instruments TLV809I50DBZR Datasheet HTML 5Page - Texas Instruments TLV809I50DBZR Datasheet HTML 6Page - Texas Instruments TLV809I50DBZR Datasheet HTML 7Page - Texas Instruments TLV809I50DBZR Datasheet HTML 8Page - Texas Instruments TLV809I50DBZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
TLV809J25, TLV809L30
TLV809K33, TLV809I50
www.ti.com
SLVSA03C – JUNE 2010 – REVISED FEBRUARY 2012
THERMAL INFORMATION
TLV809
TLV809
THERMAL METRIC(1)
DBV
DBZ
UNITS
3 PINS
3 PINS
θJA
Junction-to-ambient thermal resistance
242.1
286.9
θJCtop
Junction-to-case (top) thermal resistance
213.0
105.6
θJB
Junction-to-board thermal resistance
123.4
124.4
°C/W
ψJT
Junction-to-top characterization parameter
45.7
25.8
ψJB
Junction-to-board characterization parameter
130.9
107.9
θJCbot
Junction-to-case (bottom) thermal resistance
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
RECOMMENDED OPERATING CONDITIONS
At specified temperature range (unless otherwise noted).
MIN
MAX
UNIT
VDD
Supply voltage
2
6
V
TA
Operating free-air temperature range
–40
+85
°C
ELECTRICAL CHARACTERISTICS
Over recommended operating free-air temperature range (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD = 2.5 V to 6 V,
IOH = –500 µA
VDD – 0.2
VOH
High-level output voltage
VDD = 3.3 V,
IOH = –2 mA
VDD – 0.4
V
VDD = 6 V,
IOH = –4 mA
VDD – 0.4
VDD = 2 V to 6 V,
IOH = 500 µA
0.2
VOL
Low-level output voltage
VDD = 3.3 V,
IOH = 2 mA
0.4
V
VDD = 6 V,
IOH = 4 mA
0.4
Power-up reset voltage(1)
VDD ≥ 1.1 V,
IOL = 50 µA
0.2
V
TLV809J25
2.20
2.25
2.30
TLV809L30
2.58
2.64
2.70
Negative-going input
VIT–
TA = –40°C to 85°C
v
threshold voltage(2)
TLV809K33
2.87
2.93
2.99
TLV809I50
4.45
4.55
4.65
TLV809J25
30
TLV809L30
35
Vhys
Hysteresis
mV
TLV809K33
40
TLV809I50
60
VDD = 2 V,
Output unconnected
9
12
IDD
Supply current
µA
VDD = 6 V,
Output unconnected
20
25
Ci
Input capacitance
VI = 0 V to VDD
5
pF
(1)
The lowest supply voltage at which RESET becomes active. tr, VDD ≥ 15 ms/V.
(2)
To ensure best stability of the threshold voltage, a bypass capacitor ( 0.1-µF ceramic) should be placed near the supply terminals.
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TLV809J25 TLV809L30 TLV809K33 TLV809I50


Similar Part No. - TLV809I50DBZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV809I50DBZR TI1-TLV809I50DBZR Datasheet
929Kb / 20P
[Old version datasheet]   3-Pin Supply Voltage Supervisor
More results

Similar Description - TLV809I50DBZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3809J25 TI1-TPS3809J25_13 Datasheet
821Kb / 13P
[Old version datasheet]   3-PIN SUPPLY VOLTAGE SUPERVISORS
TPS3809L30-EP TI1-TPS3809L30-EP Datasheet
347Kb / 14P
[Old version datasheet]   3-PIN SUPPLY VOLTAGE SUPERVISORS
TPS3809J25 TI1-TPS3809J25_17 Datasheet
722Kb / 13P
[Old version datasheet]   3-Pin Supply Voltage Supervisors
TPS3809J25 TI1-TPS3809J25_16 Datasheet
726Kb / 13P
[Old version datasheet]   3-Pin Supply Voltage Supervisors
TPS3809L30-EP TI1-TPS3809L30-EP_16 Datasheet
722Kb / 14P
[Old version datasheet]   3-PIN SUPPLY VOLTAGE SUPERVISORS
TPS3809J25-Q1 TI-TPS3809J25-Q1 Datasheet
151Kb / 9P
[Old version datasheet]   3-PIN SUPPLY VOLTAGE SUPERVISORS
TPS3809J25-Q1 TI1-TPS3809J25-Q1_16 Datasheet
837Kb / 19P
[Old version datasheet]   3-Pin Supply Voltage Supervisors
TPS3809J25 TI-TPS3809J25 Datasheet
113Kb / 8P
[Old version datasheet]   3-PIN SUPPLY VOLTAGE SUPERVISORS
TPS3809I50-EP TI1-TPS3809I50-EP Datasheet
376Kb / 13P
[Old version datasheet]   3-PIN SUPPLY VOLTAGE SUPERVISORS
TLV803E TI1-TLV803E Datasheet
749Kb / 27P
[Old version datasheet]   3-Pin Supply Voltage Supervisors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com