Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV1117LV12DCYR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1117LV12DCYR
Description  1-A, Positive Fixed Voltage, Low-Dropout Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV1117LV12DCYR Datasheet(HTML) 1 Page - Texas Instruments

  TLV1117LV12DCYR Datasheet HTML 1Page - Texas Instruments TLV1117LV12DCYR Datasheet HTML 2Page - Texas Instruments TLV1117LV12DCYR Datasheet HTML 3Page - Texas Instruments TLV1117LV12DCYR Datasheet HTML 4Page - Texas Instruments TLV1117LV12DCYR Datasheet HTML 5Page - Texas Instruments TLV1117LV12DCYR Datasheet HTML 6Page - Texas Instruments TLV1117LV12DCYR Datasheet HTML 7Page - Texas Instruments TLV1117LV12DCYR Datasheet HTML 8Page - Texas Instruments TLV1117LV12DCYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
INPUT
GND
2
3
1
OUTPUT
TLV1117LVxxDCY
TLV1117LV Series
www.ti.com
SBVS160A
– MAY 2011 – REVISED SEPTEMBER 2011
1-A, Positive Fixed Voltage, Low-Dropout Regulator
1
FEATURES
DESCRIPTION
The TLV1117LV series of low-dropout (LDO) linear
2
1.5% Typical Accuracy
regulators is a low input voltage version of the
Low IQ: 100 μA (max)
popular 1117 voltage regulator.
– 500 times lower than standard 1117 devices
The TLV1117LV is an extremely low-power device
VIN: 2.0 V to 5.5 V
that consumes 500 times lower quiescent current
– Absolute maximum VIN = 6.0 V
than traditional 1117 voltage regulators, making it
suitable for applications that mandate very low
Stable with 0-mA Output Current
standby current. The TLV1117LV family of LDOs is
Low Dropout: 455 mV at 1 A for VOUT = 3.3 V
also stable with 0 mA of load current; there is no
High PSRR: 65 dB at 1 kHz
minimum load requirement, making it an ideal choice
for applications where the regulator is required to
Minimum Ensured Current Limit: 1.1 A
power very small loads during standby in addition to
Stable with Cost-Effective Ceramic Capacitors:
large currents on the order of 1 A during normal
– With 0-Ω ESR
operation. The TLV1117LV offers excellent line and
load transient performance, resulting in very small
Temperature Range:
–40°C to +125°C
magnitude undershoots and overshoots of output
Thermal Shutdown and Ovecurrent Protection
voltage when the load current requirement changes
Available in SOT223 Package
from less than 1 mA to more than 500 mA.
– See Package Option Addendum at end of
A precision bandgap and error amplifier provides
this document for complete list of available
1.5% accuracy. A very high power-supply rejection
voltage options
ratio enables usage of the device for post-regulation
after a switching regulator. Other valuable features
APPLICATIONS
include low output noise and low-dropout voltage.
Set Top Boxes
The device is internally compensated to be stable
with
0-
Ω
equivalent
series
resistance
(ESR)
TVs and Monitors
capacitors. These key advantages enable the use of
PC Peripherals, Notebooks, Motherboards
cost-effective,
small-size
ceramic
capacitors.
Modems and Other Communication Products
Cost-effective
capacitors
that
have
higher
bias
voltages and temperature derating can also be used
Switching Power Supply Post-Regulation
if desired.
The TLV1117LV series is available in a SOT223
package.
Figure 1.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright
© 2011, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLV1117LV12DCYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1117LV12DCYR TI1-TLV1117LV12DCYR Datasheet
637Kb / 20P
[Old version datasheet]   1-A, Positive Fixed Voltage, Low-Dropout Regulator
SEPTEMBER2011
TLV1117LV12DCYR TI-TLV1117LV12DCYR Datasheet
903Kb / 19P
[Old version datasheet]   1-A, Positive Fixed Voltage, Low-Dropout Regulator
More results

Similar Description - TLV1117LV12DCYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV117112 TI1-TLV117112 Datasheet
307Kb / 15P
[Old version datasheet]   1-A, Positive Fixed-Voltage, Low-Dropout Regulator
TLV1117LV TI1-TLV1117LV Datasheet
637Kb / 20P
[Old version datasheet]   1-A, Positive Fixed Voltage, Low-Dropout Regulator
SEPTEMBER2011
TLV1117LV33DCYT TI-TLV1117LV33DCYT Datasheet
903Kb / 19P
[Old version datasheet]   1-A, Positive Fixed Voltage, Low-Dropout Regulator
TLV1171 TI-TLV1171_15 Datasheet
805Kb / 18P
[Old version datasheet]   1-A, Positive Fixed-Voltage, Low-Dropout Regulator
TLV1117LV TI-TLV1117LV_15 Datasheet
901Kb / 24P
[Old version datasheet]   TLV1117LV 1-A, Positive Fixed-Voltage, Low-Dropout Regulator
logo
TAITRON Components Inco...
LD1117A12 TAITRON-LD1117A12 Datasheet
438Kb / 21P
   1 A Low Dropout Positive Voltage Regulator
Rev. A/LX
logo
Linear Dimensions Semic...
LND5201 LINEAR_DIMENSIONS-LND5201 Datasheet
203Kb / 7P
   1 A Low Dropout Positive Voltage Regulator
logo
Microchip Technology
TC55 MICROCHIP-TC55 Datasheet
72Kb / 9P
   1關A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
2001
TC55 MICROCHIP-TC55_05 Datasheet
383Kb / 18P
   1 關A Low Dropout Positive Voltage Regulator
2005
logo
SeCoS Halbleitertechnol...
SJ1212 SECOS-SJ1212 Datasheet
396Kb / 3P
   1 A Low Dropout Positive Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com