Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV1117LV33DCYR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1117LV33DCYR
Description  1-A, Positive Fixed Voltage, Low-Dropout Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV1117LV33DCYR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV1117LV33DCYR Datasheet HTML 6Page - Texas Instruments TLV1117LV33DCYR Datasheet HTML 7Page - Texas Instruments TLV1117LV33DCYR Datasheet HTML 8Page - Texas Instruments TLV1117LV33DCYR Datasheet HTML 9Page - Texas Instruments TLV1117LV33DCYR Datasheet HTML 10Page - Texas Instruments TLV1117LV33DCYR Datasheet HTML 11Page - Texas Instruments TLV1117LV33DCYR Datasheet HTML 12Page - Texas Instruments TLV1117LV33DCYR Datasheet HTML 13Page - Texas Instruments TLV1117LV33DCYR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
TLV1117LV Series
SBVS160A
– MAY 2011 – REVISED SEPTEMBER 2011
www.ti.com
APPLICATION INFORMATION
The TLV1117LV is a low quiescent current linear regulator designed for high current applications. Unlike typical
high current linear regulators, the TLV1117LV series consume significantly less quiescent current. These devices
deliver excellent line and load transient performance. The device is low noise, and exhibits a very good
power-supply rejection ratio (PSRR). As a result, it is ideal for high current applications that require very sensitive
power-supply rails.
This family of regulators offers both current limit and thermal protection. The operating junction temperature
range of the device is
–40°C to +125°C.
Input and Output Capacitor Requirements
For stability, 1.0-
μF ceramic capacitors are required at the output. Higher-valued capacitors improve transient
performance. X5R- and X7R-type ceramic capacitors are recommended because these capacitors have minimal
variation in value and equivalent series resistance (ESR) over temperature. Unlike traditional linear regulators
that need a minimum ESR for stability, the TLV1117LV series are ensured to be stable with no ESR. Therefore,
cost-effective ceramic capacitors can be used with these devices. Effective output capacitance that takes bias,
temperature, and aging effects into consideration must be greater than 0.5
μF to ensure stability of the device.
Although an input capacitor is not required for stability, it is good analog design practice to connect a 0.1-
μF to
1.0-
μF, low-ESR capacitor across the IN pin and GND pin of the regulator. This capacitor counteracts reactive
input sources and improves transient response, noise rejection, and ripple rejection. A higher-value capacitor
may be necessary if large, fast rise-time load transients are anticipated, or if the device is not located physically
close to the power source. If source impedance is greater than 2
Ω, a 0.1-μF input capacitor may also be
necessary to ensure stability.
Board Layout Recommendations to Improve PSRR and Noise Performance
Input and output capacitors should be placed as close to the device pins as possible. To improve characteristic
ac performance such as PSRR, output noise, and transient response, it is recommended that the board be
designed with separate ground planes for VIN and VOUT, with the ground plane connected only at the GND pin of
the device. In addition, the ground connection for the output capacitor should be connected directly to the GND
pin of the device. Higher value ESR capacitors may degrade PSRR performance.
Internal Current Limit
The TLV1117LV internal current limit helps to protect the regulator during fault conditions. During current limit,
the output sources a fixed amount of current that is largely independent of the output voltage. In such a case, the
output voltage is not regulated, and can be calculated by the formula: VOUT = ILIMIT × RLOAD. The PMOS pass
transistor dissipates (VIN – VOUT) × ILIMIT until thermal shutdown is triggered and the device turns off. As the
device cools down, it is turned on by the internal thermal shutdown circuit. If the fault condition continues, the
device cycles between current limit and thermal shutdown. See the Thermal Information section for more details
The PMOS pass element in the TLV1117LV device has a built-in body diode that conducts current when the
voltage at OUT exceeds the voltage at IN. This current is not limited; if extended reverse voltage operation is
anticipated, external limiting to 5% of the rated output current is recommended.
Dropout Voltage
The TLV1117LV uses a PMOS pass transistor to achieve low dropout. When (VIN – VOUT) is less than the
dropout voltage (VDO), the PMOS pass device is in the linear region of operation and the input-to-output
resistance is the RDS(ON) of the PMOS pass element. VDO scales approximately with output current because the
PMOS device behaves as a resistor in dropout.
As with any linear regulator, PSRR and transient response are degraded as (VIN – VOUT) approaches dropout
Transient Response
As with any regulator, increasing the size of the output capacitor reduces over-/undershoot magnitude.
10
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated


Similar Part No. - TLV1117LV33DCYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1117LV33DCYR TI1-TLV1117LV33DCYR Datasheet
637Kb / 20P
[Old version datasheet]   1-A, Positive Fixed Voltage, Low-Dropout Regulator
SEPTEMBER2011
TLV1117LV33DCYR TI-TLV1117LV33DCYR Datasheet
903Kb / 19P
[Old version datasheet]   1-A, Positive Fixed Voltage, Low-Dropout Regulator
More results

Similar Description - TLV1117LV33DCYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV117112 TI1-TLV117112 Datasheet
307Kb / 15P
[Old version datasheet]   1-A, Positive Fixed-Voltage, Low-Dropout Regulator
TLV1117LV TI1-TLV1117LV Datasheet
637Kb / 20P
[Old version datasheet]   1-A, Positive Fixed Voltage, Low-Dropout Regulator
SEPTEMBER2011
TLV1117LV33DCYT TI-TLV1117LV33DCYT Datasheet
903Kb / 19P
[Old version datasheet]   1-A, Positive Fixed Voltage, Low-Dropout Regulator
TLV1171 TI-TLV1171_15 Datasheet
805Kb / 18P
[Old version datasheet]   1-A, Positive Fixed-Voltage, Low-Dropout Regulator
TLV1117LV TI-TLV1117LV_15 Datasheet
901Kb / 24P
[Old version datasheet]   TLV1117LV 1-A, Positive Fixed-Voltage, Low-Dropout Regulator
logo
TAITRON Components Inco...
LD1117A12 TAITRON-LD1117A12 Datasheet
438Kb / 21P
   1 A Low Dropout Positive Voltage Regulator
Rev. A/LX
logo
Linear Dimensions Semic...
LND5201 LINEAR_DIMENSIONS-LND5201 Datasheet
203Kb / 7P
   1 A Low Dropout Positive Voltage Regulator
logo
Microchip Technology
TC55 MICROCHIP-TC55 Datasheet
72Kb / 9P
   1關A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
2001
TC55 MICROCHIP-TC55_05 Datasheet
383Kb / 18P
   1 關A Low Dropout Positive Voltage Regulator
2005
logo
SeCoS Halbleitertechnol...
SJ1212 SECOS-SJ1212 Datasheet
396Kb / 3P
   1 A Low Dropout Positive Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com