Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAC242 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AAC242
Description  Current Mode PWM Contoller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AAC242 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  AAC242 Datasheet HTML 1Page - List of Unclassifed Manufacturers AAC242 Datasheet HTML 2Page - List of Unclassifed Manufacturers AAC242 Datasheet HTML 3Page - List of Unclassifed Manufacturers AAC242 Datasheet HTML 4Page - List of Unclassifed Manufacturers AAC242 Datasheet HTML 5Page - List of Unclassifed Manufacturers AAC242 Datasheet HTML 6Page - List of Unclassifed Manufacturers AAC242 Datasheet HTML 7Page - List of Unclassifed Manufacturers AAC242 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Power Management AAC242/243
© Copyright 2010- ASIC Advantage, Inc. – AADS00012 / R127B
-
Preliminary
-
October 2010
6 / 8
In cases where duty cycle exceeds 50% slope compensation is required. This can be implemented by adding a buffer
transistor to the oscillator circuit and using a resistive summing circuit to provide the ramp necessary for slope
compensation.
Shut down circuits depend on the desired function. A transistor can be used to allow control on and off of the PWM
or an SCR can be used to latch off the PWM.
Slope compensation
Ct
8
1
2
3
4
5
6
7
Vref
COMP
FB
Isense
R/C
GND
OUT
Vcc
C
2N3904
Rslope
Rt
Rsense
R
Shutdown circuits
shutdown
8
1
2
3
4
5
6
7
Vref
COMP
FB
Isense
R/C
GND
OUT
Vcc
2N3904
100K
2N3904
shutdown
100K
8
1
2
3
4
5
6
7
Vref
COMP
FB
Isense
R/C
GND
OUT
Vcc


Similar Part No. - AAC242

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AAC20 ETC2-AAC20 Datasheet
233Kb / 6P
   R챕f. AA15, AAC16, AAC20, AB15, ABC16, ABC20, ABD16, ABD20, AEB16, AEB20
AAC20 ETC2-AAC20 Datasheet
233Kb / 6P
   Positive resin, blue coloured bleue, without marbling
AAC22FSLN ETC2-AAC22FSLN Datasheet
583Kb / 2P
   DUAL-EDGE .100 PITCH CONNECTOR
More results

Similar Description - AAC242

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1253 ONSEMI-NCP1253_12 Datasheet
308Kb / 15P
   Current-Mode PWM Current-Mode PWM Power Supplies
January, 2012 ??Rev. 0
logo
Texas Instruments
TL284X TI-TL284X Datasheet
171Kb / 12P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
logo
Analog Intergrations Co...
AIC3843 AIC-AIC3843 Datasheet
189Kb / 11P
   Current-Mode PWM Controller
logo
List of Unclassifed Man...
B3843 ETC-B3843 Datasheet
434Kb / 10P
   Current Mode PWM Controller
logo
Fuji Electric
FA13844N-TE1 FUJI-FA13844N-TE1 Datasheet
310Kb / 17P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1842A-EP TI-UC1842A-EP Datasheet
425Kb / 11P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLER
logo
AUK corp
S3843P AUK-S3843P Datasheet
300Kb / 7P
   Current Mode PWM Controller
S3882 AUK-S3882 Datasheet
327Kb / 8P
   Current Mode PWM Controller
logo
Microsemi Corporation
SG1846 MICROSEMI-SG1846 Datasheet
210Kb / 10P
   CURRENT MODE PWM CONTROLLER
logo
Rohm
BD7679G ROHM-BD7679G Datasheet
992Kb / 20P
   PWM current mode method
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com