Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV1549CDRG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # TLV1549CDRG4
Description  10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV1549CDRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV1549CDRG4 Datasheet HTML 4Page - Texas Instruments TLV1549CDRG4 Datasheet HTML 5Page - Texas Instruments TLV1549CDRG4 Datasheet HTML 6Page - Texas Instruments TLV1549CDRG4 Datasheet HTML 7Page - Texas Instruments TLV1549CDRG4 Datasheet HTML 8Page - Texas Instruments TLV1549CDRG4 Datasheet HTML 9Page - Texas Instruments TLV1549CDRG4 Datasheet HTML 10Page - Texas Instruments TLV1549CDRG4 Datasheet HTML 11Page - Texas Instruments TLV1549CDRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
TLV1549C, TLV1549I, TLV1549M
10-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH SERIAL CONTROL
SLAS071C – JANUARY 1993 – REVISED MARCH 1995
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range,
VCC = Vref+ = 3 V to 3.6 V, I/O CLOCK frequency = 2.1 MHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH High level output voltage
VCC = 3 V,
IOH = –1.6 mA
2.4
V
VOH High-level output voltage
VCC = 3 V to 3.6 V, IOH = –20 μA
VCC–0.1
V
VOL Low level output voltage
VCC = 3 V,
IOL = 1.6 mA
0.4
V
VOL Low-level output voltage
VCC = 3 V to 3.6 V, IOL = 20 μA
0.1
V
IOZ
Off state (high impedance state) output current
VO = VCC,
CS at VCC
10
μA
IOZ
Off-state (high-impedance-state) outputcurrent
VO = 0,
CS at VCC
–10
μA
IIH
High-level input current
VI = VCC
0.005
2.5
μA
IIL
Low-level input current
VI = 0
– 0.005
–2.5
μA
ICC
Operating supply current
CS at 0 V
0.4
2.5
mA
Analog input leakage current
VI = VCC
1
μA
Analog input leakage current
VI = 0
–1
μA
Maximum static analog reference current into REF+
Vref+ = VCC,
Vref– = GND
10
μA
TLV1549C, I (Analog)
During sample cycle
30
55
Ci
Input capacitance
TLV1549M, (Analog)
During sample cycle
30
pF
Ci
Input capacitance
TLV1549C, I (Control)
5
15
pF
TLV1549M, (Control)
5
† All typical values are at VCC = 3.3 V, TA = 25°C.


Similar Part No. - TLV1549CDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1549CDRG4 TI1-TLV1549CDRG4 Datasheet
598Kb / 20P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
More results

Similar Description - TLV1549CDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1549C TI1-TLV1549C_14 Datasheet
598Kb / 20P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC1549IPE4 TI1-TLC1549IPE4 Datasheet
254Kb / 17P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC1549C TI-TLC1549C Datasheet
238Kb / 15P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV1549C TI-TLV1549C Datasheet
238Kb / 15P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC1549C TI1-TLC1549C_14 Datasheet
257Kb / 18P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC548C TI-TLC548C Datasheet
167Kb / 12P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI-TLC0831C Datasheet
206Kb / 14P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI1-TLC0831C_14 Datasheet
915Kb / 21P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0834C TI1-TLC0834C_14 Datasheet
794Kb / 20P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831 TI1-TLC0831 Datasheet
656Kb / 19P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com