Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAC242E.S8A.G.LF.TR Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AAC242E.S8A.G.LF.TR
Description  Current Mode PWM Contoller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AAC242E.S8A.G.LF.TR Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AAC242E.S8A.G.LF.TR Datasheet HTML 1Page - List of Unclassifed Manufacturers AAC242E.S8A.G.LF.TR Datasheet HTML 2Page - List of Unclassifed Manufacturers AAC242E.S8A.G.LF.TR Datasheet HTML 3Page - List of Unclassifed Manufacturers AAC242E.S8A.G.LF.TR Datasheet HTML 4Page - List of Unclassifed Manufacturers AAC242E.S8A.G.LF.TR Datasheet HTML 5Page - List of Unclassifed Manufacturers AAC242E.S8A.G.LF.TR Datasheet HTML 6Page - List of Unclassifed Manufacturers AAC242E.S8A.G.LF.TR Datasheet HTML 7Page - List of Unclassifed Manufacturers AAC242E.S8A.G.LF.TR Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Power Management AAC242/243
© Copyright 2010- ASIC Advantage, Inc. – AADS00012 / R127B
-
Preliminary
-
October 2010
4 / 8
PARAMETER
PARAMETERS
UNITS
CONDITIONS
MIN.
TYP.
MAX.
OUTPUT SECTION
Voltage Out Low
0.4
V
Isink = 20mA
Voltage Out Low
2.2
V
Isink = 200mA
Voltage Out High
13.5
14
V
Isink = 20mA
Voltage Out High
12.5
13.5
V
Isink = 200mA
Voltage Out UVLO
1.1
V
Vcc=6V, Isink = 1mA
Voltage Output Rise Time
30
50
ns
CL=1000pF
Voltage Output Fall Time
30
50
ns
CL=1000pF
Current Output Source Peak
1.2
A
Current Output Sink Peak
0.7
A
UNDER-VOLTAGE LOCKOUT SECTION
Voltage Start Threshold (142)
15
16
17
V
Voltage Start Threshold (143)
7.8
8.4
9
V
Voltage Turnoff Threshold (142)
9
10
11
V
Voltage Turnoff Threshold (143)
7
7.6
8.2
V
Zener Clamp Voltage
30
34
V
Icc≤25mA
TOTAL DEVICE SECTION
Start-up Supply Current
0.4
0.6
mA
Operating Supply Current
11
mA
The improved switching performance increases the high peak current associated with internal and external
capacitances and will require careful grounding and PCB trace routing. Bypass and timing capacitors should be of
high quality and located carefully with short traces. The reference capacitor must be located very close to the IC
with minimum trace lengths. A single point ground should be located at pin 5 ground. The use of a good ground
plane is recommended. Under certain conditions of high peak currents it may be advisable to isolate the Vref pin
from the bypass capacitor with a resistor to prevent interaction of the high current with the internal oscillator
operation.
Charge and discharge times are given by the following formulas:
TC=0.55RtCt
TD=RtCtLn[(0.0063Rt-2.7)/(0.0063Rt-4)]
Frequency =( TC+ TD)
-1
Oscillator simplified circuit.
Rt
8
1
2
3
4
5
6
7
Vref
COMP
FB
Isense
R/C
GND
OUT
Vcc
Ct


Similar Part No. - AAC242E.S8A.G.LF.TR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AAC20 ETC2-AAC20 Datasheet
233Kb / 6P
   R챕f. AA15, AAC16, AAC20, AB15, ABC16, ABC20, ABD16, ABD20, AEB16, AEB20
AAC20 ETC2-AAC20 Datasheet
233Kb / 6P
   Positive resin, blue coloured bleue, without marbling
AAC22FSLN ETC2-AAC22FSLN Datasheet
583Kb / 2P
   DUAL-EDGE .100 PITCH CONNECTOR
More results

Similar Description - AAC242E.S8A.G.LF.TR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1253 ONSEMI-NCP1253_12 Datasheet
308Kb / 15P
   Current-Mode PWM Current-Mode PWM Power Supplies
January, 2012 ??Rev. 0
logo
Texas Instruments
TL284X TI-TL284X Datasheet
171Kb / 12P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
logo
Analog Intergrations Co...
AIC3843 AIC-AIC3843 Datasheet
189Kb / 11P
   Current-Mode PWM Controller
logo
List of Unclassifed Man...
B3843 ETC-B3843 Datasheet
434Kb / 10P
   Current Mode PWM Controller
logo
Fuji Electric
FA13844N-TE1 FUJI-FA13844N-TE1 Datasheet
310Kb / 17P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1842A-EP TI-UC1842A-EP Datasheet
425Kb / 11P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLER
logo
AUK corp
S3843P AUK-S3843P Datasheet
300Kb / 7P
   Current Mode PWM Controller
S3882 AUK-S3882 Datasheet
327Kb / 8P
   Current Mode PWM Controller
logo
Microsemi Corporation
SG1846 MICROSEMI-SG1846 Datasheet
210Kb / 10P
   CURRENT MODE PWM CONTROLLER
logo
Rohm
BD7679G ROHM-BD7679G Datasheet
992Kb / 20P
   PWM current mode method
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com