Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPS20 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # IPS20
Description  Precision Feedback Controllers Fixed and PTAT references
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IPS20 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button IPS20 Datasheet HTML 4Page - List of Unclassifed Manufacturers IPS20 Datasheet HTML 5Page - List of Unclassifed Manufacturers IPS20 Datasheet HTML 6Page - List of Unclassifed Manufacturers IPS20 Datasheet HTML 7Page - List of Unclassifed Manufacturers IPS20 Datasheet HTML 8Page - List of Unclassifed Manufacturers IPS20 Datasheet HTML 9Page - List of Unclassifed Manufacturers IPS20 Datasheet HTML 10Page - List of Unclassifed Manufacturers IPS20 Datasheet HTML 11Page - List of Unclassifed Manufacturers IPS20 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Power Management IPS20 and IPS21
© Copyright 2006-2009 - ASIC Advantage, Inc.
AADS00001/AA743
- Revision 5– Dec 2008
10 / 12
APPLICATION INFORMATION
The IPS20 and IPS21 chips are intended for use as voltage feedback control and current limiting on the secondary
side of switching power supplies.
Powering the chip (Pin 1 - VCC and Pin 8 - GND)
The VCC pin acts like a 4 volt zener. This is a different chip-power concept than the IPS25, a self-powered feedback
controller, optimized for output currents below 1A (see IPS25 datasheet for details). The GND pin is the lowest
voltage the chip sees. What this means is that in a typical “positive output voltage with current sense resistor”
application, the GND pin DOES NOT go to the negative output pin of the power supply, rather it goes to the
“transformer side” of the current-sense resistor. No input voltage should be greater than VCC or less than GND. It is
recommended as good engineering practice to have a decoupling capacitor from VCC-to GND of 10uF. The intended
design implementation for powering the chip is to have a resistor from VCC to either the output voltage or a separate
supply.This resistor should be sized such that at minimum supply voltage (and subtracting 4 volts for the VCC
voltage), there is enough current to operate the chip (3mA) plus supply the optoisolator.
Tips for lab experiments
The IPS20/21 are fabricated in a low-voltage IC process (lower than the IPS25). This means that they can be
damaged with pin voltages greater than 7 volts. When testing designs using an IPS20/21, it is typical to perform
debug with a laboratory current-limited external power supply attached to the VCC pin. This external supply should
be set for around 5 volts and 10 milliamps. It is possible to damage an IPS20/21 if one of these lab supplies is set for
(say) 12 volts and 10 milliamps, the lab supply is powered-on, and then the lab supply is connected to the IPS20/21,
because the VCC voltage will be 12 volts (in this example) until the IPS20/21 starts conducting current and
discharges any output capacitance in the lab supply.
Note that the overcurrent performance of a power supply using an IPS20/21 will be different based on whether the
chip is powered by the output (where the VCC supply will be collapsing) versus from an independent supply. The
user should be sure to check that the output voltage and current characteristics during overcurrent conditions meet
his/her specific needs. During startup and short-circuit conditions, the IPS20/21 may not have enough supply voltage
to operate. In this situation, the output current limitation must come from the primary side PWM module, and must
be designed accordingly.
Fig 8: Open loop gain of Isense amplifier without compensation
-40
-20
0
20
40
60
80
100
120
140
160
0.001
0.01
0.1
1
10
100
1000
10000
100000
1000000
10000000
Frequency (Hz)


Similar Part No. - IPS20

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IPS2041LPBF IRF-IPS2041LPBF Datasheet
1Mb / 12P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS2041LPBF IRF-IPS2041LPBF Datasheet
1Mb / 13P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS2041LPBF IRF-IPS2041LPBF Datasheet
1Mb / 13P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS2041LTRPBF IRF-IPS2041LTRPBF Datasheet
1Mb / 13P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS2041PBF IRF-IPS2041PBF Datasheet
1Mb / 13P
   INTELLIGENT POWER LOW SIDE SWITCH
More results

Similar Description - IPS20

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT580 LINER-LT580_15 Datasheet
332Kb / 4P
   PRECISION REFERENCES
LT580 LINER-LT580 Datasheet
200Kb / 4P
   Precision References
logo
ON Semiconductor
NCP431 ONSEMI-NCP431 Datasheet
377Kb / 17P
   Programmable Precision References
June, 2016 ??Rev. 14
logo
First Components Intern...
TL431 FCI-TL431 Datasheet
465Kb / 9P
   Programmable Precision References
logo
Texas Instruments
LM368-10 TI1-LM368-10 Datasheet
399Kb / 10P
[Old version datasheet]   Precision Voltage References
logo
Linear Technology
REF-01 LINER-REF-01_15 Datasheet
125Kb / 8P
   Precision Voltage References
logo
First Silicon Co., Ltd
FA431HCS FS-FA431HCS Datasheet
282Kb / 4P
   PROGRAMMABLE PRECISION REFERENCES
logo
ON Semiconductor
TL431A ONSEMI-TL431A_V01 Datasheet
471Kb / 22P
   Programmable Precision References
April, 2022 - Rev. 43
TL431 ONSEMI-TL431 Datasheet
173Kb / 18P
   PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
logo
Linear Technology
REF-02 LINER-REF-02_15 Datasheet
125Kb / 8P
   Precision Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com