Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2242CDRG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # TLV2242CDRG4
Description  FAMILY OF 1-mA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2242CDRG4 Datasheet(HTML) 4 Page - Texas Instruments

  TLV2242CDRG4 Datasheet HTML 1Page - Texas Instruments TLV2242CDRG4 Datasheet HTML 2Page - Texas Instruments TLV2242CDRG4 Datasheet HTML 3Page - Texas Instruments TLV2242CDRG4 Datasheet HTML 4Page - Texas Instruments TLV2242CDRG4 Datasheet HTML 5Page - Texas Instruments TLV2242CDRG4 Datasheet HTML 6Page - Texas Instruments TLV2242CDRG4 Datasheet HTML 7Page - Texas Instruments TLV2242CDRG4 Datasheet HTML 8Page - Texas Instruments TLV2242CDRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
TLV2241, TLV2242, TLV2244
FAMILY OF 1-
µA/Ch RAIL-TO-RAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS
SLOS329C – JULY 2000 REVISED - NOVEMBER 2000
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at recommended operating conditions, VCC = 2.7, 5 V, and 12 V (unless
otherwise noted)
dc performance
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
V
V
/2 V
25
°C
600
3000
µV
VIO
Input offset voltage
VO = VCC/2 V,
VIC =VCC/2 V RS =50 Ω
Full range
4500
µV
αVIO
Offset voltage drift
VIC = VCC/2 V, RS = 50 Ω
25
°C
3
µV/°C
VCC =2 7V
25
°C
55
100
VCC = 2.7 V
Full range
50
CMRR
Common mode rejection ratio
VIC =0toVCC RS =50 Ω VCC =5V
25
°C
60
100
dB
CMRR
Common-mode rejection ratio
VIC = 0 to VCC, RS = 50 Ω VCC = 5 V
Full range
53
dB
VCC =12V
25
°C
60
100
VCC = 12 V
Full range
55
VCC =2 7V VO( ) =1V RL = 500 kΩ
25
°C
100
400
VCC = 2.7 V, VO(pp) = 1 V, RL = 500 kΩ
Full range
30
AVD
Large-signal differential voltage
VCC =5V
VO( ) =3V RL = 500 kΩ
25
°C
250
1000
V/mV
AVD
gg
g
amplification
VCC = 5 V,
VO(pp) = 3 V, RL = 500 kΩ
Full range
100
V/mV
VCC =12V
VO( ) =6V RL = 500 kΩ
25
°C
700
1500
VCC = 12 V,
VO(pp) = 6 V, RL = 500 kΩ
Full range
120
† Full range is 0
°C to 70°C for the C suffix and –40°C to 125°C for the I suffix. If not specified, full range is –40°C to 125°C.
input characteristics
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
25
°C
25
250
IIO
Input offset current
TLV224xC
Full range
300
pA
VO = VCC/2 V,
TLV224xI
Full range
400
OCC
,
VIC = VCC/2 V, RS = 50 Ω
25
°C
100
500
IIB
Input bias current
TLV224xC
Full range
550
pA
TLV224xI
Full range
1000
ri(d)
Differential input resistance
25
°C
300
M
Ci(c)
Common-mode input capacitance
f = 100 kHz
25
°C
3
pF
† Full range is 0
°C to 70°C for the C suffix and –40°C to 125°C for the I suffix. If not specified, full range is –40°C to 125°C.
‡ Specifications at 5 V are ensured by design and device testing at 2.7 V and 12 V.


Similar Part No. - TLV2242CDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2242CDRG4 TI-TLV2242CDRG4 Datasheet
861Kb / 22P
[Old version datasheet]   FAMILY OF 1-mA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - TLV2242CDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2241CDG4 TI-TLV2241CDG4 Datasheet
861Kb / 22P
[Old version datasheet]   FAMILY OF 1-mA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2371-Q1 TI1-TLV2371-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   FAMILY OF 550-muA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
V62-05611-01YE TI-V62-05611-01YE Datasheet
628Kb / 22P
[Old version datasheet]   FAMILY OF 550-A/CH 3- MHZ RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
V2462 UTC-V2462 Datasheet
200Kb / 8P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLV2382 TI-TLV2382 Datasheet
276Kb / 12P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
TLV2381 TI1-TLV2381_15 Datasheet
637Kb / 20P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
LV2460 UTC-LV2460 Datasheet
240Kb / 8P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
LV2462 UTC-LV2462 Datasheet
331Kb / 8P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLV2381 TI1-TLV2381_12 Datasheet
663Kb / 20P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
LV2464 UTC-LV2464 Datasheet
244Kb / 7P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com