Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPS20I-SO-G-LF-TR Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # IPS20I-SO-G-LF-TR
Description  Precision Feedback Controllers Fixed and PTAT references
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IPS20I-SO-G-LF-TR Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button IPS20I-SO-G-LF-TR Datasheet HTML 3Page - List of Unclassifed Manufacturers IPS20I-SO-G-LF-TR Datasheet HTML 4Page - List of Unclassifed Manufacturers IPS20I-SO-G-LF-TR Datasheet HTML 5Page - List of Unclassifed Manufacturers IPS20I-SO-G-LF-TR Datasheet HTML 6Page - List of Unclassifed Manufacturers IPS20I-SO-G-LF-TR Datasheet HTML 7Page - List of Unclassifed Manufacturers IPS20I-SO-G-LF-TR Datasheet HTML 8Page - List of Unclassifed Manufacturers IPS20I-SO-G-LF-TR Datasheet HTML 9Page - List of Unclassifed Manufacturers IPS20I-SO-G-LF-TR Datasheet HTML 10Page - List of Unclassifed Manufacturers IPS20I-SO-G-LF-TR Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Power Management IPS20 and IPS21
© Copyright 2006-2009 - ASIC Advantage, Inc.
AADS00001/AA743
- Revision 5– Dec 2008
7 / 12
Unity gain bandwidth to ICOMP
(see figure 8)
-
2
-
MHz
Phase margin in unity gain
-
54
-
Degrees
ISENSE Input current
-
-1.0
uA
Transconductance from ISENSE
to OPTO
(see figure 6a & 6b)
IPS20: 6a, IPS21: 6b
-
60
-
mA/mV
Max OPTO output sourcing
current without ext. resistor
@ VCC = 1.30V
(see figure 5)
1.2
-
-
mA
Max OPTO output sourcing
current with ext. resistor
@ VCC = 2.5V
(see figure 5)
10
-
-
mA
Note1: Tighter tolerances to 0.5% available upon request.
Note2: All values are @ 25°C unless otherwise specified.
Note3: Electrical parameters, although guaranteed, are not all 100% tested in production.
Figure 2: IPS20 & IPS21 Trimmed 1.20V Reference
1.17
1.175
1.18
1.185
1.19
1.195
1.2
-40
-20
0
20
40
60
80
100
120
Temp (°C)
Figure 1: IPS20 and IPS21 4V Shunt Regulator Icc
0
50
100
150
200
250
300
0123
4
5
6
Shunt Voltage (V)


Similar Part No. - IPS20I-SO-G-LF-TR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IPS2041LPBF IRF-IPS2041LPBF Datasheet
1Mb / 12P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS2041LPBF IRF-IPS2041LPBF Datasheet
1Mb / 13P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS2041LPBF IRF-IPS2041LPBF Datasheet
1Mb / 13P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS2041LTRPBF IRF-IPS2041LTRPBF Datasheet
1Mb / 13P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS2041PBF IRF-IPS2041PBF Datasheet
1Mb / 13P
   INTELLIGENT POWER LOW SIDE SWITCH
More results

Similar Description - IPS20I-SO-G-LF-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT580 LINER-LT580_15 Datasheet
332Kb / 4P
   PRECISION REFERENCES
LT580 LINER-LT580 Datasheet
200Kb / 4P
   Precision References
logo
ON Semiconductor
NCP431 ONSEMI-NCP431 Datasheet
377Kb / 17P
   Programmable Precision References
June, 2016 ??Rev. 14
logo
First Components Intern...
TL431 FCI-TL431 Datasheet
465Kb / 9P
   Programmable Precision References
logo
Texas Instruments
LM368-10 TI1-LM368-10 Datasheet
399Kb / 10P
[Old version datasheet]   Precision Voltage References
logo
Linear Technology
REF-01 LINER-REF-01_15 Datasheet
125Kb / 8P
   Precision Voltage References
logo
First Silicon Co., Ltd
FA431HCS FS-FA431HCS Datasheet
282Kb / 4P
   PROGRAMMABLE PRECISION REFERENCES
logo
ON Semiconductor
TL431A ONSEMI-TL431A_V01 Datasheet
471Kb / 22P
   Programmable Precision References
April, 2022 - Rev. 43
TL431 ONSEMI-TL431 Datasheet
173Kb / 18P
   PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
logo
Linear Technology
REF-02 LINER-REF-02_15 Datasheet
125Kb / 8P
   Precision Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com