Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPC21I-SO-G-LF-TR Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # IPC21I-SO-G-LF-TR
Description  Precision Feedback Controllers Fixed and PTAT references
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IPC21I-SO-G-LF-TR Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button IPC21I-SO-G-LF-TR Datasheet HTML 4Page - List of Unclassifed Manufacturers IPC21I-SO-G-LF-TR Datasheet HTML 5Page - List of Unclassifed Manufacturers IPC21I-SO-G-LF-TR Datasheet HTML 6Page - List of Unclassifed Manufacturers IPC21I-SO-G-LF-TR Datasheet HTML 7Page - List of Unclassifed Manufacturers IPC21I-SO-G-LF-TR Datasheet HTML 8Page - List of Unclassifed Manufacturers IPC21I-SO-G-LF-TR Datasheet HTML 9Page - List of Unclassifed Manufacturers IPC21I-SO-G-LF-TR Datasheet HTML 10Page - List of Unclassifed Manufacturers IPC21I-SO-G-LF-TR Datasheet HTML 11Page - List of Unclassifed Manufacturers IPC21I-SO-G-LF-TR Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Power Management IPS20 and IPS21
© Copyright 2006-2009 - ASIC Advantage, Inc.
AADS00001/AA743
- Revision 5– Dec 2008
11 / 12
VSENSE (Pin 2), VCOMP (Pin 3)
The internal voltage reference for voltage feedback is 1.19 volts. The output voltage being sensed/regulated should
have a voltage divider to 1.19 volts connected to pin 2. For good voltage feedback loop performance, no capacitor
should be connected from pin 2 to ground. The recommended series-RC component values from pin 2 to pin 3 to
roll-off the loop gain are 10k ohms and 68nF.
OPTO (Pin 4)
The OPTO pin is a current source (unlike a shunt regulator like the TL431, which is a current sink). The intended
connection for the voltage feedback network is to connect the OPTO pin to the anode of the photodiode in an
optoisolator, with the cathode of the photodiode connected to ground. The IPS20/21 use very little current to operate,
but the user is reminded that the OPTO current being sourced comes through the VCC pin.
ICOMP (Pin 5) and IS (Pin 6)
The current sense resistor connects between IS and GND. For a positive output power supply, IS is the negative
output pin. The internal voltage reference for current limiting (50 millivolts for IPS20, 100 millivolts for IPS21) is
referenced to GND. The recommended component values from pin 5 to pin 6 to roll-off the loop gain are a series 10k
ohms and 220pF, in parallel with 68nF. To reduce susceptability to noise spikes, an additional RC filter network
might be desireable from IS to GND (refer to the Typical Application Schematic Figure 1 above).
OUT(-) (Pin 7)
The negative side of the internal voltage reference for voltage feedback is connected here. For a typical application
with a positive output voltage and a current sense resistor, this pin connects to the more-negative pin of the output
voltage. This configuration allows the voltage feedback to compensate for the voltage drop across the current sense
resistor (which will vary with load).
EVALUATION BOARD
There is an evaluation board (AAEV2021) available for the IPS20 and IPS21 feedback controllers. Contact AAI
Marketing for more details. There are also benchmark/reference designs available that include AAI Flyback
Controllers, and Application Notes.
PACKAGE DIMENSIONS AND MARKING
The IPS20 and IPS21 are available in plastic 8-pin DIP and plastic 8-pin SOIC packages. Refer to the latest version
of specification AAPS001 (ASIC Advantage’s “Package Numbering, Marking, and Outline Standard”, available at
www.asicadvantage.com) for specific information concerning the package dimensions and package marking.
Part Number/Tube
Part Number/Tape&Reel
Package
Temperature Range
IPS20C-D-G-LF
IPS21C-D-G-LF
NA
8-Pin PDIP
0
°C to +70°C
Commercial
IPS20I-D-G-LF
IPS21I-D-G-LF
NA
8-Pin PDIP
-40
°C to +85°C
Industrial
IPS20C-SO-G-LF
IPS21C-SO-G-LF
IPS20C-SO-G-LF-TR
IPS21C-SO-G-LF-TR
8-Pin SOIC
0
°C to +70°C
Commercial
IPS20I-SO-G-LF
IPC21I-SO-G-LF
IPS20I-SO-G-LF-TR
IPC21I-SO-G-LF-TR
8-Pin SOIC
-40
°C to +85°C
Industrial


Similar Part No. - IPC21I-SO-G-LF-TR

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPC218N04N3 INFINEON-IPC218N04N3 Datasheet
558Kb / 4P
   N-channel enhancement mode
Rev.2.5,2014-07-25
IPC218N06L3 INFINEON-IPC218N06L3 Datasheet
544Kb / 4P
   N-channel enhancement mode
Rev.2.5,2014-07-25
IPC218N06N3 INFINEON-IPC218N06N3 Datasheet
547Kb / 4P
   N-channel enhancement mode
Rev.2.5,2014-07-23
More results

Similar Description - IPC21I-SO-G-LF-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT580 LINER-LT580_15 Datasheet
332Kb / 4P
   PRECISION REFERENCES
LT580 LINER-LT580 Datasheet
200Kb / 4P
   Precision References
logo
ON Semiconductor
NCP431 ONSEMI-NCP431 Datasheet
377Kb / 17P
   Programmable Precision References
June, 2016 ??Rev. 14
logo
First Components Intern...
TL431 FCI-TL431 Datasheet
465Kb / 9P
   Programmable Precision References
logo
Texas Instruments
LM368-10 TI1-LM368-10 Datasheet
399Kb / 10P
[Old version datasheet]   Precision Voltage References
logo
Linear Technology
REF-01 LINER-REF-01_15 Datasheet
125Kb / 8P
   Precision Voltage References
logo
First Silicon Co., Ltd
FA431HCS FS-FA431HCS Datasheet
282Kb / 4P
   PROGRAMMABLE PRECISION REFERENCES
logo
ON Semiconductor
TL431A ONSEMI-TL431A_V01 Datasheet
471Kb / 22P
   Programmable Precision References
April, 2022 - Rev. 43
TL431 ONSEMI-TL431 Datasheet
173Kb / 18P
   PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
logo
Linear Technology
REF-02 LINER-REF-02_15 Datasheet
125Kb / 8P
   Precision Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com