Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2242IDGKR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2242IDGKR
Description  FAMILY OF 1-mA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2242IDGKR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV2242IDGKR Datasheet HTML 7Page - Texas Instruments TLV2242IDGKR Datasheet HTML 8Page - Texas Instruments TLV2242IDGKR Datasheet HTML 9Page - Texas Instruments TLV2242IDGKR Datasheet HTML 10Page - Texas Instruments TLV2242IDGKR Datasheet HTML 11Page - Texas Instruments TLV2242IDGKR Datasheet HTML 12Page - Texas Instruments TLV2242IDGKR Datasheet HTML 13Page - Texas Instruments TLV2242IDGKR Datasheet HTML 14Page - Texas Instruments TLV2242IDGKR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
TLV2241, TLV2242, TLV2244
FAMILY OF 1-
µA/Ch RAIL-TO-RAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS
SLOS329C – JULY 2000 REVISED - NOVEMBER 2000
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 25
0
5
10
15
20
25
10
100
1k
10k
GAIN MARGIN
vs
CAPACITIVE LOAD
CL – Capacitive Load – pF
RL= 500 kΩ
TA = 25°C
VCC = 2.7, 5 V
VCC = 12 V
Figure 26
t – Time – s
0
–1
–3
01
2
3
4
5
6
1
2
VOLTAGE NOISE
OVER A 10 SECOND PERIOD
4
78
9
10
3
–2
–4
VCC = 5 V
f = 0.1 Hz to 10 Hz
TA = 25°C
–4
–3
–2
–1
0
1
2
–1
0123456
Figure 27
LARGE SIGNAL FOLLOWER
PULSE RESPONSE
VIN
t – Time – ms
VCC = 2.7 V
AV = 1
RL = 100 kΩ
CL = 100 pF
TA = 25°C
VO
0
1
2
Figure 28
–1
0
1
2
3
4
5
6
7
8
–1
0123456
LARGE SIGNAL FOLLOWER
PULSE RESPONSE
VIN
t – Time – ms
VCC = 5 V
AV = 1
RL = 100 kΩ
CL = 100 pF
TA = 25°C
VO
0
3
4
2
1
–1
0
3
4
2
1
Figure 29
–5
0
5
10
15
20
25
30
–2
0246
8
10
12
14
16
LARGE SIGNAL FOLLOWER
PULSE RESPONSE
VIN
t – Time – ms
VCC = 12 V
AV = 1
RL = 100 kΩ
CL = 100 pF
TA = 25°C
VO
–5
0
10
15
5
0
10
15
5
Figure 30
–20
0
20
40
60
80
100
120
140
160
180
SMALL SIGNAL FOLLOWER
PULSE RESPONSE
VIN
t – Time –
µs
VCC = 2.7, 5,
& 12 V
AV = 1
RL = 100 kΩ
CL = 100 pF
TA = 25°C
60
100
120
VO
80
–150
150
300
0
20
40
0
100
200
300
400
500
0


Similar Part No. - TLV2242IDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2242IDGKR TI-TLV2242IDGKR Datasheet
861Kb / 22P
[Old version datasheet]   FAMILY OF 1-mA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2242IDGKRG4 TI-TLV2242IDGKRG4 Datasheet
861Kb / 22P
[Old version datasheet]   FAMILY OF 1-mA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - TLV2242IDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2241CDG4 TI-TLV2241CDG4 Datasheet
861Kb / 22P
[Old version datasheet]   FAMILY OF 1-mA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2371-Q1 TI1-TLV2371-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   FAMILY OF 550-muA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
V62-05611-01YE TI-V62-05611-01YE Datasheet
628Kb / 22P
[Old version datasheet]   FAMILY OF 550-A/CH 3- MHZ RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
V2462 UTC-V2462 Datasheet
200Kb / 8P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLV2382 TI-TLV2382 Datasheet
276Kb / 12P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
TLV2381 TI1-TLV2381_15 Datasheet
637Kb / 20P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
LV2460 UTC-LV2460 Datasheet
240Kb / 8P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
LV2462 UTC-LV2462 Datasheet
331Kb / 8P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLV2381 TI1-TLV2381_12 Datasheet
663Kb / 20P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
LV2464 UTC-LV2464 Datasheet
244Kb / 7P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com