Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3011AMDBVREP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3011AMDBVREP
Description  NANOPOWER 1.8-V SOT23 COMPARATORS WITH VOLTAGE REFERENCE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV3011AMDBVREP Datasheet(HTML) 3 Page - Texas Instruments

  TLV3011AMDBVREP Datasheet HTML 1Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 2Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 3Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 4Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 5Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 6Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 7Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 8Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TLV3011-EP, TLV3012-EP
SGLS349 – OCTOBER 2006
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Offset Voltage
VOS
Input offset voltage
VCM = 0 V, IO = 0 V
0.5
15
mV
dVOS/dT
Input offset voltage vs temperature
TA = –55°C to 125°C
±12
µV/°C
PSRR
Power supply rejection ratio
VS = 1.8 V to 5.5 V
100
1000
µV/V
Input Bias Current
IS
Input bias current
VCM = VS/2
±10
pA
IOS
Input offset current
VCM = VS/2
±10
pA
Input Voltage Range
VCM
Common-mode voltage range
(V–) – 0.2
(V+) + 0.2
V
VCM = –0.2 V to (V+) – 1.5 V
60
74
CMRR
Common-mode rejection ratio
dB
VCM = –0.2 V to (V+) + 0.2 V
54
62
Input Impedance
Common mode
1013 2
Ω pF
Differential
1013 4
Ω pF
Switching Characteristics
f = 10 kHz, VSTEP = 1 V,
12
input overdrive = 10 mV
Low to high
f = 10 kHz, VSTEP = 1 V,
6
input overdrive = 100 mV
Propagation delay time
µs
f = 10 kHz, VSTEP = 1 V,
13.5
input overdrive = 10 mV
High to low
f = 10 kHz, VSTEP = 1 V,
6.5
input overdrive = 100 mV
TLV3011
See (1)
tr
Rise time
TLV3012(2)
CL = 10 pF
100
ns
tf
Fall time
CL = 10 pF
100
ns
Output
VOL
Voltage output low from rail
VS = 5 V
160
200
mV
Voltage output high
TLV3012(2)
IOUT = –5 mA
90
200
mV
from rail
Short-circuit current
TLV3012(2)
IOUT = 5 mA
See Typical Characteristics
Voltage Reference
VOUT
Output voltage
1.208
1.242
1.276
V
Initial accuracy
±1%
dVOUT/dT
Temperature drift
–55
°C ≤ T
A ≤ 125°C
40
100
ppm/
°C
Sourcing
0 mA < ISOURCE ≤ 0.5 mA
0.36
1
dVOUT/dILOAD
Load regulation
mV/mA
Sinking
0 mA < ISINK ≤ 0.5 mA
6.6
ILOAD
Output current
0.5
mA
dVOUT/dVIN
Line regulation
1.8 V
≤ V
IN ≤ 5.5 V
10
100
µV/V
Noise
Reference voltage noise
f = 0.1 Hz to 10 Hz
0.2
mVPP
Power Supply
VS
Specified voltage
1.8
5.5
V
Operating voltage range
1.8
5.5
V
IQ
Quiescent current
VS = 5 V, VO = High
2.8
5
µA
(1)
tr dependent on RPULLUP and CLOAD.
(2)
Product Preview
3
Submit Documentation Feedback


Similar Part No. - TLV3011AMDBVREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3011AMDBVREP TI1-TLV3011AMDBVREP Datasheet
853Kb / 19P
[Old version datasheet]   NANOPOWER 1.8-V SOT23 COMPARATORS WITH VOLTAGE REFERENCE
TLV3011AMDBVREP TI-TLV3011AMDBVREP Datasheet
1Mb / 34P
[Old version datasheet]   TLV3011-EP and TLV3012-EP Enhanced Product Low Power Comparators With Integrated 1.24V Voltage Reference
REVISED MAY 2023
More results

Similar Description - TLV3011AMDBVREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3011-EP TI1-TLV3011-EP_14 Datasheet
853Kb / 19P
[Old version datasheet]   NANOPOWER 1.8-V SOT23 COMPARATORS WITH VOLTAGE REFERENCE
TLV3012-Q1 TI1-TLV3012-Q1 Datasheet
504Kb / 17P
[Old version datasheet]   NANOPOWER 1.8-V COMPARATOR WITH VOLTAGE REFERENCE
logo
Maxim Integrated Produc...
MAX9015AEKAT MAXIM-MAX9015AEKAT Datasheet
430Kb / 17P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 3; 10/13
MAX9015 MAXIM-MAX9015_09 Datasheet
430Kb / 17P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 2; 12/09
MAX9015 MAXIM-MAX9015 Datasheet
446Kb / 16P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 1; 7/03
logo
Burr-Brown (TI)
TLV3011 BURR-BROWN-TLV3011 Datasheet
462Kb / 16P
   Nanopower, 1.8V, SOT23 Comparator with Voltage Reference
TLV3012 BURR-BROWN-TLV3012 Datasheet
236Kb / 13P
   Nanopower, 1.8V, SOT23 Comparator with Voltage Reference
logo
Maxim Integrated Produc...
MAX917 MAXIM-MAX917 Datasheet
150Kb / 12P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
19-1512; Rev 0; 7/99
MAX917 MAXIM-MAX917_07 Datasheet
597Kb / 15P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 1/07
logo
Texas Instruments
TLV3491A-EP TI1-TLV3491A-EP Datasheet
526Kb / 14P
[Old version datasheet]   1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com