Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3501AQDBVRQ1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3501AQDBVRQ1
Description  4.5-ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV3501AQDBVRQ1 Datasheet(HTML) 3 Page - Texas Instruments

  TLV3501AQDBVRQ1 Datasheet HTML 1Page - Texas Instruments TLV3501AQDBVRQ1 Datasheet HTML 2Page - Texas Instruments TLV3501AQDBVRQ1 Datasheet HTML 3Page - Texas Instruments TLV3501AQDBVRQ1 Datasheet HTML 4Page - Texas Instruments TLV3501AQDBVRQ1 Datasheet HTML 5Page - Texas Instruments TLV3501AQDBVRQ1 Datasheet HTML 6Page - Texas Instruments TLV3501AQDBVRQ1 Datasheet HTML 7Page - Texas Instruments TLV3501AQDBVRQ1 Datasheet HTML 8Page - Texas Instruments TLV3501AQDBVRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
TLV3501-Q1
www.ti.com
SBOS533A – SEPTEMBER 2010 – REVISED SEPTEMBER 2010
ELECTRICAL CHARACTERISTICS
TA = +25°C and VS = +2.7 V to +5.5 V (unless otherwise noted).
Boldface limits apply over the specified temperature range, TA = −40°C to +125°C.
TLV3501-Q1
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
Input offset voltage(1)
VOS
VCM = 0 V, IO = 0 mA
±1
±6.5
mV
vs Temperature
dVOS/dT
TA = −40°C to +125°C
±5
mV/°C
vs Power supply
PSRR
VS = 2.7 V to 5.5 V
100
400
mV/V
Input hysteresis
6
mV
INPUT BIAS CURRENT
Input bias current(2)
IB
VCM = VCC/2, ΔVIN= ±5.5 V
±2
±10
pA
Input offset current(2)(3)
IOS
VCM = VCC/2ΔVIN= ±5.5 V
±2
±10
pA
INPUT VOLTAGE RANGE
(V–)
(V+) +
Common-mode voltage range
VCM
V
0.2 V
0.2 V
Common-mode rejection
CMRR
VCM = −0.2 V to (V+) + 0.2V
57
70
dB
VCM = −0.2 V to (V+) + 0.2V
55
dB
INPUT IMPEDANCE
Common-mode
1013 || 2
Ω || pF
Differential
1013 || 4
Ω || pF
SWITCHING CHARACTERISTICS
Propagation delay time(2)(4)
T(pd) ΔVIN = 100 mV, Overdrive = 20 mV
4.5
6.4
ns
ΔVIN = 100 mV, Overdrive = 20
7
ns
mV
ΔVIN = 100 mV, Overdrive = 5 mV
7.5
10
ns
ΔVIN = 100 mV, Overdrive = 20
12
ns
mV
Propagation delay skew(5)
Δt(SKEW) ΔVIN = 100 mV, Overdrive = 20 mV
0.5
ns
Maximum toggle frequency
fMAX
Overdrive = 50 mV, VS = 5 V
80
MHz
Rise time(6)
tR
1.5
ns
Fall time(6)
tF
1.5
ns
OUTPUT
Voltage output swing from rail
VOH, VOL
IOUT = ±1 mA
30
50
mV
SHUTDOWN
tOFF
30
ns
tON
100
ns
(V+)
VH (comparator is enabled)
(7)
V
1.7V
(V+)
VL (comparator is disabled)
(7)
V
0.9V
Input bias current of Shutdown pin
2
pA
IQSD (quiescent current in shutdown)
2
mA
(1)
VOS is defined as the average of the positive and the negative switching thresholds.
(2)
Not production tested.
(3)
The difference between IB+ and IB−.
(4)
Propagation delay cannot be accurately measured with low overdrive on automatic test equipment. This parameter is ensured by
characterization at 100-mV overdrive.
(5)
The difference between the propagation delay going high and the propagation delay going low.
(6)
Measured between 10% of VS and 90% of VS.
(7)
When the shutdown pin is within 0.9 V of the most positive supply, the part is disabled. When it is more than 1.7 V below the most
positive supply, the part is enabled.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TLV3501-Q1


Similar Part No. - TLV3501AQDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3501AQDBVRQ1 TI1-TLV3501AQDBVRQ1 Datasheet
998Kb / 22P
[Old version datasheet]   Rail-to-Rail, High-Speed Comparator in Microsize Packages
More results

Similar Description - TLV3501AQDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3501A-Q1 TI1-TLV3501A-Q1_15 Datasheet
998Kb / 22P
[Old version datasheet]   Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3502AIDG4 TI-TLV3502AIDG4 Datasheet
763Kb / 21P
[Old version datasheet]   4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3501 TI-TLV3501 Datasheet
381Kb / 15P
[Old version datasheet]   4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3502AIDG4 TI1-TLV3502AIDG4 Datasheet
780Kb / 21P
[Old version datasheet]   4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3502AIDCNTG4 TI-TLV3502AIDCNTG4 Datasheet
818Kb / 21P
[Old version datasheet]   4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3502-Q1 TI1-TLV3502-Q1 Datasheet
575Kb / 17P
[Old version datasheet]   4.5-ns RAIL-TO-RAIL HIGH-SPEED COMPARATOR
TLV3502-Q1 TI-TLV3502-Q1_15 Datasheet
957Kb / 23P
[Old version datasheet]   TLV3502-Q1, 4.5-ns Rail-to-Rail High-Speed Comparator
logo
ON Semiconductor
NCS2250 ONSEMI-NCS2250_V01 Datasheet
418Kb / 13P
   Comparator, High Speed, 50 ns, Low Voltage, Rail-to-Rail
June, 2022 ??Rev. 6
NCS2250 ONSEMI-NCS2250 Datasheet
255Kb / 12P
   Comparator, High Speed 50 ns, Low Voltage Rail-to-Rail
June, 2018 ??Rev. 5
logo
Texas Instruments
TLV3502-Q1 TI1-TLV3502-Q1_14 Datasheet
1,007Kb / 23P
[Old version datasheet]   Rail-to-Rail High-Speed Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com