Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3502AQDCNRQ1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3502AQDCNRQ1
Description  4.5-ns RAIL-TO-RAIL HIGH-SPEED COMPARATOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV3502AQDCNRQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV3502AQDCNRQ1 Datasheet HTML 2Page - Texas Instruments TLV3502AQDCNRQ1 Datasheet HTML 3Page - Texas Instruments TLV3502AQDCNRQ1 Datasheet HTML 4Page - Texas Instruments TLV3502AQDCNRQ1 Datasheet HTML 5Page - Texas Instruments TLV3502AQDCNRQ1 Datasheet HTML 6Page - Texas Instruments TLV3502AQDCNRQ1 Datasheet HTML 7Page - Texas Instruments TLV3502AQDCNRQ1 Datasheet HTML 8Page - Texas Instruments TLV3502AQDCNRQ1 Datasheet HTML 9Page - Texas Instruments TLV3502AQDCNRQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
QUIESCENT CURRENT vs SHUTDOWN VOLTAGE
0
5
2
3
4
1
Shutdown Voltage (V)
5V
(from on to off)
5V
(from off to on)
2.7V
(from on to off)
2.7V
(from off to on)
25
20
15
10
5
0
QUIESCENT CURRENT vs FREQUENCY
0
100
40
60
80
20
Frequency (MHz)
C
LOAD = 0.5pF
C
LOAD = 10pF
C
LOAD = 20pF
C
LOAD = 50pF
TLV3502-Q1
SBOS507 – FEBRUARY 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
TA = 25°C, VS = 5 V, Input Overdrive = 100 mV (unless otherwise noted)
6
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TLV3502-Q1


Similar Part No. - TLV3502AQDCNRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3502AQDCNRQ1 TI1-TLV3502AQDCNRQ1 Datasheet
1,007Kb / 23P
[Old version datasheet]   Rail-to-Rail High-Speed Comparator
More results

Similar Description - TLV3502AQDCNRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3502-Q1 TI-TLV3502-Q1_15 Datasheet
957Kb / 23P
[Old version datasheet]   TLV3502-Q1, 4.5-ns Rail-to-Rail High-Speed Comparator
TLV3501A-Q1 TI1-TLV3501A-Q1 Datasheet
653Kb / 18P
[Old version datasheet]   4.5-ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
logo
ON Semiconductor
NCS2250 ONSEMI-NCS2250_V01 Datasheet
418Kb / 13P
   Comparator, High Speed, 50 ns, Low Voltage, Rail-to-Rail
June, 2022 ??Rev. 6
NCS2250 ONSEMI-NCS2250 Datasheet
255Kb / 12P
   Comparator, High Speed 50 ns, Low Voltage Rail-to-Rail
June, 2018 ??Rev. 5
logo
Texas Instruments
TLV3502-Q1 TI1-TLV3502-Q1_14 Datasheet
1,007Kb / 23P
[Old version datasheet]   Rail-to-Rail High-Speed Comparator
logo
STMicroelectronics
TS3011 STMICROELECTRONICS-TS3011 Datasheet
239Kb / 14P
   Rail-to-rail high-speed comparator
TS3021 STMICROELECTRONICS-TS3021 Datasheet
901Kb / 17P
   Rail-to-rail 1.8V high-speed comparator
TS3021_0710 STMICROELECTRONICS-TS3021_0710 Datasheet
901Kb / 16P
   Rail-to-rail 1.8V high-speed comparator
logo
Nisshinbo Micro Devices...
NJU7725X NISSHINBO-NJU7725X Datasheet
2Mb / 31P
   High-Speed, Rail-to-Rail Input, CMOS Comparator
June 30, 2022 Ver.0.3
logo
STMicroelectronics
TS3021 STMICROELECTRONICS-TS3021_V01 Datasheet
610Kb / 16P
   Rail-to-rail 1.8 V high-speed comparator
Rev 9 - October 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com