Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2774QPWRQ1 Datasheet(PDF) 5 Page - Texas Instruments

Part # TLV2774QPWRQ1
Description  FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2774QPWRQ1 Datasheet(HTML) 5 Page - Texas Instruments

  TLV2774QPWRQ1 Datasheet HTML 1Page - Texas Instruments TLV2774QPWRQ1 Datasheet HTML 2Page - Texas Instruments TLV2774QPWRQ1 Datasheet HTML 3Page - Texas Instruments TLV2774QPWRQ1 Datasheet HTML 4Page - Texas Instruments TLV2774QPWRQ1 Datasheet HTML 5Page - Texas Instruments TLV2774QPWRQ1 Datasheet HTML 6Page - Texas Instruments TLV2774QPWRQ1 Datasheet HTML 7Page - Texas Instruments TLV2774QPWRQ1 Datasheet HTML 8Page - Texas Instruments TLV2774QPWRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
TLV277x-Q1, TLV277xA-Q1
FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SGLS179D− SEPTEMBER 2003 − REVISED AUGUST 2008
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD = 2.7 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
T
TLV2771-Q1
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
V
Input offset voltage
VIC = 0, VO = 0, RS = 50 Ω
25
°C
0.48
2.5
mV
VIO
Input offset voltage
VIC = 0, VO = 0, RS = 50 Ω
VDD = ±1.35 V, No load
Full range
0.53
2.7
mV
Temperature coefficient of input
25
°C to
2
V/
°C
αVIO
Temperature coefficient of input
offset voltage
25 C to
125
°C
2
µV/°C
I
Input offset current
V
0V
0R
50
25
°C
1
60
pA
IIO
Input offset current
VIC = 0, VO = 0, RS = 50 Ω
Full range
2
125
pA
I
Input bias current
25
°C
2
60
pA
IIB
Input bias current
Full range
6
350
pA
I
0 675 mA
25
°C
2.6
V
High level output voltage
IOH = − 0.675 mA
Full range
2.5
V
VOH
High-level output voltage
I
22mA
25
°C
2.4
V
IOH = − 2.2 mA
Full range
2.1
V
135V I
0 675 mA
25
°C
0.1
V
Low level output voltage
VIC = 1.35 V, IOL = 0.675 mA
Full range
0.2
V
VOL
Low-level output voltage
V
135V I
22mA
25
°C
0.21
V
VIC = 1.35 V, IOL = 2.2 mA
Full range
0.6
A
Large-signal differential voltage
VIC = 1.35 V, RL = 10 kΩ},
25
°C
20
380
V/mV
AVD
Large signal differential voltage
amplification
VIC = 1.35 V, RL = 10 kΩ ,
VO = 0.6 V to 2.1 V
Full range
13
V/mV
ri(d)
Differential input resistance
25
°C
1012
ci(c)
Common-mode input capacitance
f = 10 kHz
25
°C
8
pF
zo
Closed-loop output impedance
f = 100 kHz, AV = 10
25
°C
25
CMRR
Common mode rejection ratio
VIC = 0 to 1.5 V, VO = VDD /2,
25
°C
60
84
dB
CMRR
Common-mode rejection ratio
VIC = 0 to 1.5 V, VO = VDD /2,
RS = 50 Ω
Full range
60
82
dB
k
Supply voltage rejection ratio
VDD = 2.7 V to 5 V, VIC = VDD /2,
25
°C
70
89
dB
kSVR
Supply voltage rejection ratio
(
∆VDD /∆VIO)
VDD = 2.7 V to 5 V, VIC = VDD /2,
No load
Full range
70
84
dB
I
Supply current (per channel)
V =V
/2 No load
25
°C
1
2
mA
IDD
Supply current (per channel)
VO = VDD /2, No load
Full range
2
mA
Full range is −40
°C to 125°C for Q level part.
Referenced to 1.35 V


Similar Part No. - TLV2774QPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2774QPWRQ1 TI-TLV2774QPWRQ1 Datasheet
828Kb / 41P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2774QPWRQ1 TI1-TLV2774QPWRQ1 Datasheet
1Mb / 48P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT
More results

Similar Description - TLV2774QPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV277X TI-TLV277X_07 Datasheet
1Mb / 65P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV277X-Q1 TI-TLV277X-Q1 Datasheet
828Kb / 41P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2772A-EP TI1-TLV2772A-EP Datasheet
1Mb / 40P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV227X TI-TLV227X Datasheet
1Mb / 63P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV277X TI-TLV277X Datasheet
918Kb / 54P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2770 TI-TLV2770_07 Datasheet
1Mb / 65P
[Old version datasheet]   FAMILY OF 2.7-HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV277X TI1-TLV277X_17 Datasheet
2Mb / 73P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT
TLV277X-EP TI1-TLV277X-EP Datasheet
1Mb / 42P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT
TLV277X-Q1 TI1-TLV277X-Q1_16 Datasheet
1Mb / 48P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT
TLV277X TI1-TLV277X_16 Datasheet
2Mb / 74P
[Old version datasheet]   FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com