Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5535IPWRQ1 Datasheet(PDF) 4 Page - Texas Instruments

Part # TLV5535IPWRQ1
Description  8-BIT, 35 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5535IPWRQ1 Datasheet(HTML) 4 Page - Texas Instruments

  TLV5535IPWRQ1 Datasheet HTML 1Page - Texas Instruments TLV5535IPWRQ1 Datasheet HTML 2Page - Texas Instruments TLV5535IPWRQ1 Datasheet HTML 3Page - Texas Instruments TLV5535IPWRQ1 Datasheet HTML 4Page - Texas Instruments TLV5535IPWRQ1 Datasheet HTML 5Page - Texas Instruments TLV5535IPWRQ1 Datasheet HTML 6Page - Texas Instruments TLV5535IPWRQ1 Datasheet HTML 7Page - Texas Instruments TLV5535IPWRQ1 Datasheet HTML 8Page - Texas Instruments TLV5535IPWRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
TLV5535Q1
8BIT, 35 MSPS, LOW POWER ANALOGTODIGITAL CONVERTER
SGLS230A − JANUARY 2004 − REVISED JUNE 2008
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AIN
26
I
Analog input
AVDD
16, 27
I
Analog supply voltage
AVSS
18, 23, 28
I
Analog ground
BG
17
O
Band gap reference voltage. A 1-
µF capacitor (with an optional 0.1-µF capacitor in parallel) should be
connected between this terminal and AVSS for external filtering.
CLK
12
I
Clock input. The input is sampled on each rising edge of CLK.
CML
25
O
Common mode level. This voltage is equal to (AVDD − AVSS) ÷ 2. An external 0.1-µF capacitor should be
connected between this terminal and AVSS.
D0 − D7
2 − 9
O
Data outputs. D7 is the MSB.
DRVDD
1
I
Supply voltage for digital output drivers
DRVSS
10
I
Ground for digital output drivers
DVDD
14
I
Digital supply voltage
OE
13
I
Output enable. When high, the D0 − D7 outputs go in high-impedance mode.
DVSS
11
I
Digital ground
PWDN_REF
24
I
Power down for internal reference voltages. A high on this terminal disables the internal reference circuit.
REFBI
21
I
Reference voltage bottom input. The voltage at this terminal defines the bottom reference voltage for the
ADC. It can be connected to REFBO or to an externally generated reference level. Sufficient filtering
should be applied to this input. The use of a 0.1-
µF capacitor connected between REFBI and AVSS is
recommended. Additionaly, a 0.1-
µF capacitor can be connected between REFTI and REFBI.
REFBO
22
O
Reference voltage bottom output. An internally generated reference is available at this terminal. It can be
connected to REFBI or left unconnected. A 1-
µF capacitor between REFBO and AVSS provides sufficient
decoupling required for this output.
REFTI
20
I
Reference voltage top input. The voltage at this terminal defines the top reference voltage for the ADC.
It can be connected to REFTO or to an externally generated reference level. Sufficient filtering should be
applied to this input. The use of a 0.1-
µF capacitor between REFTI and AVSS is recommended.
Additionaly, a 0.1-
µF capacitor can be connected between REFTI and REFBI.
REFTO
19
O
Reference voltage top output. An internally generated reference is available at this terminal. It can be
connected to REFTI or left unconnected. A 1-
µF capacitor between REFTO and AVSS provides sufficient
decoupling required for this output.
STBY
15
I
Standby input. A high level on this input enables power-down mode.
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Supply voltage range: AVDD to AVSS, DVDD to DVSS
−0.5 V to 4.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
AVDD to DVDD, AVSS to DVSS
−0.5 V to 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital input voltage range to DVSS
−0.5 V to DVDD + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Analog input voltage range to AVSS
−0.5 V to AVDD + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital output voltage range applied from external source to DGND
−0.5 V to DVDD + 0.5 V
. . . . . . . . . . . . . .
Reference voltage input range to AGND: V(REFTI), V(REFTO), V(REFBI), V(REFBO) −0.5 V to AVDD + 0.5 V
Operating free-air temperature range, TA: TLV5535I
−40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.


Similar Part No. - TLV5535IPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5535IPWR TI-TLV5535IPWR Datasheet
700Kb / 35P
[Old version datasheet]   8-BIT, 35 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER
TLV5535IPWR TI1-TLV5535IPWR Datasheet
721Kb / 36P
[Old version datasheet]   8-BIT, 35 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER
TLV5535IPWRG4 TI-TLV5535IPWRG4 Datasheet
700Kb / 35P
[Old version datasheet]   8-BIT, 35 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER
TLV5535IPWRG4 TI1-TLV5535IPWRG4 Datasheet
721Kb / 36P
[Old version datasheet]   8-BIT, 35 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - TLV5535IPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5535 TI-TLV5535 Datasheet
535Kb / 32P
[Old version datasheet]   8-BIT, 35 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER
TLV5535 TI1-TLV5535_14 Datasheet
721Kb / 36P
[Old version datasheet]   8-BIT, 35 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER
TLV5535IPWR TI-TLV5535IPWR Datasheet
700Kb / 35P
[Old version datasheet]   8-BIT, 35 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER
THS5641 TI-THS5641 Datasheet
702Kb / 28P
[Old version datasheet]   8-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5641A TI-THS5641A Datasheet
703Kb / 28P
[Old version datasheet]   8-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5641 TI1-THS5641_05 Datasheet
731Kb / 29P
[Old version datasheet]   8-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5641AIDWG4 TI1-THS5641AIDWG4 Datasheet
897Kb / 31P
[Old version datasheet]   8-BIT, 100 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
logo
NXP Semiconductors
TDA8793 PHILIPS-TDA8793 Datasheet
92Kb / 20P
   8-bit, low-power, 3 V, 100 Msps Analog-to-Digital Converter ADC
1999 Oct 06
logo
Analog Devices
AD9484 AD-AD9484_17 Datasheet
628Kb / 25P
   8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter
logo
Texas Instruments
TLV5621I TI-TLV5621I Datasheet
240Kb / 17P
[Old version datasheet]   LOW-POWER QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com