Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS2B Datasheet(PDF) 1 Page - Shanghai Sunrise Electronics

Part # RS2B
Description  SURFACE MOUNT FAST SWITCHING RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSE [Shanghai Sunrise Electronics]
Direct Link  
Logo SSE - Shanghai Sunrise Electronics

RS2B Datasheet(HTML) 1 Page - Shanghai Sunrise Electronics

  RS2B Datasheet HTML 1Page - Shanghai Sunrise Electronics RS2B Datasheet HTML 2Page - Shanghai Sunrise Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SHANGHAI SUNRISE ELECTRONICS CO., L
VOLTAGE: 50 TO 1000V CURRENT: 2.0A
FEATURES
• Ideal for surface mount pick and
place application
• Low profile package
• Built-in strain relief
• High surge capability
• Glass passivated chip
• Fast recovery for high efficiency
• High temperature soldering guaranteed:
260
oC/10sec/at terminal
MECHANICAL DATA
• Terminal: Plated leads solderable per
MIL-STD 202E, method 208C
• Case: Molded with UL-94 Class V-O
recognized flame retardant epoxy
• Polarity: Color band denotes cathode
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
SYMBOL
RS
2A
RS
2B
RS
2D
RS
2G
RS
2J
RS
2K
RS
2M
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Maximum Average Forward Rectified Current
(TL=110
oC)
Peak Forward Surge Current (8.3ms single
half sine-wave superimposed on rated load)
Maximum Instantaneous Forward Voltage
(at rated forward current)
Maximum DC Reverse Current
Ta=25
oC
(at rated DC blocking voltage)
Ta=125
oC
Maximum Reverse Recovery Time
(Note 1)
trr
250
Typical Junction Capacitance
(Note 2)
CJ
Typical Thermal Resistance
(Note 3)
Rθ(ja)
Storage and Operation Junction Temperature
TSTG,TJ
Note:
1.Reverse recovery condition IF=0.5A, IR=1.0A,Irr=0.25A.
2.Measured at 1.0 MHz and applied voltage of 4.0Vdc
3.Thermal resistance from junction to terminal mounted on 5×5mm copper pad area
http://www.sse-diode
SWITCHING RECTIFIER
SURFACE MOUNT FAST
RS2A THRU RS2M
30
50
16
-50 to +150
IR
5.0
200
150
500
(Single-phase, half-wave, 60Hz, resistive or inductive load rating at 25
oC, unless otherwise stated, for
capacitive load, derate current by 20%)
RATINGS
IF(AV)
2.0
IFSM
VF
1.3
TECHNICAL
SPECIFICATION
B
C
A
D
G
H
F
SMB/DO-214AA
Dimensions in inches and (millimeters)
A
BCD
MAX. .155(3.94) .180(4.57) .083(2.11) .012(0.305
MIN. .130(3.30) .160(4.06) .077(1.96) .006(0.152
EF
G
H
MAX. .220(5.59) .096(2.44) .008(0.203) .060(1.52
MIN. .205(5.21) .084(2.13) .004(0.102) .030(0.76


Similar Part No. - RS2B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
RS2B DIODES-RS2B Datasheet
46Kb / 2P
   1.5A SURFACE MOUNT FAST RECOVERY RECTIFIER
DS15004 Rev. E-2
logo
Chongqing Pingwei Enter...
RS2B CHONGQING-RS2B Datasheet
178Kb / 1P
   2.0AMPS. FAST RECOVERY SURFACE MOUNT RECTIFIERS
logo
Shanghai Yint Electroni...
RS2B YINT-RS2B Datasheet
488Kb / 3P
   Surface Mount Fast Recovery Rectifiers
logo
Diotech Company.
RS2B DIOTECH-RS2B Datasheet
672Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
UN Semiconducctor INC
RS2B UNSEMI-RS2B Datasheet
2Mb / 4P
   Surface Mount Fast Recovery Rectifiers
Revision March 1,2022
More results

Similar Description - RS2B

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
RS1A SSE-RS1A Datasheet
17Kb / 1P
   SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
General Semiconductor
RS3A GE-RS3A Datasheet
75Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
GOOD-ARK Electronics
SR36 GOOD-ARK-SR36 Datasheet
171Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Transys Electronics
FR1A TRSYS-FR1A Datasheet
183Kb / 3P
   SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Vishay Siliconix
RS1A VISHAY-RS1A Datasheet
80Kb / 4P
   Surface Mount Fast Switching Rectifier
Revision: 19-Apr-11
logo
TAITRON Components Inco...
RS1A TAITRON-RS1A Datasheet
641Kb / 4P
   Surface Mount Fast Switching Rectifier
logo
Vishay Siliconix
RS3K-E3 VISHAY-RS3K-E3 Datasheet
84Kb / 4P
   Surface Mount Fast Switching Rectifier
Revision: 25-Apr-14
RS3A VISHAY-RS3A_V01 Datasheet
96Kb / 4P
   Surface-Mount Fast Switching Rectifier
01-Jan-2022
logo
First Silicon Co., Ltd
GR1A FS-GR1A Datasheet
498Kb / 2P
   Surface Mount FAST SWITCHING RECTIFIER
logo
Shanghai Sunrise Electr...
FR1A SSE-FR1A Datasheet
17Kb / 1P
   SURFACE MOUNT FAST SWITCHING RECTIFIER
RS1AB SSE-RS1AB Datasheet
17Kb / 1P
   SURFACE MOUNT FAST SWITCHING RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com