Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NUR460L03 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # NUR460L03
Description  Ultrafast power diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NUR460L03 Datasheet(HTML) 3 Page - NXP Semiconductors

  NUR460L03 Datasheet HTML 1Page - NXP Semiconductors NUR460L03 Datasheet HTML 2Page - NXP Semiconductors NUR460L03 Datasheet HTML 3Page - NXP Semiconductors NUR460L03 Datasheet HTML 4Page - NXP Semiconductors NUR460L03 Datasheet HTML 5Page - NXP Semiconductors NUR460L03 Datasheet HTML 6Page - NXP Semiconductors NUR460L03 Datasheet HTML 7Page - NXP Semiconductors NUR460L03 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NXP Semiconductors
NUR460P
Ultrafast power diode
NUR460P
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved
Product data sheet
27 August 2012
3 / 8
003aaj926
IF(AV) (A)
0
6
4
2
4
2
6
8
Ptot
(W)
0
δ = 1
0.5
0.2
0.1
Fig. 1. Forward power dissipation as a function of
average forward current; square waveform;
maximum values
IF(AV) (A)
0
4
3
1
2
003aaj927
2
3
1
4
5
Ptot
(W)
0
a = 1.57
1.9
2.2
2.8
4.0
Fig. 2. Forward power dissipation as a function of
average forward current; sinusoidal waveform;
maximum values
003aag299
tp (s)
10-5
10-2
10-3
10-4
102
103
IFSM
(A)
101
tp
P
t
Fig. 3. Non-repetitive peak forward current as a function of pulse width; square waveform; maximum values
5. Thermal characteristics
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance
from junction to
ambient
in free air
-
55
-
K/W


Similar Part No. - NUR460L03

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NUR460 NXP-NUR460 Datasheet
389Kb / 10P
   Ultrafast power diode
Rev. 2-20 July 2011
NUR460P PHILIPS-NUR460P_15 Datasheet
169Kb / 9P
   Ultrafast power diode
3 January 2014
NUR460 PHILIPS-NUR460_15 Datasheet
389Kb / 10P
   Ultrafast power diode
Rev. 2-20 July 2011
More results

Similar Description - NUR460L03

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYR29X-600 PHILIPS-BYR29X-600_15 Datasheet
173Kb / 12P
   Ultrafast power diode
Rev. 02-15 July 2010
BYV10ED-600P PHILIPS-BYV10ED-600P_15 Datasheet
194Kb / 11P
   Ultrafast power diode
24 July 2015
NUR460 NXP-NUR460 Datasheet
389Kb / 10P
   Ultrafast power diode
Rev. 2-20 July 2011
logo
WeEn Semiconductors
BYR5D-1200P WEEN-BYR5D-1200P Datasheet
383Kb / 10P
   Ultrafast power diode
BYT79B-600P WEEN-BYT79B-600P Datasheet
375Kb / 10P
   Ultrafast power diode
BYV5ED-600P WEEN-BYV5ED-600P Datasheet
458Kb / 10P
   Ultrafast power diode
BYV10-600P WEEN-BYV10-600P Datasheet
619Kb / 10P
   Ultrafast power diode
BYV60W-600P WEEN-BYV60W-600P Datasheet
458Kb / 11P
   Ultrafast power diode
BYV29G-600 WEEN-BYV29G-600 Datasheet
515Kb / 10P
   Ultrafast power diode
BYV29G-600P WEEN-BYV29G-600P Datasheet
438Kb / 10P
   Ultrafast power diode
BYW29E-200 WEEN-BYW29E-200 Datasheet
442Kb / 10P
   Ultrafast power diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com