Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL12A12N5GTR Datasheet(PDF) 3 Page - AVX Corporation

Part # AL12A12N5GTR
Description  Air Core RF Inductors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

AL12A12N5GTR Datasheet(HTML) 3 Page - AVX Corporation

  AL12A12N5GTR Datasheet HTML 1Page - AVX Corporation AL12A12N5GTR Datasheet HTML 2Page - AVX Corporation AL12A12N5GTR Datasheet HTML 3Page - AVX Corporation AL12A12N5GTR Datasheet HTML 4Page - AVX Corporation AL12A12N5GTR Datasheet HTML 5Page - AVX Corporation AL12A12N5GTR Datasheet HTML 6Page - AVX Corporation AL12A12N5GTR Datasheet HTML 7Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
PHYSICAL DIMENSIONS
RECOMMENDED LAND PATTERNS
Air Core RF Inductors
AL Series
E
B
A
D
C
30°
180°
Tinned Length
SIDE
END
TOP
Part Number
A
B
C
D
E
AL05A
1.42 ± 0.13
1.37 ± 0.15
0.89 ± 0.25
2.21 ± 0.25
1.83 ± 0.25
(0.056 ± 0.005)
(0.056 ± 0.005)
(0.035 ± 0.010)
(0.087 ± 0.010)
(0.072 ± 0.010)
AL05B
1.42 ± 0.13
1.37 ± 0.15
0.89 ± 0.25
4.04 ± 0.30
3.66 ± 0.30
(0.056 ± 0.005)
(0.056 ± 0.005)
(0.035 ± 0.010)
(0.159 ± 0.012)
(0.144 ± 0.012)
AL12A
3.05 max.
3.18 max.
0.58 ± 0.38
3.68 max.
2.92 ± 0.25
(0.120 max.)
(0.125 max.)
(0.023 ± .0.015)
(0.145 max.)
(0.115 ± 0.010)
AL12B
3.05 max.
3.18 max.
0.58 ± 0.38
6.86 max.
5.84 ± 0.25
(0.120 max.)
(0.125 max.)
(0.023 ± 0.015)
(0.270 max.)
(0.230 ± 0.010)
AL016
3.81
4.20 max.
1.53 ± 0.39
4.83 max.
4.32 ± 0.39
(0.150)
(0.165 max.)
(0.060 ± 0.015)
(0.190 max.)
(0.170 ± 0.015)
AL023
6.35 max.
5.90 max.
1.02 ± 0.39
10.55 max.
7.98 ± 0.51
(0.250 max.)
(0.232 max.)
(0.040 ± 0.015)
(0.415 max.)
(0.314 ± 0.020)
Part Number
A
B
C
D
E
AL05A
2.62
2.46
1.04
1.02
0.79
(0.103)
(0.097)
(0.041)
(0.040)
(0.031)
AL05B
4.45
2.46
2.87
1.02
0.79
(0.175)
(0.097)
(0.113)
(0.040)
(0.031)
AL12A
4.19
3.30
1.65
2.79
1.27
(0.165)
(0.130)
(0.065)
(0.110)
(0.050)
AL12B
7.24
3.30
4.70
2.79
1.27
(0.285)
(0.130)
(0.185)
(0.110)
(0.050)
AL016
5.80
5.16
2.85
2.62
1.48
(0.228)
(0.203)
(0.112)
(0.103)
(0.058)
AL023
10.0
4.70
5.95
2.42
2.04
(0.394)
(0.185)
(0.234)
(0.095)
(0.080)
mm (inches)
mm (inches)
e
d
b
c
a


Similar Part No. - AL12A12N5GTR

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AL12A48-6 ASTEC-AL12A48-6 Datasheet
98Kb / 2P
   66Watts
AL12A48-6S ASTEC-AL12A48-6S Datasheet
98Kb / 2P
   66Watts
AL12A48-S ASTEC-AL12A48-S Datasheet
98Kb / 2P
   66Watts
AL12A48N-6 ASTEC-AL12A48N-6 Datasheet
98Kb / 2P
   66Watts
AL12A48N-6S ASTEC-AL12A48N-6S Datasheet
98Kb / 2P
   66Watts
More results

Similar Description - AL12A12N5GTR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
AL AVX-AL_15 Datasheet
191Kb / 7P
   Air Core RF Inductors
AS AVX-AS_15 Datasheet
158Kb / 5P
   Square Air Core RF Inductors
AS0605N5JTR AVX-AS0605N5JTR Datasheet
384Kb / 5P
   Square Air Core RF Inductors
logo
API Delevan
4726R API-4726R Datasheet
1Mb / 1P
   Air Core Inductors
logo
Coilcraft lnc.
NA5931 COILCRAFT-NA5931_14 Datasheet
228Kb / 2P
   Air Core Inductors
GA3092-AL COILCRAFT-GA3092-AL Datasheet
213Kb / 2P
   Air Core Inductors
logo
API Delevan
4426R API-4426R Datasheet
1Mb / 1P
   Air Core Inductors
logo
List of Unclassifed Man...
4426-1 ETC1-4426-1 Datasheet
39Kb / 1P
   Air Core Inductors
5526-1 ETC1-5526-1 Datasheet
30Kb / 1P
   Air Core Inductors
logo
API Delevan
5526R API-5526R Datasheet
1Mb / 1P
   Air Core Inductors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com