Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA8537Q900 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA8537Q900
Description  Automotive LCD driver for multiplex rates up to 1:8
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8537Q900 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA8537Q900 Datasheet HTML 4Page - NXP Semiconductors PCA8537Q900 Datasheet HTML 5Page - NXP Semiconductors PCA8537Q900 Datasheet HTML 6Page - NXP Semiconductors PCA8537Q900 Datasheet HTML 7Page - NXP Semiconductors PCA8537Q900 Datasheet HTML 8Page - NXP Semiconductors PCA8537Q900 Datasheet HTML 9Page - NXP Semiconductors PCA8537Q900 Datasheet HTML 10Page - NXP Semiconductors PCA8537Q900 Datasheet HTML 11Page - NXP Semiconductors PCA8537Q900 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 82 page
background image
PCA8537
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 31 May 2012
8 of 82
NXP Semiconductors
PCA8537
Automotive LCD driver for multiplex rates up to 1:8
8.1.1 Command: Initialize
This command generates a chip-wide reset which resets all command values to their
default values. After this command is sent, it is possible to send additional commands
without the need to re-initialize the interface. The reset takes 100 ns to complete.
8.1.2 Command: OTP-refresh
During production and testing of the device, each IC is calibrated to achieve the specified
accuracy of VLCD, the frame frequency, and the temperature measurement. This
calibration is performed on EPROM cells called One Time Programmable (OTP) cells.
The device reads these cells every time at power-on, after a reset, and every time when
the initialize command or the OTP-refresh command is sent.
Remark: It is recommended not to enter power-down mode during the OTP refresh cycle.
8.1.3 Command: Oscillator-ctrl
The Oscillator-ctrl command switches between internal and external oscillator and
enables or disables the pin CLK.
[1]
Default value.
8.1.3.1
Oscillator
The internal logic and LCD drive signals of the PCA8537 are timed either by the built-in
oscillator or from an external clock.
Table 5.
Initialize - initialize command bit description
For further information, see Section 8.2 on page 17.
Bit
Symbol
Binary value
Description
7 to 0
-
00111010
fixed value
Table 6.
OTP-refresh - OTP-refresh command bit description
Bit
Symbol
Binary value
Description
7 to 0
-
11010000
fixed value
Table 7.
Oscillator-ctrl - oscillator control command bit description
For further information, see Section 8.1.3.1.
Bit
Symbol
Binary value
Description
7 to 2
-
110011
fixed value
1COE
control pin CLK
0[1]
clock signal not available on pin CLK;
pin CLK is in 3-state and may be left floating
1
clock signal available on pin CLK
0OSC
oscillator source
0[1]
internal oscillator used
1
external oscillator used;
pin CLK becomes an input


Similar Part No. - PCA8537Q900

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA8537AH NXP-PCA8537AH Datasheet
547Kb / 54P
   Automotive 80 횞 4 LCD driver for low multiplex rates
Rev. 5-12 November 2018
PCA8537AH NXP-PCA8537AH Datasheet
495Kb / 55P
   Automotive 32 x 4 LCD driver for low multiplex rates
Rev. 3-12 November 2018
PCA8537AH NXP-PCA8537AH Datasheet
494Kb / 54P
   Automotive 40 x 4 LCD driver
Rev. 3-12 November 2018
PCA8537AH NXP-PCA8537AH Datasheet
652Kb / 51P
   Universal 36 횞 4 LCD segment driver
PCA8537AH NXP-PCA8537AH Datasheet
653Kb / 51P
   40 횞 4 LCD segment driver
More results

Similar Description - PCA8537Q900

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8537 NXP-PCF8537 Datasheet
2Mb / 82P
   Industrial LCD driver for multiplex rates up to 1:8
Rev. 1-31 May 2012
PCF8545 NXP-PCF8545 Datasheet
798Kb / 68P
   Universal LCD driver for multiplex rates up to 1:8
Rev. 2-4 October 2021
PCA8576D NXP-PCA8576D Datasheet
1Mb / 42P
   Automotive 40 x 4 LCD segment driver for low multiplex rates up to 1:4
Rev. 1-4 April 2011
logo
ON Semiconductor
AX2061 ONSEMI-AX2061 Datasheet
187Kb / 18P
   LCD Driver for Low Multiplex Rates
March, 2016 ??Rev. 3
logo
NXP Semiconductors
PCA85232 NXP-PCA85232 Datasheet
391Kb / 54P
   LCD driver for low multiplex rates
Rev. 1-8 December 2010
PCF85132 NXP-PCF85132 Datasheet
1Mb / 54P
   LCD driver for low multiplex rates
Rev. 1-23 November 2010
OM4068 PHILIPS-OM4068 Datasheet
156Kb / 28P
   LCD driver for low multiplex rates
1998 Jun 18
PCF8566 NXP-PCF8566 Datasheet
247Kb / 48P
   Universal LCD driver for low multiplex rates
Rev. 07-25 February 2009
PCF8534A NXP-PCF8534A Datasheet
834Kb / 41P
   Universal LCD driver for low multiplex rates
Rev.00.90-4 February 2008
PCF8562 NXP-PCF8562 Datasheet
183Kb / 36P
   Universal LCD driver for low multiplex rates
Rev. 3-2 December 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com