Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL12A130NGTR Datasheet(PDF) 5 Page - AVX Corporation

Part # AL12A130NGTR
Description  Air Core RF Inductors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

AL12A130NGTR Datasheet(HTML) 5 Page - AVX Corporation

  AL12A130NGTR Datasheet HTML 1Page - AVX Corporation AL12A130NGTR Datasheet HTML 2Page - AVX Corporation AL12A130NGTR Datasheet HTML 3Page - AVX Corporation AL12A130NGTR Datasheet HTML 4Page - AVX Corporation AL12A130NGTR Datasheet HTML 5Page - AVX Corporation AL12A130NGTR Datasheet HTML 6Page - AVX Corporation AL12A130NGTR Datasheet HTML 7Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
PERFORMANCE SPECIFICATIONS
Air Core RF Inductors
AL Series
160
140
120
100
80
60
40
10
100
1000
Frequency (MHz)
1000
800
600
400
200
0
1
10
100
1000
Frequency (MHz)
90.0nH
169nH
307nH
538nH
Inductance vs. Frequency
Typical Q vs. Frequency
300
250
200
150
100
50
0
10
100
1000
10000
Frequency (MHz)
250
200
150
100
50
0
10
100
1000
10000
Frequency (MHz)
22.0nH
39.0nH
47.0nH
56.0nH
68.0nH
82.0nH
120nH
Inductance vs. Frequency
Typical Q vs. Frequency
140
120
100
80
60
40
20
0
100
1000
Frequency (MHz)
200
150
100
50
0
10
100
1000
10000
Frequency (MHz)
Inductance vs. Frequency
17.5nH
22.0nH
28.0nH
35.5nH
43.0nH
Typical Q vs. Frequency
AL016
AL023
AL12B


Similar Part No. - AL12A130NGTR

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AL12A48-6 ASTEC-AL12A48-6 Datasheet
98Kb / 2P
   66Watts
AL12A48-6S ASTEC-AL12A48-6S Datasheet
98Kb / 2P
   66Watts
AL12A48-S ASTEC-AL12A48-S Datasheet
98Kb / 2P
   66Watts
AL12A48N-6 ASTEC-AL12A48N-6 Datasheet
98Kb / 2P
   66Watts
AL12A48N-6S ASTEC-AL12A48N-6S Datasheet
98Kb / 2P
   66Watts
More results

Similar Description - AL12A130NGTR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
AL AVX-AL_15 Datasheet
191Kb / 7P
   Air Core RF Inductors
AS AVX-AS_15 Datasheet
158Kb / 5P
   Square Air Core RF Inductors
AS0605N5JTR AVX-AS0605N5JTR Datasheet
384Kb / 5P
   Square Air Core RF Inductors
logo
API Delevan
4726R API-4726R Datasheet
1Mb / 1P
   Air Core Inductors
logo
Coilcraft lnc.
NA5931 COILCRAFT-NA5931_14 Datasheet
228Kb / 2P
   Air Core Inductors
GA3092-AL COILCRAFT-GA3092-AL Datasheet
213Kb / 2P
   Air Core Inductors
logo
API Delevan
4426R API-4426R Datasheet
1Mb / 1P
   Air Core Inductors
logo
List of Unclassifed Man...
4426-1 ETC1-4426-1 Datasheet
39Kb / 1P
   Air Core Inductors
5526-1 ETC1-5526-1 Datasheet
30Kb / 1P
   Air Core Inductors
logo
API Delevan
5526R API-5526R Datasheet
1Mb / 1P
   Air Core Inductors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com