Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5.46.167.042-0209 Datasheet(PDF) 8 Page - C&K Components

Part # 5.46.167.042-0209
Description  PCB Keyswitches
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

5.46.167.042-0209 Datasheet(HTML) 8 Page - C&K Components

Back Button 5.46.167.042-0209 Datasheet HTML 4Page - C&K Components 5.46.167.042-0209 Datasheet HTML 5Page - C&K Components 5.46.167.042-0209 Datasheet HTML 6Page - C&K Components 5.46.167.042-0209 Datasheet HTML 7Page - C&K Components 5.46.167.042-0209 Datasheet HTML 8Page - C&K Components 5.46.167.042-0209 Datasheet HTML 9Page - C&K Components 5.46.167.042-0209 Datasheet HTML 10Page - C&K Components 5.46.167.042-0209 Datasheet HTML 11Page - C&K Components 5.46.167.042-0209 Datasheet HTML 12Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Stock items are marked
by bold printed order numbers.
PCB Keyswitches
4 - 9
4
RACON
RACON short-travel keyswitches
RACON 8, solder terminals for PCB, inward
8.40
ø 3.50
Terminals
Contact arrangement Product code
Packing
Recommended key
grid
Order no.
solder terminal for
PCB, inward
1 NO
B1
60 pieces per tube
12 x 12 mm
1.14.100.502/0000
Technical data see page 4 - 6
RACON 8, SMD gullwing (Z) terminals
8.40
ø 3.50
11.00– 0.15
Terminals
Contact arrangement Product code
Packing
Recommended key
grid
Order no.
SMD Gullwing (Z)
terminals
1 NO
C1
1000 pieces
tape and reel
12 x 12.7 mm
1.14.100.503/0000
Technical data see page 4 - 6


Similar Part No. - 5.46.167.042-0209

ManufacturerPart #DatasheetDescription
logo
C&K Components
5.46.167.042/0209 CK-COMPONENTS-5.46.167.042/0209 Datasheet
687Kb / 19P
   PCB Keyswitches
More results

Similar Description - 5.46.167.042-0209

ManufacturerPart #DatasheetDescription
logo
C&K Components
1.14100.5020000 CK-COMPONENTS-1.14100.5020000 Datasheet
687Kb / 19P
   PCB Keyswitches
3.14.100.001-0000 CK-COMPONENTS-3.14.100.001-0000 Datasheet
2Mb / 48P
   RF short-travel keyswitches
3.14200.0110000 CK-COMPONENTS-3.14200.0110000 Datasheet
2Mb / 48P
   RF short-travel keyswitches
logo
Grayhill, Inc
87CC3-201 GRAYHILL-87CC3-201 Datasheet
710Kb / 5P
   1, 2, 3, 4, 5 and 6 Button Individual Keyswitches
logo
Shanghai Leiditech Elec...
LM0603N103F3435FA LEIDITECH-LM0603N103F3435FA Datasheet
1Mb / 12P
   PCB
logo
Shenzhenshi YONGFUKANG ...
CS8623E YONGFUKANG-CS8623E Datasheet
4Mb / 15P
   PCB
logo
List of Unclassifed Man...
L90 ETC2-L90 Datasheet
84Kb / 1P
   PCB
logo
Shanghai Leiditech Elec...
LM0402N103J4050FB LEIDITECH-LM0402N103J4050FB Datasheet
1Mb / 12P
   PCB
LM0603NH103F3380FB LEIDITECH-LM0603NH103F3380FB Datasheet
1Mb / 10P
   PCB
logo
MolexKits
76650-0233 MOLEXKITS-76650-0233 Datasheet
21Kb / 3P
   PCB Header, PCB Through Hole, Screw Mounted, Vertical PCB Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com