Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M391B5673GB0 Datasheet(PDF) 10 Page - Samsung semiconductor

Part # M391B5673GB0
Description  240pin Unbuffered DIMM based on 1Gb G-die
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M391B5673GB0 Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button M391B5673GB0 Datasheet HTML 6Page - Samsung semiconductor M391B5673GB0 Datasheet HTML 7Page - Samsung semiconductor M391B5673GB0 Datasheet HTML 8Page - Samsung semiconductor M391B5673GB0 Datasheet HTML 9Page - Samsung semiconductor M391B5673GB0 Datasheet HTML 10Page - Samsung semiconductor M391B5673GB0 Datasheet HTML 11Page - Samsung semiconductor M391B5673GB0 Datasheet HTML 12Page - Samsung semiconductor M391B5673GB0 Datasheet HTML 13Page - Samsung semiconductor M391B5673GB0 Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
- 10 -
datasheet
DDR3 SDRAM
Rev. 1.2
Unbuffered DIMM
9. Function Block Diagram:
9.1 1GB, 128Mx64 Non ECC Module (Populated as 1 rank of x8 DDR3 SDRAMs)
S0
DQS0
DQS0
DM0
DM
CS DQS DQS
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D0
DQS1
DQS1
DM1
DM
CS DQS DQS
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D1
DQS2
DQS2
DM2
DM
CS DQS DQS
DQ16
DQ17
DQ18
DQ19
DQ20
DQ21
DQ22
DQ23
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D2
DQS3
DQS3
DM3
DM
NU/ CS DQS DQS
DQ24
DQ25
DQ26
DQ27
DQ28
DQ29
DQ30
DQ31
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D3
DQS4
DQS4
DM4
DM
CS DQS DQS
DQ32
DQ33
DQ34
DQ35
DQ36
DQ37
DQ38
DQ39
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D4
DQS5
DQS5
DM5
DM
CS DQS DQS
DQ40
DQ41
DQ42
DQ43
DQ44
DQ45
DQ46
DQ47
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D5
DQS6
DQS6
DM6
DM
CS DQS DQS
DQ48
DQ49
DQ50
DQ51
DQ52
DQ53
DQ54
DQ55
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D6
DQS7
DQS7
DM7
DM
CS DQS DQS
DQ56
DQ57
DQ58
DQ59
DQ60
DQ61
DQ62
DQ63
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
D7
NOTE :
1. For each DRAM, a unique ZQ resistor is connected to
ground. The ZQ resistor is 240 Ohm +/- 1%
2. One SPD exists per module.
VSS
D0 - D7
VDD/VDDQ
D0 - D7
D0 - D7
VREFDQ
VDDSPD
SPD
A0 - A13
A0-A13 : SDRAMs D0 - D7
RAS
RAS : SDRAMs D0 - D7
CAS
CAS : SDRAMs D0 - D7
WE
WE : SDRAMs D0 - D7
CKE0
CKE : SDRAMs D0 - D7
BA0 - BA2
BA0-BA2 : SDRAMs D0 - D7
ODT0
ODT : SDRAMs D0 - D7
VREFCA
D0 - D7
CK0
CK : SDRAMs D0 - D7
ZQ
ZQ
ZQ
ZQ
ZQ
ZQ
ZQ
ZQ
A0
Serial PD
A1
A2
SA0
SA1
SA2
SCL
SDA
WP


Similar Part No. - M391B5673GB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M391B5673EH1 SAMSUNG-M391B5673EH1 Datasheet
721Kb / 23P
   DDR3 SDRAM Memory
M391B5673FH0 SAMSUNG-M391B5673FH0 Datasheet
721Kb / 23P
   DDR3 SDRAM Memory
More results

Similar Description - M391B5673GB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M378B5773CH0 SAMSUNG-M378B5773CH0 Datasheet
1Mb / 37P
   240pin Unbuffered DIMM based on 2Gb C-die
M378B5173BH0 SAMSUNG-M378B5173BH0 Datasheet
1Mb / 40P
   240pin Unbuffered DIMM based on 4Gb B-die
M378B5773DH0 SAMSUNG-M378B5773DH0 Datasheet
1Mb / 41P
   240pin Unbuffered DIMM based on 2Gb D-die
M393B1G70BH0 SAMSUNG-M393B1G70BH0 Datasheet
1Mb / 55P
   240pin Registered DIMM based on 4Gb B-die
M393B2G70CB0 SAMSUNG-M393B2G70CB0 Datasheet
1Mb / 37P
   240pin Registered DIMM based on 4Gb C-die
M393B1K70DH0 SAMSUNG-M393B1K70DH0 Datasheet
1Mb / 55P
   240pin Registered DIMM based on 2Gb D-die
M393B1K70CH0 SAMSUNG-M393B1K70CH0 Datasheet
1Mb / 53P
   240pin Registered DIMM based on 2Gb C-die
M393B1K73EB0 SAMSUNG-M393B1K73EB0 Datasheet
1Mb / 45P
   240pin Registered DIMM based on 2Gb E-die
M393B1G73BH0 SAMSUNG-M393B1G73BH0 Datasheet
1Mb / 55P
   240pin Registered DIMM based on 4Gb B-die
M393B1K73CH0 SAMSUNG-M393B1K73CH0 Datasheet
1Mb / 52P
   240pin Registered DIMM based on 2Gb C-die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com