Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS0606N0KTR Datasheet(PDF) 5 Page - AVX Corporation

Part # AS0606N0KTR
Description  Square Air Core RF Inductors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

AS0606N0KTR Datasheet(HTML) 5 Page - AVX Corporation

  AS0606N0KTR Datasheet HTML 1Page - AVX Corporation AS0606N0KTR Datasheet HTML 2Page - AVX Corporation AS0606N0KTR Datasheet HTML 3Page - AVX Corporation AS0606N0KTR Datasheet HTML 4Page - AVX Corporation AS0606N0KTR Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
PACKAGING SPECIFICATIONS
Square Air Core RF Inductors
AS Series
Thickness (t)
0.10 (.004) max
Embossed Cavity
Embossed Carrier
User Direction of Feed
No Components
390 (15.354) min
160 (6.299) min
560 (22.047) max
Components
Cover Tape
No Components
• The force for tearing off cover tape is
10 to 130 grams in the arrow direction
Top Cover Tape
165° to 180°
Base Tape
End
Start
C
C
A
B
E
T
D1
P1
t
E
F
W
G
N
D0
P2
P0
CARRIER TAPE REELS
DIMENSIONS OF CARRIER TAPE
ITEM
A
B
C
G
N
T
W
E
F
P1
P2
P0
D0
D1
t
DIM.
178
25
15
12.5
75
16.4
12.0
1.75
5.50
4.00
2.0
4.0
1.5
1.0
0.23
(7.008)
(0.984)
(0.591)
(0.492)
(2.953)
(0.646)
(0.472)
(0.069)
(0.217)
(0.157)
(0.079)
(0.157)
(0.059)
(0.039)
(0.009)
TOL.
±2.0
±1.0
±0.5
+1.5
±2.0
+1.5
±0.2
±0.1
±0.1
±0.1
±0.1
±0.1
+0.1
±0.1
±0.05
(0.079)
(0.039)
(0.020)
(0.059)
(0.079)
(0.059)
(0.008)
(0.004)
(0.004)
(0.004)
(0.004)
(0.004)
(0.004)
(0.004)
(0.020)
mm (inches)


Similar Part No. - AS0606N0KTR

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
AS06004PS-R PUIAUDIO-AS06004PS-R Datasheet
464Kb / 2P
   ALL DIMENSIONS ARE IN MILLIMETERS
logo
Projects Unlimited, Inc...
AS06008PS-R PUI-AS06008PS-R Datasheet
456Kb / 2P
   ALL DIMENSIONS ARE IN MILLIMETERS
logo
PUI audio inc.
AS06008PS-R PUIAUDIO-AS06008PS-R Datasheet
456Kb / 2P
   ALL DIMENSIONS ARE IN MILLIMETERS
More results

Similar Description - AS0606N0KTR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
AS AVX-AS_15 Datasheet
158Kb / 5P
   Square Air Core RF Inductors
logo
Coilcraft lnc.
0807SQ-14NJLB COILCRAFT-0807SQ-14NJLB Datasheet
249Kb / 3P
   Square Air Core Inductors
1111SQ COILCRAFT-1111SQ Datasheet
234Kb / 3P
   Square Air Core Inductors
0806SQ-5N5-L COILCRAFT-0806SQ-5N5-L Datasheet
267Kb / 3P
   Square Air Core Inductors
1111SQ COILCRAFT-1111SQ Datasheet
344Kb / 3P
   Square Air Core Inductors
1515SQ COILCRAFT-1515SQ Datasheet
546Kb / 3P
   Square Air Core Inductors
0806SQ-5N5GLC COILCRAFT-0806SQ-5N5GLC_16 Datasheet
335Kb / 3P
   Square Air Core Inductors
logo
Central Technologies
CT0806QF CT-CT0806QF Datasheet
99Kb / 1P
   Square Air Core Inductors
CT0806SQF CT-CT0806SQF Datasheet
140Kb / 1P
   Square Air Core Inductors
logo
Allied Components Inter...
SQAC1515 ALLIED-SQAC1515 Datasheet
1Mb / 1P
   SMD Square Air Core Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com