Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.14.001.551-0000 Datasheet(PDF) 5 Page - C&K Components

Part # 1.14.001.551-0000
Description  PCB Keyswitches
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

1.14.001.551-0000 Datasheet(HTML) 5 Page - C&K Components

  1.14.001.551-0000 Datasheet HTML 1Page - C&K Components 1.14.001.551-0000 Datasheet HTML 2Page - C&K Components 1.14.001.551-0000 Datasheet HTML 3Page - C&K Components 1.14.001.551-0000 Datasheet HTML 4Page - C&K Components 1.14.001.551-0000 Datasheet HTML 5Page - C&K Components 1.14.001.551-0000 Datasheet HTML 6Page - C&K Components 1.14.001.551-0000 Datasheet HTML 7Page - C&K Components 1.14.001.551-0000 Datasheet HTML 8Page - C&K Components 1.14.001.551-0000 Datasheet HTML 9Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Stock items are marked
by bold printed order numbers.
RACON short-travel keyswitches
4 - 6
PCB Keyswitches
4
RACON
RACON 8
Technical data
Dimensions
Recommended key grid
see order block
Key grid max.
see order block
Length of housing
8.4 mm
Width of housing
8.4 mm
Overall height
5.00 mm
Mechanical design
Mounting
soldering
Terminals
see order block
Contact system
snap-action contact
Contact arrangement
1 NO
Contact materials
Au
Illumination
no
Mechanical characteristics
Operating force
3.3+/-0.6 N
Switching travel
0.34+/-0.1 mm
Robustness min.
100 N
Electrical characteristics
Rated voltage min.
0.02 V
Rated voltage max.
42 V
Rated current min.
0.01 mA
Rated current max.
100 mA
Rated power max.
(ohmic load)
1 W
Contact resistance when
new max.
100 m
Insulation resistance
109
Bouncing time max.
5 ms
Other specifications
Ambient temp. operating
min.
-40 °C
Ambient temp. operating
max.
+80 °C
Resistance to constant
environment
according to
IEC 600 68-2-3 and 2-30
Resistance at variable
environment
according to
IEC 600 68-2-14 and 2-33
Operating life at
RT = 23° C and test force
= 1,5 x rated force
1000000
Solderability / solder
heat resistance PCB version
DIN IEC 600 68-2-20
Solderability / solder
heat resistance SMD version EN 61760-1 and
DIN IEC 600-68-2-58
Flammability of materials
UL 94 HB
Packing
see order block
Produkt code
see order block
General data
RACON short-travel keyswitches offer an extremely high switching reliability while needing very little space. They can be
arranged as single keys, in rows or key blocks.
When arranged under an overlay, RACON keyswitches should be combined with plungers.
The features at a glance:
• Suitable for the most common soldering methods
- Wave soldering bath for print versions
- Reflow soldering (SMD)
- Manual soldering
• SMD version suitable for processing with an automatic SMD assembly machine


Similar Part No. - 1.14.001.551-0000

ManufacturerPart #DatasheetDescription
logo
C&K Components
1.14.001.551/0000 CK-COMPONENTS-1.14.001.551/0000 Datasheet
687Kb / 19P
   PCB Keyswitches
More results

Similar Description - 1.14.001.551-0000

ManufacturerPart #DatasheetDescription
logo
C&K Components
1.14100.5020000 CK-COMPONENTS-1.14100.5020000 Datasheet
687Kb / 19P
   PCB Keyswitches
3.14.100.001-0000 CK-COMPONENTS-3.14.100.001-0000 Datasheet
2Mb / 48P
   RF short-travel keyswitches
3.14200.0110000 CK-COMPONENTS-3.14200.0110000 Datasheet
2Mb / 48P
   RF short-travel keyswitches
logo
Grayhill, Inc
87CC3-201 GRAYHILL-87CC3-201 Datasheet
710Kb / 5P
   1, 2, 3, 4, 5 and 6 Button Individual Keyswitches
logo
Shanghai Leiditech Elec...
LM0603N103F3435FA LEIDITECH-LM0603N103F3435FA Datasheet
1Mb / 12P
   PCB
logo
Shenzhenshi YONGFUKANG ...
CS8623E YONGFUKANG-CS8623E Datasheet
4Mb / 15P
   PCB
logo
List of Unclassifed Man...
L90 ETC2-L90 Datasheet
84Kb / 1P
   PCB
logo
Shanghai Leiditech Elec...
LM0402N103J4050FB LEIDITECH-LM0402N103J4050FB Datasheet
1Mb / 12P
   PCB
LM0603NH103F3380FB LEIDITECH-LM0603NH103F3380FB Datasheet
1Mb / 10P
   PCB
logo
MolexKits
76650-0233 MOLEXKITS-76650-0233 Datasheet
21Kb / 3P
   PCB Header, PCB Through Hole, Screw Mounted, Vertical PCB Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com