Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCXE380A5 Datasheet(PDF) 2 Page - Crydom Inc.,

Part # MCXE380A5
Description  MCX Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

MCXE380A5 Datasheet(HTML) 2 Page - Crydom Inc.,

  MCXE380A5 Datasheet HTML 1Page - Crydom Inc., MCXE380A5 Datasheet HTML 2Page - Crydom Inc., MCXE380A5 Datasheet HTML 3Page - Crydom Inc., MCXE380A5 Datasheet HTML 4Page - Crydom Inc., MCXE380A5 Datasheet HTML 5Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
INPUT SPECIFICATIONS (1)
Description
MCX240Dx
MCX380Dx
MCXExxxDx
MCX240A5
MCXE240A5
Control Voltage Range
3-15 VDC
4-15 VDC
15-32 VDC
90-140 VAC
18-36 VAC
Maximum Turn On Voltage
3.0 VDC
4.0 VDC
15.0 VDC
90.0 Vrms
18.0 Vrms
Mimimum Turn-Off Voltage
1.0 VDC
1.0 VDC
1.0 VDC
10.0 Vrms
2.0 VDC
Input Current @ Nominal Voltage
15 mAdc
15 mAdc
15 mAdc
10 mAdc
10 mAdc
Nominal Input Impedance
300 Ohm
240 Ohm
1500 Ohm
14.1 Ohm
2.1 k Ohm
Maximum Turn-On Time [msec] (3)
1/2 Cycle
1/2 Cycle
1/2 Cycle
10
10
Maximum Turn-Off Time [msec]
1/2 Cycle
1/2 Cycle
1/2 Cycle
40
40
GENERAL SPECIFICATIONS
Description
Parameters
Dielectric Strength, Input/Output/Base (50/60Hz)
4000 Vrms
Minimum Insulation Resistance (@ 500 VDC)
10 9 Ohm
Maximum Capacitance, Input/Output
10pF
Ambient Operating Temperature Range
-40 to 80 °C
Ambient Storage Temperature Range
-40 to 125 °C
Weight (typical)
0.7 oz. (20g)
Encapsulation
Therminally Conductive Epoxy
GENERAL NOTES
1) All parameters at 25°C unless otherwise specified.
2) Off-State dv/dt test method per EIA/NARM standard RS-443, paragraph 13.11.1
3) Turn-On time for random turn-on versions is 0.01 msec (DC Control Models).
WIRING DIAGRAM


Similar Part No. - MCXE380A5

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
MCXE380A5 CRYDOM-MCXE380A5 Datasheet
511Kb / 4P
   PCB Mount
MCXE380A5R CRYDOM-MCXE380A5R Datasheet
511Kb / 4P
   PCB Mount
MCXE380A5R CRYDOM-MCXE380A5R Datasheet
585Kb / 5P
   PCB Mount
More results

Similar Description - MCXE380A5

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DRA4-MCX240D5 CRYDOM-DRA4-MCX240D5 Datasheet
683Kb / 5P
   DRA4 MCX Series
logo
List of Unclassifed Man...
R223703020 ETC2-R223703020 Datasheet
7Mb / 23P
   MMBX / MCX series
logo
Crydom Inc.,
DRA4-MCXE240D5 CRYDOM-DRA4-MCXE240D5 Datasheet
683Kb / 5P
   DRA4 MCX Series
DRA1-MCX240D5 CRYDOM-DRA1-MCX240D5 Datasheet
703Kb / 5P
   DRA1 MCX Series
logo
Wurth Elektronik GmbH &...
60612102111406 WURTH-60612102111406 Datasheet
256Kb / 5P
   WR-MCX MCX SMT Jack
001.000
logo
Pasternack Enterprises,...
PE9524 PASTERNACK-PE9524 Datasheet
74Kb / 1P
   MCX JACK TO MCX JACK
PE9474 PASTERNACK-PE9474 Datasheet
78Kb / 1P
   MCX JACK TO MCX JACK BULKHEAD
PE9479 PASTERNACK-PE9479 Datasheet
246Kb / 2P
   MCX Plug to MCX Jack Adapter
logo
Molex Electronics Ltd.
897616760 MOLEX-897616760 Datasheet
52Kb / 1P
   CA, MCX PLUG ST TO MCX P_ST 50 OHM RG316 EWR-3874. CA-MCX/MCX
2009/01/07
SD-89761-676 MOLEX-SD-89761-676 Datasheet
52Kb / 1P
   CA, MCX PLUG ST TO MCX P ST 50 OHM RG316 EWR-3874, CA-MCX/MCX
2009/01/07
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com