Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBLS207G Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # DBLS207G
Description  Single Phase2.0 AMP. Glass Passivated Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

DBLS207G Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  DBLS207G Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd DBLS207G Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Glass passivated junction
Ideal for printed circuit board
Reliable low cost construction utilizing
molded plastic technique
High surge current capability
High temperature soldering guaranteed:
260oC / 10 seconds at 5 lbs., ( 2.3 kg )
tension
Small size, simple installation
DBLS
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25 o
C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
DBL
201G
DBL
202G
DBL
203G
DBL
204G
DBL
205G
DBL
206G
DBL
207G
DBL
208G
DBL
209G
Type Number
Symbol
DBLS
201G
DBLS
202G
DBLS
203G
DBLS
204G
DBLS
205G
DBLS
206G
DBLS
207G
DBLS
208G
DBLS
209G
Units
Maximum Recurrent Peak Reverse
Voltage
VRRM
50
100 200 400 600 800 1000 1200 1400
V
Maximum RMS Voltage
VRMS
35
70
140 280 420 560 700 840 980
V
Maximum DC Blocking Voltage
VDC
50
100 200 400 600 800 1000 1200 1400
V
Maximum Average Forward Rectified
Current @TA = 40
oC
I(AV)
2.0
A
Peak Forward Surge Current, 8.3 ms
Single Half Sine-wave Superimposed on
Rated Load (JEDEC method )
IFSM
50
A
Maximum Instantaneous Forward Voltage
@ 2.0A
VF
1.15
1.30
V
Maximum DC Reverse Current
@TA=25
oC at Rated DC Blocking Voltage
@ TA=125
oC
IR
10
500
uA
uA
Typical Thermal Resistance (Note)
RθJA
RθJL
40
15
o
C /W
Operating Temperature Range
TJ
-55 to +150
o
C
Storage Temperature Range
TSTG
-55 to +150
o
C
Note: Thermal resistance from Junction to Ambient and from Junction to Lead Mounted on
P.C.B. with 0.51 x 0.51” (13 x 13mm) Coper Pads.
DBL
DBL201G - DBL209G
Single Phase2.0 AMP. Glass Passivated Bridge Rectifiers
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - DBLS207G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
DBLS207G TSC-DBLS207G Datasheet
129Kb / 2P
   Single Phase 2.0AMPS. Glass Passivated Bridge Rectifiers
DBLS207G TSC-DBLS207G Datasheet
216Kb / 4P
   Glass Passivated Bridge Rectifiers
logo
Zibo Seno Electronic En...
DBLS207G ZSELEC-DBLS207G Datasheet
73Kb / 2P
   2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Taiwan Semiconductor Co...
DBLS207G-T TSC-DBLS207G-T Datasheet
296Kb / 4P
   2A, 400V - 1000V Glass Passivated Bridge Rectifiers
DBLS207G-T TSC-DBLS207G-T Datasheet
296Kb / 4P
   2A, 400V - 1000V Glass Passivated Bridge Rectifiers
More results

Similar Description - DBLS207G

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
KBJ2A DGNJDZ-KBJ2A Datasheet
76Kb / 2P
   SINGLE PHASE2.0 AMPS GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Jinan Gude Electronic D...
2W005G JGD-2W005G Datasheet
126Kb / 2P
   SINGLE PHASE 2.0 AMP. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
KBP101G TSC-KBP101G_10 Datasheet
468Kb / 2P
   Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
logo
Nanjing International G...
ABS2 DGNJDZ-ABS2_02 Datasheet
416Kb / 2P
   Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
logo
SeCoS Halbleitertechnol...
KBPC15 SECOS-KBPC15 Datasheet
350Kb / 2P
   15.0 Amp Glass Passivated Single-Phase Bridge Rectifiers
logo
Nanjing International G...
DB107S- DGNJDZ-DB107S- Datasheet
262Kb / 2P
   Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
DB201G DGNJDZ-DB201G Datasheet
227Kb / 2P
   SINGLE PHASE 2.0 AMP GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
ABS2 BYTESONIC-ABS2 Datasheet
680Kb / 2P
   Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
MBS2 TSC-MBS2_11 Datasheet
150Kb / 2P
   Single Phase 0.8 AMP Glass Passivated Bridge Rectifiers
logo
Shenzhen Luguang Electr...
DBL101G LUGUANG-DBL101G Datasheet
204Kb / 2P
   Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com