Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL05A12N5KTR Datasheet(PDF) 7 Page - AVX Corporation

Part # AL05A12N5KTR
Description  Air Core RF Inductors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

AL05A12N5KTR Datasheet(HTML) 7 Page - AVX Corporation

  AL05A12N5KTR Datasheet HTML 1Page - AVX Corporation AL05A12N5KTR Datasheet HTML 2Page - AVX Corporation AL05A12N5KTR Datasheet HTML 3Page - AVX Corporation AL05A12N5KTR Datasheet HTML 4Page - AVX Corporation AL05A12N5KTR Datasheet HTML 5Page - AVX Corporation AL05A12N5KTR Datasheet HTML 6Page - AVX Corporation AL05A12N5KTR Datasheet HTML 7Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
PACKAGING SPECIFICATIONS
Air Core RF Inductors
AL Series
Thickness (t)
0.10 (.004) max
Embossed Cavity
Embossed Carrier
User Direction of Feed
No Components
390 (15.354) min
160 (6.299) min
560 (22.047) max
Components
Cover Tape
No Components
• The force for tearing off cover tape is
10 to 130 grams in the arrow direction
Top Cover Tape
165° to 180°
Base Tape
End
Start
C
C
A
B
T
G
N
MATERIAL:
PLASTIC
P
t
W
2.0 ±0.1
(0.079 ±0.004)
1.5 +0.1/-0
( 0.059 +0.004/-0)
4.0 ±0.1
(0.157 ±0.004)
1.75 ±0.1
(0.069 ±0.004)
CARRIER TAPE REELS
DIMENSIONS OF CARRIER TAPE
Series
ITEM
A
B
C
N
G
T
W
P
t
AL05A
DIM.
178
21
13
75
8.4
12.5
8
4
0.30
TOL.
±2.0
±0.8
±0.8
±2.0
+1.5
+1.5
±0.3
±0.1
±0.05
AL05B
DIM.
180
21
13
50
12.4
18.4
12
4
0.35
TOL.
MAX
±0.8
+0.5/-0.2
MIN
+2.0
MAX
±0.30
±0.10
±0.05
AL12A
DIM.
178
25
15
75
12.5
16.4
12
8
0.25
TOL.
±2.0
±1.0
±0.5
±2.0
+1.5
+1.5
±0.2
±0.1
±0.05
AL12B
DIM.
178
50
15
75
16.5
20.4
16
8
0.25
TOL.
±2.0
±1.0
±0.5
±2.0
+1.5
+1.5
±0.2
±0.1
±0.05
AL016
DIM.
340
20.2
13
100
16.5
25.5
16
12
0.30
TOL.
MAX
MIN
±0.5
REF
±0.5
±0.5
±0.30
±0.10
±0.05
AL023
DIM.
340
20.2
13
100
24.5
30.4
24.0
12.0
0.35
TOL.
MAX
MIN
±0.5
REF
±0.5
±0.5
±0.30
±0.10
±0.05
mm (inches)


Similar Part No. - AL05A12N5KTR

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
AL05-100-JA RCD-AL05-100-JA Datasheet
62Kb / 1P
   EPOXY COATED INDUCTORS
AL05-100-JAQ RCD-AL05-100-JAQ Datasheet
62Kb / 1P
   EPOXY COATED INDUCTORS
AL05-100-JAW RCD-AL05-100-JAW Datasheet
62Kb / 1P
   EPOXY COATED INDUCTORS
AL05-100-JB RCD-AL05-100-JB Datasheet
62Kb / 1P
   EPOXY COATED INDUCTORS
AL05-100-JBQ RCD-AL05-100-JBQ Datasheet
62Kb / 1P
   EPOXY COATED INDUCTORS
More results

Similar Description - AL05A12N5KTR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
AL AVX-AL_15 Datasheet
191Kb / 7P
   Air Core RF Inductors
AS AVX-AS_15 Datasheet
158Kb / 5P
   Square Air Core RF Inductors
AS0605N5JTR AVX-AS0605N5JTR Datasheet
384Kb / 5P
   Square Air Core RF Inductors
logo
API Delevan
4726R API-4726R Datasheet
1Mb / 1P
   Air Core Inductors
logo
Coilcraft lnc.
NA5931 COILCRAFT-NA5931_14 Datasheet
228Kb / 2P
   Air Core Inductors
GA3092-AL COILCRAFT-GA3092-AL Datasheet
213Kb / 2P
   Air Core Inductors
logo
API Delevan
4426R API-4426R Datasheet
1Mb / 1P
   Air Core Inductors
logo
List of Unclassifed Man...
4426-1 ETC1-4426-1 Datasheet
39Kb / 1P
   Air Core Inductors
5526-1 ETC1-5526-1 Datasheet
30Kb / 1P
   Air Core Inductors
logo
API Delevan
5526R API-5526R Datasheet
1Mb / 1P
   Air Core Inductors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com