Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL05A12N5KTR Datasheet(PDF) 1 Page - AVX Corporation

Part # AL05A12N5KTR
Description  Air Core RF Inductors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

AL05A12N5KTR Datasheet(HTML) 1 Page - AVX Corporation

  AL05A12N5KTR Datasheet HTML 1Page - AVX Corporation AL05A12N5KTR Datasheet HTML 2Page - AVX Corporation AL05A12N5KTR Datasheet HTML 3Page - AVX Corporation AL05A12N5KTR Datasheet HTML 4Page - AVX Corporation AL05A12N5KTR Datasheet HTML 5Page - AVX Corporation AL05A12N5KTR Datasheet HTML 6Page - AVX Corporation AL05A12N5KTR Datasheet HTML 7Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
AVX Air Core RF Inductors, part of the wound air core inductor family, are
ideal for RF circuits, broadband I/O filtering,
frequency selection, or
impedance matching. The air core inductor provides better performance
over solid core inductors with higher Q, and better current handling
capabilities.
GENERAL DESCRIPTION
AL
Air Core Inductor
05A
Size
Size
05A = 0605
05B = 0605
12A = 1212
12B = 1212
016 = 1516
023 = 2523
02N5
Inductance
02N5 = 2.5nH
12N5 = 12.5nH
130N = 130nH
G
Tolerance
G = 2%
J = 5%
K = 10%
T
Termination
T = Sn/Ag over Cu
(96.5% Sn, 3% Ag,
0.5% Cu)
R
Packaging
R = 7" reel
S = 13" reel*
*AL016 & AL023 Only
HOW TO ORDER
Air Core RF Inductors
AL Series
FEATURES
• Air Core Construction
• High Q
• High Current
• Excellent SRF
• Many inductance values ranging
from 1.65nH to 538nH
Technical Data
All technical data related to an ambient temperature of +25˚C
Inductance Range
1.65nH to 538nH
Inductance Tolerance
2%, 5%, 10%
Rated Current
1.5A to 4.0A
Operating Temperature
-40˚C to +125˚C
Termination
96.5% Tin/3% Silver over 0.5% Copper
ELECTRICAL SPECIFICATIONS
APPLICATIONS
• RF Applications
• RF Circuits
• Broadband I/O Filtering
• Impedance Matching/Tuning
• Decoupling/Bypassing


Similar Part No. - AL05A12N5KTR

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
AL05-100-JA RCD-AL05-100-JA Datasheet
62Kb / 1P
   EPOXY COATED INDUCTORS
AL05-100-JAQ RCD-AL05-100-JAQ Datasheet
62Kb / 1P
   EPOXY COATED INDUCTORS
AL05-100-JAW RCD-AL05-100-JAW Datasheet
62Kb / 1P
   EPOXY COATED INDUCTORS
AL05-100-JB RCD-AL05-100-JB Datasheet
62Kb / 1P
   EPOXY COATED INDUCTORS
AL05-100-JBQ RCD-AL05-100-JBQ Datasheet
62Kb / 1P
   EPOXY COATED INDUCTORS
More results

Similar Description - AL05A12N5KTR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
AL AVX-AL_15 Datasheet
191Kb / 7P
   Air Core RF Inductors
AS AVX-AS_15 Datasheet
158Kb / 5P
   Square Air Core RF Inductors
AS0605N5JTR AVX-AS0605N5JTR Datasheet
384Kb / 5P
   Square Air Core RF Inductors
logo
API Delevan
4726R API-4726R Datasheet
1Mb / 1P
   Air Core Inductors
logo
Coilcraft lnc.
NA5931 COILCRAFT-NA5931_14 Datasheet
228Kb / 2P
   Air Core Inductors
GA3092-AL COILCRAFT-GA3092-AL Datasheet
213Kb / 2P
   Air Core Inductors
logo
API Delevan
4426R API-4426R Datasheet
1Mb / 1P
   Air Core Inductors
logo
List of Unclassifed Man...
4426-1 ETC1-4426-1 Datasheet
39Kb / 1P
   Air Core Inductors
5526-1 ETC1-5526-1 Datasheet
30Kb / 1P
   Air Core Inductors
logo
API Delevan
5526R API-5526R Datasheet
1Mb / 1P
   Air Core Inductors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com