Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC5002GSTR Datasheet(PDF) 4 Page - IXYS Corporation

Part # CPC5002GSTR
Description  Dual High-Speed Open-Drain
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5002GSTR Datasheet(HTML) 4 Page - IXYS Corporation

  CPC5002GSTR Datasheet HTML 1Page - IXYS Corporation CPC5002GSTR Datasheet HTML 2Page - IXYS Corporation CPC5002GSTR Datasheet HTML 3Page - IXYS Corporation CPC5002GSTR Datasheet HTML 4Page - IXYS Corporation CPC5002GSTR Datasheet HTML 5Page - IXYS Corporation CPC5002GSTR Datasheet HTML 6Page - IXYS Corporation CPC5002GSTR Datasheet HTML 7Page - IXYS Corporation CPC5002GSTR Datasheet HTML 8Page - IXYS Corporation CPC5002GSTR Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
INTEGRATED CIRCUITS DIVISION
4
www.ixysic.com
R01
CPC5002
1.5 Recommended Operating Conditions
1.6 General Conditions
Specifications cover the operating temperature range TA = -40°C to +85°C and supply range VDD = 2.7V to 5.5V.
Unless otherwise specified, minimum and maximum values are guaranteed by production testing. Typical values are
the result of engineering evaluations and are characteristic of the device at TA = 25°C and VDD = 3.3V; they are
provided for information purposes only and are not verified by manufacturing testing.
1.7 Electrical Specifications
1.8 Thermal Characteristics
Parameter
Symbol
Min
Typ
Max
Units
Supply Voltage
VDD
2.7
-
5.5
V
LED Forward Current
IF
1.4
1.5
10
mA
Output Drive
ISINK
6mA
Operating Ambient Temperature
TA
-40
+85
°C
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Input Specifications
LED Input Threshold Current
-
ITH
0.16
0.55
1
mA
LED Forward Voltage
IF=1.5mA, TA=25°C
VF
0.98
1.2
1.41
V
IF=10mA
1.0
1.3
1.8
LED Reverse Breakdown Voltage
IR=5AVR
6-
-
V
LED Capacitance
VF=0V, f=1MHz
CIN
-50-
pF
Output Specifications
Output Drive
VDD=2.7V, ISINK=3mA
VOL
-
0.21
0.35
V
VDD=2.7V, ISINK=6mA
-0.42
0.7
VDD=3.3V, ISINK=6mA
-0.38-
High Level Leakage Current
VOUT=VDD=5.5V
IOHL
-0.1
10
A
Supply Specifications
Supply Current
VDD=3.3V, ISINK=0mA
IDD
-1.4
-
mA
VDD=5.5V, ISINK=0mA, TA=25°C
-2.1
3
Parameter
Conditions
Symbol
Typ
Units
Thermal Resistance, Junction to Ambient
Free Air
RJA
114
°C/W
LED Temperature Coefficient
IF=1.5mA
-1.3
mV/°C
Output Voltage Temperature Coefficient
ISINK=6mA
1.2
mV/°C
dV
F
dT
----------
dV
OUT
dT
-----------------


Similar Part No. - CPC5002GSTR

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC5001 IXYS-CPC5001 Datasheet
203Kb / 9P
   Dual, One Channel Each Direction Digital Optical Isolator
CPC5001G IXYS-CPC5001G Datasheet
203Kb / 9P
   Dual, One Channel Each Direction Digital Optical Isolator
CPC5001GS IXYS-CPC5001GS Datasheet
203Kb / 9P
   Dual, One Channel Each Direction Digital Optical Isolator
CPC5001GSTR IXYS-CPC5001GSTR Datasheet
203Kb / 9P
   Dual, One Channel Each Direction Digital Optical Isolator
More results

Similar Description - CPC5002GSTR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLX2G06 ONSEMI-NLX2G06 Datasheet
94Kb / 8P
   Dual Inverter, Open Drain
March, 2008 - Rev. 0
logo
Renesas Technology Corp
HD74LV1GW06A RENESAS-HD74LV1GW06A Datasheet
77Kb / 6P
   Dual Inverter Open Drain
logo
ON Semiconductor
NLU2G06 ONSEMI-NLU2G06 Datasheet
100Kb / 8P
   Dual Inverter, Open Drain
March, 2008 - Rev. 2
logo
Toshiba Semiconductor
TC7PA05FU TOSHIBA-TC7PA05FU_07 Datasheet
184Kb / 8P
   Dual Inverter (Open Drain)
logo
Renesas Technology Corp
HD74LV1GW07A RENESAS-HD74LV1GW07A Datasheet
75Kb / 6P
   Dual Buffer Open Drain
HD74LV1GW07A RENESAS-HD74LV1GW07A_15 Datasheet
156Kb / 7P
   Dual Buffer Open Drain
logo
ON Semiconductor
NLU2G06 ONSEMI-NLU2G06_16 Datasheet
72Kb / 7P
   Dual Inverter, Open Drain
July, 2016 ??Rev. 4
NLX2G06 ONSEMI-NLX2G06_16 Datasheet
79Kb / 8P
   Dual Inverter, Open Drain
June, 2016 ??Rev. 3
logo
Maxim Integrated Produc...
MAX14591 MAXIM-MAX14591_14 Datasheet
950Kb / 13P
   High-Speed, Open-Drain Capable Logic-Level Translator
Rev 1; 12/14
MAX14591 MAXIM-MAX14591 Datasheet
950Kb / 13P
   High-Speed, Open-Drain Capable Logic-Level Translator
19-6173; Rev 1; 12/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com