Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CT1206S17GK2 Datasheet(PDF) 10 Page - EPCOS

Part # CT1206S17GK2
Description  Ceramic transient voltage suppressors
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

CT1206S17GK2 Datasheet(HTML) 10 Page - EPCOS

Back Button CT1206S17GK2 Datasheet HTML 6Page - EPCOS CT1206S17GK2 Datasheet HTML 7Page - EPCOS CT1206S17GK2 Datasheet HTML 8Page - EPCOS CT1206S17GK2 Datasheet HTML 9Page - EPCOS CT1206S17GK2 Datasheet HTML 10Page - EPCOS CT1206S17GK2 Datasheet HTML 11Page - EPCOS CT1206S17GK2 Datasheet HTML 12Page - EPCOS CT1206S17GK2 Datasheet HTML 13Page - EPCOS CT1206S17GK2 Datasheet HTML 14Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 81 page
background image
Electrical specifications and ordering codes
Maximum ratings (Top,max)
Type
Ordering code
VRMS,max
V
VDC,max
V
Isurge,max
(8/20 µs)
A
Wmax
(2 ms)
mJ
Pdiss,max
mW
Top,max
°C
CT standard series
CT1206K30G
B72520T0300K062
30
38
200
1100
8
+125
CT1210K30G
B72530T0300K062
30
38
300
2000
10
+125
CT1206K35G
B72520T0350K062
35
45
100
400
8
+125
CT1210K35G
B72530T0350K062
35
45
250
2000
10
+125
CT1206K40G
B72520T0400K062
40
56
100
500
8
+125
CT1210K40G
B72530T0400K062
40
56
250
2300
10
+125
CT1206K50G
B72520T0500K062
50
65
100
600
8
+125
CT1210K50G
B72530T0500K062
50
65
200
1600
10
+125
CT1206K60G
B72520T0600K062
60
85
100
700
8
+125
CT1210K60G
B72530T0600K062
60
85
200
2000
10
+125
Characteristics (TA = 25
°C)
Type
VV
(1 mA)
V
∆V
V
%
Vclamp,max
V
Iclamp
(8/20 µs)
A
Ctyp
(1 kHz, 1 V)
pF
CT standard series
CT1206K30G
47
±10
77
1
500
CT1210K30G
47
±10
77
2.5
1000
CT1206K35G
56
±10
90
1
200
CT1210K35G
56
±10
90
2.5
600
CT1206K40G
68
±10
110
1
250
CT1210K40G
68
±10
110
2.5
500
CT1206K50G
82
±10
135
1
120
CT1210K50G
82
±10
135
2.5
250
CT1206K60G
100
±10
165
1
100
CT1210K60G
100
±10
165
2.5
200
Multilayer varistors (MLVs)
Standard series
Page 10 of 81
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - CT1206S17GK2

ManufacturerPart #DatasheetDescription
logo
EPCOS
CT1206S14BAUTOG EPCOS-CT1206S14BAUTOG Datasheet
94Kb / 5P
   Multilayer technology
CT1206S14BAUTOG EPCOS-CT1206S14BAUTOG Datasheet
204Kb / 14P
   Ceramic transient voltage suppressors
More results

Similar Description - CT1206S17GK2

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
B72510T5250K062 EPCOS-B72510T5250K062 Datasheet
3Mb / 72P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72580V0110K062 EPCOS-B72580V0110K062_12 Datasheet
2Mb / 82P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72862F1050S160 EPCOS-B72862F1050S160 Datasheet
653Kb / 28P
   Ceramic transient voltage suppressors
B72762A8140S160 EPCOS-B72762A8140S160_08 Datasheet
645Kb / 28P
   Ceramic transient voltage suppressors
B72587G3140S200 EPCOS-B72587G3140S200 Datasheet
691Kb / 29P
   Ceramic transient voltage suppressors
B72500E2170K060 EPCOS-B72500E2170K060 Datasheet
256Kb / 13P
   Ceramic transient voltage suppressors
B72500E2170S160 EPCOS-B72500E2170S160 Datasheet
156Kb / 13P
   Ceramic transient voltage suppressors
B72510E0140K062 EPCOS-B72510E0140K062 Datasheet
164Kb / 14P
   Ceramic transient voltage suppressors
B72510E0250K062 EPCOS-B72510E0250K062 Datasheet
163Kb / 14P
   Ceramic transient voltage suppressors
B72510E0300K062 EPCOS-B72510E0300K062 Datasheet
162Kb / 14P
   Ceramic transient voltage suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com