Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BMOD0058E016 Datasheet(PDF) 4 Page - Maxwell Technologies

Part # BMOD0058E016
Description  16V SMALL CELL MODULE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

BMOD0058E016 Datasheet(HTML) 4 Page - Maxwell Technologies

  BMOD0058E016 Datasheet HTML 1Page - Maxwell Technologies BMOD0058E016 Datasheet HTML 2Page - Maxwell Technologies BMOD0058E016 Datasheet HTML 3Page - Maxwell Technologies BMOD0058E016 Datasheet HTML 4Page - Maxwell Technologies BMOD0058E016 Datasheet HTML 5Page - Maxwell Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Page 4
Document number: 1015371.5
maxwell.com
DATASHEET
16V SMALL CELL MODULE
MOUNTING RECOMMENDATIONS
Recommended mounting screw M4. Maximum torque
on mounting screws 4 Nm. All 6 mounting locations
must be utilized to meet vibration specifications.
MARKINGS
Products are marked with the following information:
Rated capacitance, rated voltage, product number,
name of manufacturer, positive and negative terminal,
and serial number.
NOTES
1. Capacitance and ESR
DC measured at 25°C per
Document Number 1007239 available at
www.maxwell.com.
2. Per Maxwell Document 1007239 available at
www.maxwell.com.
3. Maximum Peak current (1 sec) =
4. After 72 hours at 25°C and rated voltage. Initial
leakage current can be higher.
5. Per IEC 62391-2, P
d =
6. P
max =
7. E
max =
8. E
stored = ½ CV
2
9. Cycle per Document Number 1007239 available at
www.maxwell.com.
10. No more than 10% decrease in capacitance from
minimum initial capacitance or 50% increase in ESR
from maximum initial ESR.
11. Tested at 1 kV DC.
12. For a given application, sufficient cooling must be
provided to keep cell case temperatures below 65°.
See R
th.
13. Duration = 60 seconds. Not intended as an operating
parameter.
14. Absolute maximum voltage non repeated, not to
exceed 1 second.
½ CV
C x ESR
DC + 1
0.12V2
ESR
DC x mass
V2
4 x ESR
DC x mass
½ CV2
3,600 x mass
3,600


Similar Part No. - BMOD0058E016

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
BMOD0058E016B02 MAXWELL-BMOD0058E016B02 Datasheet
1,023Kb / 5P
   16V SMALL CELL MODULE
More results

Similar Description - BMOD0058E016

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
BMOD0058E016B02 MAXWELL-BMOD0058E016B02 Datasheet
1,023Kb / 5P
   16V SMALL CELL MODULE
logo
Skyworks Solutions Inc.
AWB7232 SKYWORKS-AWB7232 Datasheet
799Kb / 10P
   Small-Cell Power Amplifier Module
logo
Cooper Bussmann, Inc.
XVM-16R2656-R COOPER-XVM-16R2656-R Datasheet
1Mb / 3P
   16V Supercapacitor Module
logo
ANADIGICS, Inc
AWB7228 ANADIGICS-AWB7228 Datasheet
673Kb / 9P
   2.545 - 2.69 GHz Small-Cell Power Amplifier Module
logo
Skyworks Solutions Inc.
AWB7229 SKYWORKS-AWB7229 Datasheet
828Kb / 10P
   925 - 960 MHz Small-Cell Power Amplifier Module
AWB7223 SKYWORKS-AWB7223 Datasheet
766Kb / 10P
   1.930 -1.995 GHz Small-Cell Power Amplifier Module
logo
ANADIGICS, Inc
AWB7223R ANADIGICS-AWB7223R Datasheet
610Kb / 9P
   1.930 -1.995 GHz Small-Cell Power Amplifier Module
logo
TriQuint Semiconductor
TGA2450-SM TRIQUINT-TGA2450-SM Datasheet
793Kb / 9P
   2100 MHz, 2.5 W, Small Cell PA Module
logo
ANADIGICS, Inc
AWB7227 ANADIGICS-AWB7227 Datasheet
648Kb / 9P
   2.11-2.17 GHz Small-Cell Power Amplifier Module
AWB7225 ANADIGICS-AWB7225 Datasheet
632Kb / 9P
   860 - 894 MHz Small-Cell Power Amplifier Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com