Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEHZC1V271P Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EEHZC1V271P
Description  Conductive Polymer Hybrid Aluminum Electrolytic Capacitor/ZC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEHZC1V271P Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEHZC1V271P Datasheet HTML 1Page - Panasonic Semiconductor EEHZC1V271P Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Conductive Polymer Hybrid Aluminum Electrolytic Capacitor/ZC
Standard Products       
The taping dimensions are explained on EE188 of our Catalog. Please use it as a reference guide.
Reflow Profile(Fig-5, Fig-6) listed on EE186 of our Catalog.
Endurance : 125 °C 4000 h
W.V.
Cap.
(±20 %)
Case size
Specification
Part No.
(RoHS:compliant)
Reflow
Min.
Packaging Q'ty
Dia.
Length
Size
Code
Ripple
Current
(100 kHz)
(+125 °C)
E.S.R.
(100 kHz)
(+20 °C)
tan
δ
(120 Hz)
(+20 °C)
Taping
(V)
(µF)
(mm)
(mm)
(mA r.m.s.)
(m )(pcs)
25
33
5
5.8
C
550
80
0.14
EEHZC1E330R
(5)
1000
56
6.3
5.8
D
900
50
0.14
EEHZC1E560P
(5)
1000
100
6.3
7.7
D8
1400
30
0.14
EEHZC1E101XP
(5)
900
220
8
10.2
F
1600
27
0.14
EEHZC1E221P
(6)
500
330
10
10.2
G
2000
20
0.14
EEHZC1E331P
(6)
500
35
22
5
5.8
C
550
100
0.12
EEHZC1V220R
(5)
1000
47
6.3
5.8
D
900
60
0.12
EEHZC1V470P
(5)
1000
68
6.3
7.7
D8
1400
35
0.12
EEHZC1V680XP
(5)
900
150
8
10.2
F
1600
27
0.12
EEHZC1V151P
(6)
500
270
10
10.2
G
2000
20
0.12
EEHZC1V271P
(6)
500
50
10
5
5.8
C
500
120
0.10
EEHZC1H100R
(5)
1000
22
6.3
5.8
D
750
80
0.10
EEHZC1H220P
(5)
1000
33
6.3
7.7
D8
1100
40
0.10
EEHZC1H330XP
(5)
900
68
8
10.2
F
1250
30
0.10
EEHZC1H680P
(6)
500
100
10
10.2
G
1600
28
0.10
EEHZC1H101P
(6)
500
63
10
6.3
5.8
D
700
120
0.08
EEHZC1J100P
(5)
1000
22
6.3
7.7
D8900
80
0.08
EEHZC1J220XP
(5)
900
33
8
10.2
F
1100
40
0.08
EEHZC1J330P
(6)
500
56
10
10.2
G
140030
0.08
EEHZC1J560P
(6)
500
Mar. 2012
01


Similar Part No. - EEHZC1V271P

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEHZC1V271P PANASONIC-EEHZC1V271P Datasheet
62Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitor/ZC
EEHZC1V271P PANASONIC-EEHZC1V271P Datasheet
64Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors
EEHZC1V271P PANASONIC-EEHZC1V271P Datasheet
522Kb / 9P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors
More results

Similar Description - EEHZC1V271P

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEH-ZC1J330P PANASONIC-EEH-ZC1J330P Datasheet
62Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitor/ZC
EEH-ZA1H100R PANASONIC-EEH-ZA1H100R Datasheet
76Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitor/ZA
logo
United Chemi-Con, Inc.
HHXA350ARA470 CHEMI-CON-HHXA350ARA470 Datasheet
451Kb / 2P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
HHXC350ARA220 CHEMI-CON-HHXC350ARA220 Datasheet
418Kb / 2P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
logo
Nichicon corporation
GYA NICHICON-GYA Datasheet
1Mb / 1P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
logo
Panasonic Semiconductor
EEHAZA1E151B PANASONIC-EEHAZA1E151B Datasheet
669Kb / 9P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors
EEE-FK1V101GP PANASONIC-EEE-FK1V101GP Datasheet
98Kb / 1P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
HHXB350ARA470 CHEMI-CON-HHXB350ARA470 Datasheet
352Kb / 2P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
logo
Nippon Precision Circui...
HHXA160ARA820MF61G NPC-HHXA160ARA820MF61G Datasheet
511Kb / 2P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS
logo
Panasonic Semiconductor
EEHZC1E220R PANASONIC-EEHZC1E220R Datasheet
522Kb / 9P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com