Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T491D477M006AT Datasheet(PDF) 3 Page - Kemet Corporation

Part # T491D477M006AT
Description  (Low ESR, Surge Robust) 10 pcs.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T491D477M006AT Datasheet(HTML) 3 Page - Kemet Corporation

  T491D477M006AT Datasheet HTML 1Page - Kemet Corporation T491D477M006AT Datasheet HTML 2Page - Kemet Corporation T491D477M006AT Datasheet HTML 3Page - Kemet Corporation T491D477M006AT Datasheet HTML 4Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
KEMET Part Number
KEMET
Case
Size
EIA
Case
Size
Cap
µF
Voltage
Cap.
Tol.
ESR
100kHz W
T498A475K010ATE2K9
A
3216-18
4.7
10
±10%
2.9
T498C226K016ATE1K0
C
6032-28
22.0
16
±10%
1.0
T499B106K016ATE3K5
B
3528-21
10.0
16
±10%
3.5
T499B475K020ATE3K5
B
3528-21
4.7
20
±10%
3.5
T499A105K025ATE8K0
A
3216-18
1.0
25
±10%
8.0
T499D156K025ATE1K0
D
7343-31
15.0
25
±10%
1.0
T499B105K035ATE5K0
B
3528-21
1.0
35
±10%
5.0
T499D106K035ATE1K0
D
7343-31
10.0
35
±10%
1.0
T499X226K035ATE700
X
7343-43
22.0
35
±10%
0.7
T499D106K050ATE1K0
D
7343-31
10.0
50
±10%
1.0
Kit Part Number: TAN ENG KIT 09 - T498, T499
(High Temperature) 10 pcs.
Kit Part Number: TAN ENG KIT 04 - T495, T510
(Low ESR, Surge Robust) 10 pcs.
Part Number
KEMET
Case
Size
EIA
Case
Size
Cap
µF
Voltage
Cap
Tol.
ESR
100kHz
mW
T495C107M006ATE150
C
6032-28
100.0
6.3
±20%
150
T495D227M010ATE100
D
7343-31
220.0
10
±20%
100
T495V686M016ATE300
V
7343-20
68.0
16
±20%
300
T495D107M016ATE100
D
7343-31
100.0
16
±20%
100
T495X476M020ATE100
X
7343-43
47.0
20
±20%
100
T495D226M025ATE200
D
7343-31
22.0
25
±20%
200
T495X336M035ATE175
X
7343-43
33.0
35
±20%
175
T495X475M050ATE300
X
7343-43
4.7
50
±20%
300
T510X687M004ATE030
X
7343-43
680.0
4
±20%
30
T510E687M006ATE023
E
7260-38
680.0
6
±20%
23
Kit Part Number: TAN ENG KIT 08 - T520, T530, A700
(Low ESR, Polymer) 10 pcs.
KEMET Part Number
KEMET
Case
Size
EIA
Case
Size
Cap
µF
Voltage
Cap
Tol.
ESR
100kHz
mW
T520D337M2R5ATE007
D
7343-31
330.0
2.5
±20%
7
T520B686M004ATE040
B
3528-21
68.0
4
±20%
40
T520V227M004ATE007
V
7343-20
220.0
4
±20%
7
T520Y687M004ATE015
Y
7343-40
680.0
4
±20%
15
T520A226M006ATE100
A
3216-18
22.0
6.3
±20%
100
T520B336M006ATE070
B
3528-21
33.0
6.3
±20%
70
T520T476M006ATE070
T
3528-12
47.0
6.3
±20%
70
T520V157M006ATE015
V
7343-20
150.0
6.3
±20%
15
T520D337M006ATE040
D
7343-31
330.0
6.3
±20%
40
T520X337M010ATE025
X
7343-43
330.0
10
±20%
25
T520W476M016ATE045
W
7343-15
47.0
16
±20%
45
T530X158M2R5ATE005
X
7343-43
1500.0
2.5
±20%
5
T530Y687M004ATE005
Y
7343-40
680.0
4
±20%
5
A700V476M006ATE025
V
7343-20
47.0
6.3
±20%
25
A700D107M006ATE015
D
7343-31
100.0
6.3
±20%
15
A700X157M006ATE010
X
7343-43
150.0
6.3
±20%
10
Kit Part Number: TAN ENG KIT 10 - T491
(Standard T491) 10 pcs.
KEMET Part Number
KEMET
Case
Size
EIA
Case
Size
Cap
µF
Voltage
Cap
Tol.
ESR
100kHz
W
T491B107M006AT
B
3528-21
100.0
6.3
±20%
3.0
T491D477M006AT
D
7343-31
470.0
6.3
±20%
0.4
T491A156M010AT
A
3216-18
15.0
10
±20%
6.0
T491B686M010AT
B
3528-21
68.0
10
±20%
3.0
T491C157M010AT
C
6032-28
150.0
10
±20%
0.9
T491D337M010AT
D
7343-31
330.0
10
±20%
0.5
T491X477M010AT
X
7343-43
470.0
10
±20%
0.2
T491T106M016AT
T
3528-12
10.0
16
±20%
8.0
T491A106M016AT
A
3216-18
10.0
16
±20%
7.0
T491C476M016AT
C
6032-28
47.0
16
±20%
1.2
T491D107M016AT
D
7343-31
100.0
16
±20%
0.7
T491A475M020AT
A
3216-18
4.7
20
±20%
4.0
T491B106M025AT
B
3528-21
10.0
25
±20%
3.0
T491D476M025AT
D
7343-31
47.0
25
±20%
0.7
T491D686M025AT
D
7343-31
68.0
25
±20%
0.7
T491A105M035AT
A
3216-18
1.0
35
±20%
7.5
T491C106M035AT
C
6032-28
10.0
35
±20%
1.6
T491X476M035AT
X
7343-43
47.0
35
±20%
0.6
T491D475M050AT
D
7343-31
4.7
50
±20%
1.4
T491X156M050AT
X
7343-43
15.0
50
±20%
0.7
Kit Part Number: TAN ENG KIT 11 - T491, T494, T520, T528
(Low Profile, Small Case Size) 10 pcs.
Part Number
KEMET
Case
Size
EIA
Case
Size
Cap
µF
Voltage
Cap
Tol.
ESR
100kHz
W
T491A107M004AT
A
3216-18
100.0
4
±20%
4.0
T494R106M006AT
R
2012-12
10.0
6.3
±20%
6.0
T494R475M010AT
R
2012-12
4.7
10
±20%
8.0
T494T226M010AT
T
3528-12
22.0
10
±20%
6.0
T494A156M010AT
A
3216-18
15.0
10
±20%
4.0
T494U686M010AT
U
6032-15
68.0
10
±20%
1.2
T494R225M016AT
R
2012-12
2.2
16
±20%
20.0
T494U336M016AT
U
6032-15
33.0
16
±20%
2.2
T491R105M020AT
R
2012-12
1.0
20
±20%
20.0
T494S155M020AT
S
3216-12
1.5
20
±20%
9.0
T494T335M020AT
T
3528-12
3.3
20
±20%
4.0
T494U106M020AT
U
6032-15
10.0
20
±20%
0.8
T520T476M006ATE070
T
3528-12
47.0
6.3
±20%
70.0
T520M157M006ATE200
M
3528-15
150.0
6.3
±20%
200.0
T520U107M006ATE055
U
6032-15
100.0
6.3
±20%
55.0
T520W227M004ATE040
W
7343-15
220.0
4
±20%
40.0
T528I476M006ATE150
I
3216-10
47.0
6.3
±20%
150.0
T528I336M010ATE150
I
3216-10
33.0
10
±20%
150.0
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • (864) 963-6300 • www.kemet.com
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • (864) 963-6300 • www.kemet.com


Similar Part No. - T491D477M006AT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491D477M006A KEMET-T491D477M006A Datasheet
705Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS T491 SERIES - Precision Molded Chip
More results

Similar Description - T491D477M006AT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T495A335M016ATE3K0 KEMET-T495A335M016ATE3K0 Datasheet
2Mb / 25P
   T495 Surge Robust Low ESR MnO2 Series
T495B106K025ZTE750 KEMET-T495B106K025ZTE750 Datasheet
57Kb / 1P
   Capacitor, Tantalum, SMD, Molded, Low ESR, Surge Robust, 10 uF, 3528, /-10% Tol, 25V@85C
T495X475K050AHE300 KEMET-T495X475K050AHE300 Datasheet
1Mb / 28P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
T495X226M025ATE225 KEMET-T495X226M025ATE225 Datasheet
2Mb / 29P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
T495X476M035ATE300 KEMET-T495X476M035ATE300 Datasheet
2Mb / 29P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
T495X476K035ATE200 KEMET-T495X476K035ATE200 Datasheet
1Mb / 26P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
T495D157K016ATE125 KEMET-T495D157K016ATE125 Datasheet
1Mb / 27P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
T495X107K020ZTE150 KEMET-T495X107K020ZTE150 Datasheet
2Mb / 29P
   Tantalum Surface Mount Capacitors ??Low ESR T495 Series Surge Robust MnO
T495C107K016ZTE200 KEMET-T495C107K016ZTE200 Datasheet
2Mb / 29P
   Tantalum Surface Mount Capacitors ??Low ESR T495 Series Surge Robust MnO2
B45197A3227K509 KEMET-B45197A3227K509 Datasheet
57Kb / 1P
   Capacitor, Tantalum, SMD, Molded, Low ESR, Surge Robust, 220 uF, 7343, /-10% Tol, 16V@85C
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com